Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFT722N-S Datasheet(PDF) 2 Page - Seoul Semiconductor

Part # SFT722N-S
Description  Top View LED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SFT722N-S Datasheet(HTML) 2 Page - Seoul Semiconductor

  SFT722N-S Datasheet HTML 1Page - Seoul Semiconductor SFT722N-S Datasheet HTML 2Page - Seoul Semiconductor SFT722N-S Datasheet HTML 3Page - Seoul Semiconductor SFT722N-S Datasheet HTML 4Page - Seoul Semiconductor SFT722N-S Datasheet HTML 5Page - Seoul Semiconductor SFT722N-S Datasheet HTML 6Page - Seoul Semiconductor SFT722N-S Datasheet HTML 7Page - Seoul Semiconductor SFT722N-S Datasheet HTML 8Page - Seoul Semiconductor SFT722N-S Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
1. Features
Pb-free Reflow Soldering application
RoHS Compliant
6-Pin (R,G,B separate) type
Suitable for all SMT assembly methods ; Suitable for all soldering methods
White colored SMT package and colorless clear window
Encapsulating Resin : Silicone Resin
High Reliability
2. Application
Indoor and outdoor displays
LCD Backlights etc.
R G B – displays
Automotive
Signage and Channel letter
Indicator
3. Absolute Maximum Ratings *1
(Ta=25ºC)
Value
Parameter
Symbol
Red
Green
Blue
Unit
Forward Current
IF
30
30
30
mA
Forward Peak Surge Current
*2
IFM
100
100
100
mA
Reverse Voltage (per die)
VR
5
V
81
*3
120
*3
114
*3
Power Dissipation
Pd
263
*4
mW
Operating Temperature
Topr
-40 ~ +100
ºC
Storage Temperature
Tstg
-40 ~ +100
ºC
*1 Care is to be taken that power dissipation does not exceed the absolute maximum rating of the product.
*2 IFM was measured at TW ≤ 1msec of pulse width and D ≤ 1/10 of duty ratio.
*3 The value for one LED device.(Single color)
*4 The value for total power dissipation when two and more devices are lit simultaneously.
SEOUL SEMICONDUCTOR CO., LTD.
148-29 Kasan-Dong, Keumchun-Gu, Seoul, 153-023, Korea
Phone : 82-2-2106-7305~6
- 2/14 -
SSC-SFT722N-S
SSC-QP-7-03-08(REV.03)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com