Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1636IDD Datasheet(PDF) 2 Page - Linear Technology

Part # LT1636IDD
Description  Over-The-Top Micropower Rail-to-Rail Input and Output Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1636IDD Datasheet(HTML) 2 Page - Linear Technology

  LT1636IDD Datasheet HTML 1Page - Linear Technology LT1636IDD Datasheet HTML 2Page - Linear Technology LT1636IDD Datasheet HTML 3Page - Linear Technology LT1636IDD Datasheet HTML 4Page - Linear Technology LT1636IDD Datasheet HTML 5Page - Linear Technology LT1636IDD Datasheet HTML 6Page - Linear Technology LT1636IDD Datasheet HTML 7Page - Linear Technology LT1636IDD Datasheet HTML 8Page - Linear Technology LT1636IDD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT1636
1636fc
ABSOLUTE MAXIMUM RATINGS
Total Supply Voltage (V+ to V –) .............................. 44V
Input Differential Voltage ......................................... 44V
Input Current ......................................................
±25mA
Shutdown Pin Voltage Above V – ............................. 32V
Shutdown Pin Current .......................................
±10mA
Output Short-Circuit Duration (Note 2) ......... Continuous
Operating Temperature Range (Note 3)
LT1636C/LT1636I .............................. – 40
°C to 85°C
LT1636H .......................................... – 40
°C to 125°C
Specified Temperature Range (Note 4)
LT1636C/LT1636I .............................. – 40
°C to 85°C
LT1636H .......................................... – 40
°C to 125°C
Junction Temperature ........................................... 150
°C
Junction Temperature (DD Package) ................... 125
°C
Storage Temperature Range ................. – 65
°C to 150°C
Storage Temperature Range
(DD Package) ....................................... – 65
°C to 125°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
(Note 1)
ORDER PART
NUMBER
*The temperature grades are identified by a label on the shipping container. Consult factory for parts specified with wider operating temperature ranges.
ORDER PART
NUMBER
S8 PART*
MARKING
1636
1636I
1636H
LT1636CN8
LT1636CS8
LT1636IN8
LT1636IS8
LT1636HS8
TJMAX = 150°C, θJA = 150°C/W (N8)
TJMAX = 150°C, θJA = 190°C/W (S8)
PACKAGE/ORDER I FOR ATIO
MS8 PART*
MARKING
LTCL
LT1636CMS8
LT1636IMS8
TJMAX = 150°C, θJA = 250°C/W
ORDER PART
NUMBER
DD PART*
MARKING
LAAJ
LT1636CDD
LT1636IDD
TJMAX = 125°C, θJA = 160°C/W (NOTE 2)
TOP VIEW
DD PACKAGE
8-LEAD (3mm
× 3mm) PLASTIC DFN
5
6
7
8
4
3
2
1
NULL
–IN
+IN
V–
NULL
V+
OUT
SHDN
1
2
3
4
8
7
6
5
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
NULL
–IN
+IN
V–
NULL
V+
OUT
SHDN
1
2
3
4
8
7
6
5
TOP VIEW
NULL
–IN
+IN
V–
NULL
V+
OUT
SHDN
N8 PACKAGE
8-LEAD PDIP
S8 PACKAGE
8-LEAD PLASTIC SO
LT1636C/LT1636I
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
N8 Package
50
225
µV
0
°C ≤ TA ≤ 70°C
●
400
µV
–40
°C ≤ TA ≤ 85°C
●
550
µV
S8 Package
50
225
µV
0
°C ≤ TA ≤ 70°C
●
600
µV
–40
°C ≤ TA ≤ 85°C
●
750
µV
MS8 Package
50
225
µV
0
°C ≤ TA ≤ 70°C
●
700
µV
–40
°C ≤ TA ≤ 85°C
●
1050
µV
The
● denotes the specifications which apply over the full operating temperature range of –40
°C ≤ TA ≤ 85°C.
VS = 3V, 0V; VS = 5V, 0V; VCM = VOUT = half supply unless otherwise specified. (Note 4)
3V
5V
A D
ELECTRICAL CHARACTERISTICS
UNDERSIDE METAL CONNECTED TO V–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com