Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1637CDD Datasheet(PDF) 13 Page - Linear Technology

Part # LT1637CDD
Description  1.1MHz, 0.4V/關s Over-The-Top Micropower, Rail-To-Rail Input and Output Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1637CDD Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1637CDD Datasheet HTML 8Page - Linear Technology LT1637CDD Datasheet HTML 9Page - Linear Technology LT1637CDD Datasheet HTML 10Page - Linear Technology LT1637CDD Datasheet HTML 11Page - Linear Technology LT1637CDD Datasheet HTML 12Page - Linear Technology LT1637CDD Datasheet HTML 13Page - Linear Technology LT1637CDD Datasheet HTML 14Page - Linear Technology LT1637CDD Datasheet HTML 15Page - Linear Technology LT1637CDD Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LT1637
1637fd
TYPICAL APPLICATIO S
–
+
LT1637
1637 TA03
VIN
0.22
µF
CL ≤ 4700pF
150
Ω
Positive Supply Rail Current Sense
Optional Output Compensation for
Capacitive Loads Greater Than 200pF
–
+
LT1637
IN1
(0V TO 44V)
IN2
(0V TO 44V)
2N5087
2N5210
1637 TA04
1M
VOUT
1M
VCC
100
1M
10k
HYSTERESIS =
10k
1M
3V TO 44V
–
+
LT1637
3V TO 44V
3V
R1
200
Ω
RS
0.2
Ω
R2
2k
VOUT
(0V TO 2.7V)
Q1
2N3904
1637 TA06
LOAD
ILOAD
VOUT
(RS)(R2/R1)
ILOAD =
Over-The-Top Comparator with Hysteresis
Lamp Outage Detector
Over-The-Top Current Sense
–
+
LT1637
5k
1M
5V TO 44V
3V
100k
0.5
Ω
LAMP
ON/OFF
OUT
1637 TA05
OUT = 0V FOR GOOD BULB
3V FOR OPEN BULB
–
+
LT1637
5V
200
Ω
200
Ω
0.2
Ω
2k
0V TO 4.3V
1637 TA02
VOUT = (2Ω)(ILOAD)
Q1
2N3904
LOAD
ILOAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com