Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1637CS8 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1637CS8
Description  1.1MHz, 0.4V/關s Over-The-Top Micropower, Rail-To-Rail Input and Output Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1637CS8 Datasheet(HTML) 5 Page - Linear Technology

  LT1637CS8 Datasheet HTML 1Page - Linear Technology LT1637CS8 Datasheet HTML 2Page - Linear Technology LT1637CS8 Datasheet HTML 3Page - Linear Technology LT1637CS8 Datasheet HTML 4Page - Linear Technology LT1637CS8 Datasheet HTML 5Page - Linear Technology LT1637CS8 Datasheet HTML 6Page - Linear Technology LT1637CS8 Datasheet HTML 7Page - Linear Technology LT1637CS8 Datasheet HTML 8Page - Linear Technology LT1637CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LT1637
1637fd
VOH
Output Voltage Swing HIGH
No Load
●
14.9
14.967
V
ISOURCE = 5mA
●
14.2
14.667
V
ISOURCE = 10mA
●
13.7
14.440
V
ISC
Short-Circuit Current (Note 2)
Short Output to GND
±25
±31.7
mA
0
°C ≤ TA ≤ 70°C
●
±20
mA
–40
°C ≤ TA ≤ 85°C
●
±15
mA
PSRR
Power Supply Rejection Ratio
VS = ±1.5V to ±22V
●
90
115
dB
Minimum Supply Voltage
●
±1.35
V
IS
Supply Current
230
300
µA
●
370
µA
Positive Supply Current, SHDN
VPIN5 = – 20V, VS = ±22V, No Load
●
640
µA
ISHDN
Shutdown Pin Current
VPIN5 = – 21.7V, VS = ±22V, No Load
●
0.3
15
nA
VPIN5 = – 20V, VS = ±22V, No Load
●
0.9
8
µA
Maximum Shutdown Pin Current
VPIN5 = 32V, VS = ±22V
●
20
150
µA
Output Leakage Current, SHDN
VPIN5 = – 20V, VS = ±22V, No Load
●
0.02
2
µA
VL
Shutdown Pin Input Low Voltage
VS = ±22V
●
– 21.7
– 21.6
V
VH
Shutdown Pin Input High Voltage
VS = ±22V
●
– 20.8
–20.0
V
tON
Turn-On Time
VPIN5 = – 10V to – 15V, RL = 10k
35
µs
tOFF
Turn-Off Time
VPIN5 = – 15V to – 10V, RL = 10k
3
µs
GBW
Gain-Bandwidth Product
f = 10kHz
750
1100
kHz
0
°C ≤ TA ≤ 70°C
●
650
kHz
–40
°C ≤ TA ≤ 85°C
●
600
kHz
SR
Slew Rate
AV = – 1, RL = ∞, VO = ±10V, Measure at VO = ±5V
0.225
0.4
V/
µs
0
°C ≤ TA ≤ 70°C
●
0.200
V/
µs
–40
°C ≤ TA ≤ 85°C
●
0.180
V/
µs
The
● denotes the specifications which apply over the full operating temperature range of –40
°C ≤ TA ≤ 85°C, otherwise
specifications are at TA = 25°C. VS = ±15V, VCM = 0V, VOUT = 0V, VSHDN = V
– unless otherwise specified. (Note 4)
LT1637C/LT1637I
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
±15V ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com