Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1640LIN8 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1640LIN8
Description  Negative Voltage Hot Swap Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1640LIN8 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1640LIN8 Datasheet HTML 8Page - Linear Technology LT1640LIN8 Datasheet HTML 9Page - Linear Technology LT1640LIN8 Datasheet HTML 10Page - Linear Technology LT1640LIN8 Datasheet HTML 11Page - Linear Technology LT1640LIN8 Datasheet HTML 12Page - Linear Technology LT1640LIN8 Datasheet HTML 13Page - Linear Technology LT1640LIN8 Datasheet HTML 14Page - Linear Technology LT1640LIN8 Datasheet HTML 15Page - Linear Technology LT1640LIN8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LT1640L/LT1640H
1640lhfb
Figure 13. Using PWRGD to Drive an Optoisolator
VEE
VDD
LT1640L
PWRGD
SENSE
C1
150nF
25V
C3
100
µF
100V
Q1
IRF530
R2
10
Ω
5%
R7
51k
5%
R3
18k
5%
C2
3.3nF
100V
R4
562k
1%
R5
9.09k
1%
R6
10k
1%
R1
0.02
Ω
5%
4
3
2
OV
GND
– 48V
UV
56
8
7
1
MOC207
GATE
DRAIN
1640 F13
PWRGD
+
GND
(SHORT PIN)
*
1N4148
* DIODES INC. SMAT70A
4
3
2
1
APPLICATIONS INFORMATION
+
VEE
VDD
LT1640L
SENSE
C1
C3
Q1
R2
R3
C2
R4
R5
R6
R1
4
3
2
OV
GND
GND
– 48V
UV
56
8
1
7
GATE
ACTIVE LOW
ENABLE MODULE
VOUT
+
VOUT
–
VIN
+
1640 F12
VIN
–
PWRGD
DRAIN
VPG
VEE
ON/OFF
–
+
(SHORT PIN)
*
* DIODES INC. SMAT70A
1N4148
4
3
2
1
+
–
Q2
Figure 12. Active Low Enable Module
When the DRAIN voltage of the LT1640L is high with
respect to VEE, the internal pull-down transistor Q2 is off
and the PWRGD pin is in a high impedance state (Fig-
ure 12). The PWRGD pin will be pulled high by the module’s
internal pull-up current source, turning the module off.
When the DRAIN voltage drops below VPG, Q2 will turn on
and the PWRGD pin will pull low, enabling the module.
The PWRGD signal can also be used to turn on an LED or
optoisolator to indicate that the power is good as shown
in Figure 13.
Gate Pin Voltage Regulation
When the supply voltage to the chip is more than 15.5V,
the GATE pin voltage is regulated at 13.5V above VEE. If the
supply voltage is less than 15.5V, the GATE voltage will be
about 2V below the supply voltage. At the minimum 10V
supply voltage, the gate voltage is guaranteed to be greater
than 6V. The gate voltage will be no greater than 18V for
supply voltages up to 80V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com