Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWAF0B Datasheet(PDF) 10 Page - Seoul Semiconductor

Part # SWAF0B
Description  WHITE SIDE VIEW LED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SWAF0B Datasheet(HTML) 10 Page - Seoul Semiconductor

Back Button SWAF0B Datasheet HTML 6Page - Seoul Semiconductor SWAF0B Datasheet HTML 7Page - Seoul Semiconductor SWAF0B Datasheet HTML 8Page - Seoul Semiconductor SWAF0B Datasheet HTML 9Page - Seoul Semiconductor SWAF0B Datasheet HTML 10Page - Seoul Semiconductor SWAF0B Datasheet HTML 11Page - Seoul Semiconductor SWAF0B Datasheet HTML 12Page - Seoul Semiconductor SWAF0B Datasheet HTML 13Page - Seoul Semiconductor SWAF0B Datasheet HTML 14Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Rev. 1.00
SWAF0B
8. Precautions
(1) Storage conditions
Keep the product in a dry box or a desiccator with a desiccant in order to prevent moisture absorption.
a. Keep it at a temperature in the range from 5°C to 30°C and at a humidity of less than 60% RH.
In case of being stored for more than 3 months, the product should be sealed with Nitrogen gas.
(2) After opening the package
When soldering, this could result in a decrease of the photoelectric effect or light intensity.
a. Soldering should be done right after mounting the product.
b. Keep the temperature in the range from 5°C to 40°C and the humidity at less than 30%.
Soldering should be done within 7 days after opening the desiccant package.
If the product has been exposed for more than 7 days after opening the package or the indicating color
of the desiccator changes, the product must be baked at a temperature between 60°C and 65°C for 10 to
12 hours.
An unused and unsealed product should be repacked in a desiccant package and kept sealed in a dry
atmosphere.
(3) Precautions for use
Any external mechanical force or excessive vibration should not be applied to the product during cooling
after soldering, and it is preferable to avoid rapid cooling.
The product should not be mounted on a distorted part of PCB.
Gloves or wrist bands for ESD(Electric Static Discharge) should be wore in order to prevent ESD and
surge damage, and all devices and equipments must be grounded to the earth.
(4) Miscellaneous
Radiation resistance is not considered.
When cleaning the product, any kind of fluid such as water, oil and organic solvent must not be used
and IPA(Isopropyl Alcohol) must be used.
When using the product, operating current should be settled in consideration of the maximum ambient
temperature.
Its appearance or specification for improvement is subject to change without notice.
SEOUL SEMICONDUCTOR CO., LTD.
9
SSC-QP-7-03-44(갑)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com