Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWAF0H Datasheet(PDF) 5 Page - Seoul Semiconductor

Part # SWAF0H
Description  WHITE SIDE VIEW LED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SWAF0H Datasheet(HTML) 5 Page - Seoul Semiconductor

  SWAF0H Datasheet HTML 1Page - Seoul Semiconductor SWAF0H Datasheet HTML 2Page - Seoul Semiconductor SWAF0H Datasheet HTML 3Page - Seoul Semiconductor SWAF0H Datasheet HTML 4Page - Seoul Semiconductor SWAF0H Datasheet HTML 5Page - Seoul Semiconductor SWAF0H Datasheet HTML 6Page - Seoul Semiconductor SWAF0H Datasheet HTML 7Page - Seoul Semiconductor SWAF0H Datasheet HTML 8Page - Seoul Semiconductor SWAF0H Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Rev. 1.00
SWAF0H
5. CIE Chromaticity Diagram
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
460
470
475
480
485
490
495
500
505
510
515
520525
530
535
540
545
550
555
560
565
570
575
580
585
590
595
600
610
620
630
830
x Coord.
0.24
0.26
0.28
0.30
0.32
0.34
0.36
0.22
0.24
0.26
0.28
0.30
0.32
0.34
0.36
e
f
b
x Coord.
Luminous Intensity
Ranking by Color Coordinates
Ranking by Luminous Intensity
RANK
Min
Max
Unit
b
e
f
J2
1200
1300
J3
1300
1400
J4
1400
1500
J5
1500
1600
mcd
*
The Checked ranks are available
Color Rank
(
IF = 20 mA, Ta = 25°C)
b
e
f
x
y
x
y
x
y
0.264
0.267
0.296
0.276
0.311
0.294
0.280
0.248
0.311
0.294
0.330
0.318
0.296
0.276
0.307
0.315
0.330
0.339
0.287
0.295
0.287
0.295
0.307
0.315
SEOUL SEMICONDUCTOR CO., LTD.
4
SSC-QP-7-03-44(갑)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com