Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWAF07 Datasheet(PDF) 13 Page - Seoul Semiconductor

Part # SWAF07
Description  WHITE SIDE VIEW LED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SWAF07 Datasheet(HTML) 13 Page - Seoul Semiconductor

Back Button SWAF07 Datasheet HTML 7Page - Seoul Semiconductor SWAF07 Datasheet HTML 8Page - Seoul Semiconductor SWAF07 Datasheet HTML 9Page - Seoul Semiconductor SWAF07 Datasheet HTML 10Page - Seoul Semiconductor SWAF07 Datasheet HTML 11Page - Seoul Semiconductor SWAF07 Datasheet HTML 12Page - Seoul Semiconductor SWAF07 Datasheet HTML 13Page - Seoul Semiconductor SWAF07 Datasheet HTML 14Page - Seoul Semiconductor SWAF07 Datasheet HTML 15Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Rev. 1.00
SWAF07
11. Packing
( Tolerance : ±0.2, Unit : mm )
Label
180
13
±0.3
22
2 ±0.2
15.4
13
+0
-3
-0
+0.2
±1.0
4.0±0.1
Anode
Cathode
+0.1
-0
2.0±0.05
4.0±0.1
SECTION B-B'
(1)
Quantity: 3500 pcs / Reel
(2)
Cumulative Tolerance: Cumulative Tolerance / 10 pitches to be ±0.2 mm
(3)
Adhesion Strength of Cover Tape: Adhesion strength to be 0.1 - 0.7 N when the cover tape is turned off from
the carrier tape at 10° angle to be the carrier tape
(4)
Package: P/N, Manufacturing data Code No. and quantity to be indicated on a damp proof Package
SEOUL SEMICONDUCTOR CO., LTD.
12
SSC-QP-7-03-44(갑)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com