Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV232 Datasheet(PDF) 4 Page - Supertex, Inc

Part # HV232
Description  Low Charge Injection 8-Channel High Voltage Analog Switch with Bleed Resistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV232 Datasheet(HTML) 4 Page - Supertex, Inc

  HV232 Datasheet HTML 1Page - Supertex, Inc HV232 Datasheet HTML 2Page - Supertex, Inc HV232 Datasheet HTML 3Page - Supertex, Inc HV232 Datasheet HTML 4Page - Supertex, Inc HV232 Datasheet HTML 5Page - Supertex, Inc HV232 Datasheet HTML 6Page - Supertex, Inc HV232 Datasheet HTML 7Page - Supertex, Inc HV232 Datasheet HTML 8Page - Supertex, Inc HV232 Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
AC Characteristics (over operating conditions V
DD = 5V, unless otherwise noted)
Symbol
Parameter
Value
V
DD
Logic power supply voltage1, 3
4.5V to 13.2V
V
PP
Positive high voltage supply1, 3
40V to V
NN+ 200V
VNN
Negative high voltage supply1, 3
-40V to -160V
V
IH
High-level input voltage
V
DD -1.5V to VDD
VIL
Low-level input voltage
0V to 1.5V
VSIG
Analog signal voltage peak to peak
VNN +10V to VPP -10V
2
T
A
Operating free air-temperature
0°C to 70°C
Notes:
1 Power up/down sequence is arbitrary except GND must be powered-up first and powered-down last.
2V
SIG must be VNN ≤ VSIG ≤ VPP or floating during power up/down transistion.
3 Rise and fall times of power supplies V
DD, VPP, and VNN should not be less than 1.0msec.
Operating Conditions*
V
PP = 40V, VNN = -160V, RL = 50Ω
V
PP = 100V, VNN = -100V, RL = 50Ω
V
PP = 160V, VNN = -40V, RL = 50Ω
150
150
150
150
150
150
mV
Output Voltage Spike
+25
°C
Units
Characteristics
Sym
Test Conditions
min
typ
max
+V
SPK
-V
SPK
+V
SPK
-V
SPK
+V
SPK
-V
SPK
Electrical Characteristics
HV232



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com