Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1713 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1713
Description  Single/Dual, 7ns, Low Power,3V/5V/짹5V Rail-to-Rail Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1713 Datasheet(HTML) 5 Page - Linear Technology

  LT1713 Datasheet HTML 1Page - Linear Technology LT1713 Datasheet HTML 2Page - Linear Technology LT1713 Datasheet HTML 3Page - Linear Technology LT1713 Datasheet HTML 4Page - Linear Technology LT1713 Datasheet HTML 5Page - Linear Technology LT1713 Datasheet HTML 6Page - Linear Technology LT1713 Datasheet HTML 7Page - Linear Technology LT1713 Datasheet HTML 8Page - Linear Technology LT1713 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LT1713/LT1714
Note 8: Output voltage swings are characterized and tested at V+ = 5V and
V– = 0V. They are designed and expected to meet these same
specifications at V– = – 5V.
Note 9: The input voltage range is tested under the more demanding
conditions of V+ = 5V and V– = –5V. The LT1713/LT1714 are designed
and expected to meet these specifications at V– = 0V.
ELECTRICAL CHARACTERISTICS
Note 10: The LT1713/LT1714 voltage gain is tested at V+ = 5V and
V– = – 5V only. Voltage gain at single supply V+ = 5V and V+ = 2.7V is
guaranteed by design and correlation.
Note 11: Input offset voltage over temperature at V+ = 2.7V is guaranteed
by design and characterization.
TYPICAL PERFOR A CE CHARACTERISTICS
Propagation Delay
vs Load Capacitance
Input Offset Voltage
vs Temperature
TEMPERATURE (
°C)
–50
2.5
2.0
1.5
1.0
0.5
0
– 0.5
– 1.0
– 1.5
– 2.0
– 2.5
0
50
75
171314 G01
–25
25
100
125
V+ = 5V
V – = 0V
VCM = 2.5V
LOAD CAPACITANCE (pF)
0
60
100
171314 G02
20
14
12
10
8
tPD
+
6
4
2
0
40
80
120
tPD
–
TA = 25°C
V+ = 5V
V – = 0V
VCM = 2.5V
VOD = 20mV
VSTEP = 100mV
TEMPERATURE (
°C)
–50
100
171314 G03
050
16
14
12
10
8
6
4
2
0
–25
25
75
125
tPD
+
tPD
–
V+ = 5V
V – = 0V
VCM = 2.5V
VOD = 20mV
VSTEP = 100mV
CLOAD = 10pF
Propagation Delay
vs Input Common Mode Voltage
Propagation Delay
vs Positive Supply Voltage
Positive Supply Current
vs Positive Supply Voltage
Propagation Delay
vs Temperature
INPUT COMMON MODE (V)
– 0.5
7.5
8.0
tPD
+
tPD
–
8.5
2.5
4.5
171314 G04
7.0
6.5
6.0
0.5
1.5
3.5
9.0
9.5
10.0
5.5
TA = 25°C
V+ = 5V
V – = 0V
VOD = 20mV
VSTEP = 100mV
CLOAD = 10pF
POSITIVE SUPPLY VOLTAGE (V)
0
9.5
6
171314 G05
8.0
7.0
24
8
6.5
6.0
10.0
9.0
8.5
7.5
10
12
14
tPD
–
TA = 25°C
V– = 0V
VCM = 2.5V
VOD = 20mV
VSTEP = 100mV
CLOAD = 10pF
tPD
+
POSITIVE SUPPLY VOLTAGE (V)
2
4.0
4.5
5.0
5.5
6.0
7.0
4
68
10
171314 G06
12
6.5
V– = –5V
V– = 0V
TA = 25°C
∆VIN = 100mV
IOUT = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com