Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV232GA Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV232GA
Description  Low Charge Injection 8-Channel High Voltage Analog Switch with Bleed Resistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV232GA Datasheet(HTML) 2 Page - Supertex, Inc

  HV232GA Datasheet HTML 1Page - Supertex, Inc HV232GA Datasheet HTML 2Page - Supertex, Inc HV232GA Datasheet HTML 3Page - Supertex, Inc HV232GA Datasheet HTML 4Page - Supertex, Inc HV232GA Datasheet HTML 5Page - Supertex, Inc HV232GA Datasheet HTML 6Page - Supertex, Inc HV232GA Datasheet HTML 7Page - Supertex, Inc HV232GA Datasheet HTML 8Page - Supertex, Inc HV232GA Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Electrical Characteristics
DC Characteristics (over recommended operating conditions unless otherwise noted)
30
26
38
48
ISIG = 5mA
VPP = 40V,
25
22
27
32
ISIG = 200mA VNN = -160V
Small Signal Switch (ON)
R
ONS
25
22
27
30
ohms
I
SIG = 5mA
V
PP = 100V,
Resistance
18
18
24
27
ISIG = 200mA VNN = -100V
23
20
25
30
ISIG = 5mA
VPP = 160V,
22
16
25
27
I
SIG = 200mA
V
NN = -40V
Small Signal Switch (ON)
∆RONS
20
5.0
20
20
%
ISW = 5mA, VPP = 100V,
Resistance Matching
V
NN = -100V
Large Signal Switch (ON)
RONL
15
ohms
VSIG = VPP - 10V, ISIG = 1A
Resistance
Output Switch Shunt
RINT
20
35
50
KΩ
Output switch to RGND
Resistance
Switch Off Leakage
I
SOL
5.0
1.0
10
15
µAVSIG = VPP - 10V
Per Switch
DC Offset Switch Off
300
100
300
300
mV
No Load
DC Offset Switch On
500
100
500
500
mV
No Load
Pos. HV Supply Current
IPPQ
10
50
µA
ALL SWs OFF
Neg. HV Supply Current
I
NNQ
-10
-50
µA
ALL SWs OFF
Pos. HV Supply Current
IPPQ
10
50
µA
ALL SWs ON, ISW = 5mA
Neg. HV Supply Current
I
NNQ
-10
-50
µA
ALL SWs ON, I
SW = 5mA
Switch Output
3.0
3.0
2.0
2.0
A
V
SIG duty cycle ≤ 0.1%
Peak Current
Output Switch Frequency
f
SW
50
KHz
Duty Cycle = 50%
6.5
7.0
8.0
VPP = 40V,
V
NN = -160V
IPP Supply Current
IPP
4.0
5.0
5.5
mA
VPP = 100V,
V
NN = -100V
4.0
5.0
5.5
VPP = 160V,
V
NN = -40V
6.5
7.0
8.0
VPP = 40V,
V
NN = -160V
INN Supply Current
INN
4.0
5.0
5.5
mA
VPP = 100V,
V
NN = -100V
4.0
5.0
5.5
VPP = 160V,
V
NN = -40V
Logic Supply
IDD
4.0
4.0
4.0
mA
fCLK = 5MHz, VDD = 5.0V
Average Current
Logic Supply
IDDQ
10
10
10
µA
Quiescent Current
Data Out Source Current
ISOR
0.45
0.45
0.70
0.40
mA
VOUT = VDD - 0.7V
Data Out Sink Current
I
SINK
0.45
0.45
0.70
0.40
mA
V
OUT = 0.7V
Logic Input Capacitance
C
IN
10
10
10
pF
0
°C
+25
°C
+70
°C
Characteristics
Sym
Units
Test Conditions
min
max
min
typ
max
min
max
50KHz
Output
Switching
Frequency
with no
load
HV232



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com