Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV311LG Datasheet(PDF) 3 Page - Supertex, Inc

Part # HV311LG
Description  Hotswap, Controllers with Circuit Breaker
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV311LG Datasheet(HTML) 3 Page - Supertex, Inc

  HV311LG Datasheet HTML 1Page - Supertex, Inc HV311LG Datasheet HTML 2Page - Supertex, Inc HV311LG Datasheet HTML 3Page - Supertex, Inc HV311LG Datasheet HTML 4Page - Supertex, Inc HV311LG Datasheet HTML 5Page - Supertex, Inc HV311LG Datasheet HTML 6Page - Supertex, Inc HV311LG Datasheet HTML 7Page - Supertex, Inc HV311LG Datasheet HTML 8Page - Supertex, Inc HV311LG Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
3
HV301/HV311
Absolute Maximum Ratings
V
EE reference to VDD pin
+0.3V to -100V
V
PWRGD referenced to VEE Voltage
-0.3V to +100V
V
UV and VOV referenced to VEE Voltage
-0.3V to +12V
Operating Ambient Temperature
-40°C to +85°C
Operating Junction Temperature
-40°C to +125°C
Storage Temperature Range
-65°C to +150°C
Pin Description
PWRGD – The Power Good Output Pin is held inactive on initial
power application and will go active when the external MOSFET
is fully turned on. This pin may be used as an enable control
when connected directly to a PWM power module.
OV – This OverVoltage (OV) sense pin, when raised above its
high threshold will immediately cause the GATE pin to be pulled
low. The GATE pin will remain low until the voltage on this pin falls
below the low threshold limit, initiating a new start-up cycle.
UV – This UnderVoltage (UV) sense pin, when below its low
threshold limit will immediately cause the GATE pin to be pulled
low. The GATE pin will remain low until the voltage on this pin
rises above the high threshold limit, initiating a new start-up
cycle.
V
EE – This pin is the negative terminal of the power supply input
to the circuit.
V
DD – This pin is the positive terminal of the power supply input
to the circuit.
RAMP – This pin provides a current output so that a timing ramp
voltage is generated when a capacitor is connected.
GATE – This is the Gate Driver Output for the external N-
Channel MOSFET.
SENSE – The current sense resistor connected from this pin to
V
EE Pin programs the circuit breaker trip limit.
General Description, cont’d.
PWRGD Logic
l
e
d
o
Mn
o
i
t
i
d
n
o
CD
G
R
W
P
1
0
3
V
H
)
y
d
a
e
R
t
o
N
(
E
V
I
T
C
A
N
I0
V
E
E
)
y
d
a
e
R
(
E
V
I
T
C
A1
Z
I
H
1
1
3
V
H
)
y
d
a
e
R
t
o
N
(
E
V
I
T
C
A
N
I1
Z
I
H
)
y
d
a
e
R
(
E
V
I
T
C
A0
V
E
E
inactive state. Thereafter a programmable auto-retry timer will
hold the device off to allow the pass element to cool before
resetting and restarting. The auto-retry can be disabled using a
single resistor if desired.
The HV301/HV311 includes a current mode servo-circuit which
can be used as a return to limit during input voltage steps such
as would be seen in a diode “ORed” situation when power
switches back to regulated supply from battery operation. The
HV301/HV311 allow independent programming of the trigger
level of this phenomenon so that it may be set at a different level
to the current limit level if desired. Under all circumstances the
maximum servo period is limited to 100ms to protect the pass
element.
Pinout
PWRGD (HV301)
PWRGD (HV311)
OV
UV
VEE
VDD
RAMP
GATE
SENSE
1
2
3
4
8
7
6
5
Ordering Information
f
o
e
t
a
t
S
e
v
i
t
c
A
a
n
g
i
S
d
o
o
G
r
e
w
o
P
l
s
n
o
i
t
p
O
e
g
a
k
c
a
P
O
S
n
i
P
8
H
G
I
HG
L
1
0
3
V
H
W
O
LG
L
1
1
3
V
H
5.00ms/div
Waveforms
Drain
50V/div
V
IN
50V/div
Gate
5.00V/div
I
inrush
500mA/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com