Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSD621 Datasheet(PDF) 1 Page - Connor-Winfield Corporation

Part # MSD621
Description  LEADLESS SURFACE MOUNT HCMOS CLOCK OSCILLATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

MSD621 Datasheet(HTML) 1 Page - Connor-Winfield Corporation

  MSD621 Datasheet HTML 1Page - Connor-Winfield Corporation MSD621 Datasheet HTML 2Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
THE CONNOR-WINFIELD CORP.
2111 COMPREHENSIVE DRIVE.
AURORA, IL 60505.
FAX (630) 851-5040.
PHONE (630) 851-4722.
HTTP://WWW.CONWIN.COM
PRODUCT
DA T A
SHEET
Specifications subject to change without notice.
DATASHEET #:
REV:
DATE:
PAGE
OF
Copyright 2001 Connor-Winfield all rights reserved.
a
HC201
11/19/03
00
CRYSTAL CONTROLLED OSCILLATORS
The Connor-Winfield MSD621
is a hermetically sealed surface
mount 5.0V Crystal Controlled
Oscillator (XO) HCMOS/TTL
Compatible. The MSD621 is
designed for applications
requiring low jitter and tight
stability.
1
2
MSD621 -
100.00 MHz
CLOCK
SERIES
CENTER
FREQUENCY
5.0V OPERATION
LOW JITTER <1ps RMS
FREQUENCY TOLERANCE: ±50ppm
TEMPERATURE RANGE: -40 to 85°C
TRI-STATE ENABLE / DISABLE
FUNCTION
TAPE AND REEL PACKAGING
LEADLESS SURFACE MOUNT HCMOS
CLOCK OSCILLATOR
MSD621
ORDERING INFORMATION
FEATURES
DESCRIPTION
ABSOLUTE MAXIMUM RATINGS
TABLE 1.0
PARAMETER
UNITS
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
Storage Temperature
-55
-
125
°C
Supply Voltage
(Vcc)
-0.5
-
7
Vdc
OPERATING SPECIFICATIONS
TABLE 2.0
PARAMETER
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
Frequency Range
(Fo)
1.8
-
115
MHz
Total Frequency Tolerance
-50
-
50
ppm
1
Operating Temperature Range
-40
-
85
°C
Supply Voltage
(Vcc)
4.50
5.00
5.50
Vdc
Supply Current
(Icc)
-
-
50
mA
Jitter (BW=10Hz to 20MHz)
-
-
5
ps rms
Jitter (BW=12kHz to 20MHz)
-
-
1
ps rms
SSB Phase Noise at 10Hz offset
-
-60
-
dBc/Hz
SSB Phase Noise at 100Hz offset
-
-90
-
dBc/Hz
SSB Phase Noise at 1KHz offset
-
-125
-
dBc/Hz
SSB Phase Noise at 10KHz offset
-
-135
-
dBc/Hz
SSB Phase Noise at 100KHz offset
-
-140
-
dBc/Hz
INPUT CHARACTERISTICS
TABLE 3.0
PARAMETER
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
Tri-state Enable Voltage
(Vih)
>70%Vcc
-
-
Vdc
2
Tri-state Disable Voltage
(Vil)
-
-
<30%Vcc
Vdc
2
HCMOS OUTPUT
CHARACTERISTICS
TABLE 4.0
PARAMETER
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
LOAD
-
-
50
pF
Voltage
(High)
(Voh)
> 0.9(Vcc)
-
-
Vdc
(Low)
(Vol)
-
-
< 0.1(Vcc)
Vdc
Current
(High)
(Ioh)
-16
-
-
mA
(Low)
(Ioh)
-
-
16
mA
Duty Cycle at 50% of Vcc
45
50
55
%
Rise / Fall Time 10% to 90%
-
1.5
3
nS
Note:
1) Inclusive of calibration, frequency vs. temperature stability, supply voltage change, load change,
shock and vibration, 20 years aging.
2) Oscillator output is enabled with no connection on pad 1
PACKAGE CHARACTERISTICS
TABLE 5.0
Package
Hermetically sealed, leadless ceramic package.


Similar Part No. - MSD621

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
MSD624 CONNOR-WINFIELD-MSD624 Datasheet
153Kb / 2P
SURFACE MOUNT J LEADED HCMOS CLOCK OSCILLATOR
MSD624-100.00M CONNOR-WINFIELD-MSD624-100.00M Datasheet
153Kb / 2P
SURFACE MOUNT J LEADED HCMOS CLOCK OSCILLATOR
MSD62A1 CONNOR-WINFIELD-MSD62A1 Datasheet
104Kb / 2P
HCMOS SM CLOCK WITH TRI-STATE
MSD62A1-44.736M CONNOR-WINFIELD-MSD62A1-44.736M Datasheet
104Kb / 2P
HCMOS SM CLOCK WITH TRI-STATE
MSD62A4 CONNOR-WINFIELD-MSD62A4 Datasheet
241Kb / 2P
3.3V SURFACE MOUNT HCMOS CLOCK OSCILLATOR
More results

Similar Description - MSD621

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASA ABRACON-ASA Datasheet
302Kb / 1P
HCMOS SURFACE-MOUNT CRYSTAL CLOCK OSCILLATOR
logo
Connor-Winfield Corpora...
FSLD52TE CONNOR-WINFIELD-FSLD52TE Datasheet
235Kb / 2P
SURFACE MOUNT 3.3V HCMOS CLOCK OSCILLATOR
FSLD54TE CONNOR-WINFIELD-FSLD54TE Datasheet
122Kb / 2P
SURFACE MOUNT 3.3V HCMOS CLOCK OSCILLATOR
MSD52A4 CONNOR-WINFIELD-MSD52A4 Datasheet
179Kb / 2P
3.3V SURFACE MOUNT HCMOS CLOCK OSCILLATOR
MSD54A1G CONNOR-WINFIELD-MSD54A1G Datasheet
208Kb / 2P
3.3V SURFACE MOUNT HCMOS CLOCK OSCILLATOR
MSD62A4 CONNOR-WINFIELD-MSD62A4 Datasheet
241Kb / 2P
3.3V SURFACE MOUNT HCMOS CLOCK OSCILLATOR
MSD611 CONNOR-WINFIELD-MSD611 Datasheet
210Kb / 2P
LEADLESS SURFACE MOUNT HCMOS CLOCK OSCILLATOR
MSD631 CONNOR-WINFIELD-MSD631 Datasheet
203Kb / 2P
LEADLESS SURFACE MOUNT HCMOS CLOCK OSCILLATOR
MSD641 CONNOR-WINFIELD-MSD641 Datasheet
210Kb / 2P
LEADLESS SURFACE MOUNT HCMOS CLOCK OSCILLATOR
logo
Abracon Corporation
ASA1 ABRACON-ASA1 Datasheet
1Mb / 2P
HCMOS SURFACE-MOUNT CRYSTAL CLOCK OSCILLATOR
03.12.12
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com