Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCG4521 Datasheet(PDF) 3 Page - Connor-Winfield Corporation

Part # SCG4521
Description  Synchronous Clock Generators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

SCG4521 Datasheet(HTML) 3 Page - Connor-Winfield Corporation

  SCG4521 Datasheet HTML 1Page - Connor-Winfield Corporation SCG4521 Datasheet HTML 2Page - Connor-Winfield Corporation SCG4521 Datasheet HTML 3Page - Connor-Winfield Corporation SCG4521 Datasheet HTML 4Page - Connor-Winfield Corporation SCG4521 Datasheet HTML 5Page - Connor-Winfield Corporation SCG4521 Datasheet HTML 6Page - Connor-Winfield Corporation SCG4521 Datasheet HTML 7Page - Connor-Winfield Corporation SCG4521 Datasheet HTML 8Page - Connor-Winfield Corporation SCG4521 Datasheet HTML 9Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Advance Data Sheet #: SG036
Page 3 of 16
Rev: A02
Date: 10/25/01
© Copyright 2001 The Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
NOTES:
1.0
Operation of the device at these or any other condition beyond those listed under Operating Specifications is not implied.
Exposure to Absolute Maximum Rating conditions for extended periods of time may affect device reliability.
2.0
Requires external regulation and supply decoupling. (22 uF, 330 pF)
3.0
3db loop response.
4.0
From a 20 PPM step in reference frequency at 25°C @ 3.3V
5.0
50-ohm load biased to 1.3 volts.
6.0
Jitter based on SONET OC-48 bandwidth. (12KHz to 20 MHz)
7.0
Entry into Free Run doesn’t meet requirement for initial 2.33 seconds of self-timing.
7.1
If the selected reference is removed system response to the ALARM must be less than 10µs.
Absolute Maximum Rating
Table 1
Symbol
Parameter
Minimum
Nominal
Maximum
Units
Notes
V
cc
Power Supply Voltage
-0.5
-
+4.0
Volts
1.0
V
i
Input Voltage
-0.5
-
+5.5
Volts
1.0
T
s
Storage Temperature
-65.0
-
+100
°C
1.0
Operating Specifications
Table 2
Symbol
Parameter
Minimum
Nominal
Maximum
Units
Notes
V
cc
Power Supply Voltage
3.135
3.3
3.465
Volts
2.0
I
cc
Power Supply Current
170
250
320
mA
5.0
T
o
Temperature Range
0
-
70
°C
F
REF
External Reference Frequency
19.44
MHz
F
fr
Free Run Frequency
-20
-
20
ppm
F
LV
LVPECL Differential Output Frequency
155.52
MHz
F
CM
CMOS Output Frequency
51.84
MHz
F
cap
Capture/pull-in range
-25
-
25
ppm
F
bw
Jitter Filter Bandwidth
-
-
10
Hz
3.0
T
jtol
Input Jitter Tolerance
-
-
6.25
µs
T
aq
Acquisition Time
-
1
-
s
4.0
T
rf
Output Rise and Fall Time (20% 80%)
100
225
350
ps
5.0
LV
DC
LVPECL Output Duty Cycle
40
60
%
CM
DC
CMOS Output Duty Cycle
40
60
%
LV
S
LVPECL Output Jitter (OC-48)
<1
psRMS
6.0
CM
S
CMOS Output Jitter
3
5
psRMS
6.0
MTIE
sr
MTIE at Synchronization Rearrangement
GR-253-CORE.1999 R5-136
7.0, 7.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com