Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA15PFP2 Datasheet(PDF) 2 Page - Adam Technologies, Inc.

Part # DA15PFP2
Description  D-SUBMINIATURE IDC FLAT CABLE TERMINATION
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

DA15PFP2 Datasheet(HTML) 2 Page - Adam Technologies, Inc.

  DA15PFP2 Datasheet HTML 1Page - Adam Technologies, Inc. DA15PFP2 Datasheet HTML 2Page - Adam Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Adam Technologies, Inc.
909 Rahway Avenue • Union, New Jersey 07083 • T: 908-687-5000 • F: 908-687-5710 • WWW.ADAM-TECH.COM
93
.232 [5.90]
.232 [5.90]
D
.327
[8.30]
C
.109
[2.77]
A
B
.112 [2.84]
.492
[12.50]
.232 [5.90]
D
.232 [5.90]
.109
[2.77]
.311
[7.90]
.492
[12.50]
#4-40 Thread or
.130ø [3.30] Thru- Hole
C
A
B
.112 [2.84]
Me
ta
l She
ll or
All Pla
st ic
Me
ta
l She
ll or
All Pla
st ic
#4-40 Thr e
a
d
or
.130ø [3.30] Thru- Hole
.232 [5.90]
.232 [5.90]
D
.327
[8.30]
C
.109
[2.77]
A
B
.112 [2.84]
.492
[12.50]
.232 [5.90]
D
.232 [5.90]
.109
[2.77]
.311
[7.90]
.492
[12.50]
#4-40 Thread or
.130ø [3.30] Thru- Hole
C
A
B
.112 [2.84]
Me
ta
l She
ll or
All Pla
st ic
Me
ta
l She
ll or
All Pla
st ic
#4-40 Thr e
a
d
or
.130ø [3.30] Thru- Hole
D-SUBMINIATURE
IDC FLAT CABLE TERMINATION
DPF & DSF SERIES
PLUG
SOCKET
1.541 [39.14]
1.312 [33.32]
15
.994 [25.25]
2.500 [63.50]
1.852 [47.04]
37
25
2.182 [55.43]
1.534 [38.96]
2.729 [69.32]
2.088 [53.04]
.984 [24.99]
DIMENSIONS
Positions
9
.666 [16.92]
A
C
1.213 [30.81]
B
.971 [24.66]
2.159 [54.84]
1.511 [38.38]
.643 [16.33]
A
PLUG
SOCKET
Unit: Inch [mm]
1.213 [30.81]
2.414 [61.32]
1.755 [44.57]
D
.883 [22.44]



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com