Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA15PRSL Datasheet(PDF) 2 Page - Adam Technologies, Inc.

Part # DA15PRSL
Description  D-SUBMINIATURE CRIMP AND POKE SYSTEM
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

DA15PRSL Datasheet(HTML) 2 Page - Adam Technologies, Inc.

  DA15PRSL Datasheet HTML 1Page - Adam Technologies, Inc. DA15PRSL Datasheet HTML 2Page - Adam Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Adam Technologies, Inc.
909 Rahway Avenue • Union, New Jersey 07083 • T: 908-687-5000 • F: 908-687-5710 • WWW.ADAM-TECH.COM
97
D-SUBMINIATURE
CRIMP AND POKE HOUSINGS & CONTACTS
DPR / DSR SERIES
.157 [4.0]
.228 [5.8]
.031 [0.8]
D
.433 [11.0]
.232 [5.9]
.421 [10.70]
.283 [7.18]
.260 [6.60]
A
B
C
.109 [2.77]
.112 [2.84]
.329 [8.36]
.494 [12.55]
10°
ø.118 [3.0]
.031 [0.8]
D
.433 [11.0]
.283 [7.18]
.232 [5.9]
.260 [6.60]
.421 [10.70]
.494 [12.55]
.112 [2.84]
C
B
A
.109 [2.77]
.311 [7.90]
10°
ø.118 [3.0]
PLUG HOUSING
SOCKET HOUSING
MOUNTING OPTIONS
SL Option
Bottom side riveted #4-40
Clinch Nuts
PLUG CRIMP CONTACTS
SOCKET CRIMP CONTACTS
.324
[8.24]
.743 [18.87]
.118
[3.0]
.065
[1.66]
SEC A-A
SEC B-B
.070
[1.75]
ø.039
[1.00]
.084
[2.14]
.089
[2.26]
.060
[1.54]
.118
[3.0]
.367 [9.32]
.733 [18.62]
BA
B
A
.089
[2.26]
SEC A-A
.084
[2.14]
SEC B-B
.070
[1.75]
.076
[1.95]
.067 [1.70]
.060
[1.54]
B
A
A
B
.324
[8.24]
.743 [18.87]
.118
[3.0]
.065
[1.66]
SEC A-A
SEC B-B
.070
[1.75]
ø.039
[1.00]
.084
[2.14]
.089
[2.26]
.060
[1.54]
.118
[3.0]
.367 [9.32]
.733 [18.62]
BA
B
A
.089
[2.26]
SEC A-A
.084
[2.14]
SEC B-B
.070
[1.75]
.076
[1.95]
.067 [1.70]
.060
[1.54]
B
A
A
B
JS Option
Top side riveted #4-40
Jack Screws



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com