Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDL44PLA Datasheet(PDF) 1 Page - Adam Technologies, Inc.

Part # HDL44PLA
Description  HIGH DENSITY D-SUB RIGHT ANGLE PCB MOUNT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

HDL44PLA Datasheet(HTML) 1 Page - Adam Technologies, Inc.

  HDL44PLA Datasheet HTML 1Page - Adam Technologies, Inc. HDL44PLA Datasheet HTML 2Page - Adam Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Adam Technologies, Inc.
909 Rahway Avenue • Union, New Jersey 07083 • T: 908-687-5000 • F: 908-687-5710 • WWW.ADAM-TECH.COM
108
INTRODUCTION:
Adam Tech Right Angle PCB High Density D-Sub connectors are a
popular interface for many I/O applications. Offered in 15, 26, 44, 62
and 78 positions they are a good choice for a low cost industry
standard high density connection. Adam Tech connectors are
manufactured with precision stamped contacts offering a choice of
contact plating and a wide selection of mating and mounting options.
FEATURES:
High Density in standard size shell
Industry standard compatibility
Durable metal shell design
Precision formed contacts
Variety of Mating and mounting options
MATING CONNECTORS:
Adam Tech high density D-Subminiatures and all industry standard
high density D-Subminiature connectors.
SPECIFICATIONS:
Material:
Standard insulator: PBT, 30% glass reinforced, rated UL94V-0
Optional Hi-Temp insulator: Nylon 6T rated UL94V-0
Insulator Colors: HDL Series: Black
HDVG Series: Blue
Contacts: Phosphor Bronze
Shell: Steel, Tin or Zinc plated
Hardware: Brass, Nickel plated
Contact Plating:
Gold Flash (15 and 30 µin Optional) over Nickel underplate overall.
Electrical:
Operating voltage: 250V AC / DC max.
Current rating: 5 Amps max.
Contact resistance: 20 m
Ω max initial
Insulation resistance: 5000 M
Ω min.
Dielectric withstanding voltage: 1000V AC for 1 minute
Mechanical:
Insertion force: 0.75 lbs max
Extraction force: 0.44 lbs min
Temperature Rating:
Operating temperature: -65°C to +125°C
Soldering process temperature:
Standard insulator: 235°C
Hi-Temp insulator: 260°C
PACKAGING:
Anti-ESD plastic trays
APPROVALS AND CERTIFICATIONS:
UL Recognized File No. E224053
CSA Certified File No. LR1578596
HIGH DENSITY D-SUB
RIGHT ANGLE PCB MOUNT
HDL SERIES
OPTIONS:
Add designator(s) to end of part number
15 = 15 µin gold plating in contact area
30 = 30 µin gold plating in contact area
EMI = Ferrite filtered version for EMI / RFI
suppression (Page 101)
F = Retention 4 prong boardlocks
HT = Hi-Temp insulator for Hi-Temp soldering
processes up to 260°C
R = Round Riveted Jackscrews
ORDERING INFORMATION
HDL
15
SL
SERIES INDICATOR
HDL = High Density
D-Sub
HDVG= High Density
VESA
connector
with recessed
#9 pin and
blue insulator
POSITIONS
15, 26, 44, 62, 78
CONTACT TYPE
PL = Plug, Right
Angle Mount
SL = Socket, Right
Angle Mount
MOUNT OPTIONS
A = #4-40 Jackscrews
and forked
boardlocks
B = #4-40 Flush
threaded inserts and
forked boardlocks
C = #4-40 Flush
threaded inserts
with removable
jackscrews and
forked boardlocks
D= Topside ground
straps with
screw holes
B
®
®
V
D E
UL
®
RoHS
COMPLIANT
2002 / 95 / EC
2002 / 95 / EC
Pb
RoHS
COMPLIANT
HI-TEMP
INSULATOR
A V A I L A B L E


Similar Part No. - HDL44PLA

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
HDL4S YANGJIE-HDL4S Datasheet
181Kb / 4P
Bridge Rectifiers
HDL4S YANGJIE-HDL4S Datasheet
181Kb / 4P
Bridge Rectifiers
More results

Similar Description - HDL44PLA

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
HDT15ST ADAM-TECH-HDT15ST Datasheet
197Kb / 2P
HIGH DENSITY D-SUB STRAIGHT PCB TAIL
logo
Dubilier
DBCHDFSR26G DUBILIER-DBCHDFSR26G Datasheet
208Kb / 1P
D TYPE CONNECTORS LOW COST HIGH DENSITY PCB RIGHT ANGLE
logo
Adam Technologies, Inc.
DXXX-SL-14 ADAM-TECH-DXXX-SL-14 Datasheet
101Kb / 1P
D-SUB RIGHT ANGLE PCB
DXXX-SL-23 ADAM-TECH-DXXX-SL-23 Datasheet
104Kb / 1P
D-SUB RIGHT ANGLE PCB
DXXX-SL-24-F ADAM-TECH-DXXX-SL-24-F Datasheet
107Kb / 1P
D-SUB RIGHT ANGLE PCB
DXXX-SQ-F3 ADAM-TECH-DXXX-SQ-F3 Datasheet
124Kb / 1P
D-SUB RIGHT ANGLE PCB
logo
Kycon, Inc.
K61X KYCON-K61X Datasheet
722Kb / 1P
High Density Right Angle PCB Mount Compact Footprint
logo
Molex Electronics Ltd.
1731130154 MOLEX-1731130154 Datasheet
229Kb / 2P
HPD HIGH DENSITY D-SUB, RIGHT ANGLE PCB CONNECTOR, WITH MACHINED MALE CONTACTS
2017/06/07
1731130157 MOLEX-1731130157 Datasheet
298Kb / 2P
HPD HIGH DENSITY D-SUB, RIGHT ANGLE PCB CONNECTOR, WITH MACHINED FEMALE SOCKET CONTACTS
2021/11/25
logo
List of Unclassifed Man...
SPC15239 ETC-SPC15239 Datasheet
91Kb / 1P
15Pin High-Density D-Sub Connector, R/A PCB Mount
07/25/06
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com