Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DD50PDJS Datasheet(PDF) 1 Page - Adam Technologies, Inc.

Part # DD50PDJS
Description  D-SUBMINIATURE SOLDER CUP TERMINATION
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

DD50PDJS Datasheet(HTML) 1 Page - Adam Technologies, Inc.

  DD50PDJS Datasheet HTML 1Page - Adam Technologies, Inc. DD50PDJS Datasheet HTML 2Page - Adam Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Adam Technologies, Inc.
909 Rahway Avenue • Union, New Jersey 07083 • T: 908-687-5000 • F: 908-687-5710 • WWW.ADAM-TECH.COM
94
D-SUBMINIATURE
SOLDER CUP TERMINATION
DPD & DSD SERIES
OPTIONS:
Add designator(s) to end of part number
15 = 15 µin gold plating in contact area
30 = 30 µin gold plating in contact area
EMI = Ferrite filtered version for EMI / RFI
suppression (Page 72)
WT = White Color Insulator
PD
SL
SHELL SIZE/
POSITIONS
DE09 = 9 Position
DA15 = 15 Position
DB25 = 25 Position
DC37 = 37 Position
DD50 = 50 Position
CONTACT TYPE
PD = Solder Cup, Plug
SD = Solder Cup, Socket
MOUNTING OPTIONS
Blank = .120" Mounting Holes
SL = Bottom Side
Riveted, #4-40
clinch nuts
JS = Top Side
Riveted, #4-40
Jack Screws
DB25
ORDERING INFORMATION
INTRODUCTION:
Adam Tech Solder Cup D-Sub connectors are a popular interface for
many I/O applications. Offered in 9, 15, 25, 37 and 50 positions, they
are an excellent choice for a low cost industry standard connection.
These connectors are manufactured with precision stamped contacts,
and offer a wide selection of mating and mounting options. Adam Tech
Solder Cup connectors can be soldered to cable ends or mounted
directly to a PCB card edge.
FEATURES:
Cable or edge card mounting
Industry standard compatibility
Durable metal shell design
Precision formed contacts
Mating and mounting options
MATING CONNECTORS:
Adam Tech D-Subminiatures and all industry standard D-Subminiature
connectors.
SPECIFICATIONS:
Material:
Insulator: PBT, 30% glass reinforced, rated UL94V-0
Insulator Colors: Black (White optional)
Contacts: Phosphor Bronze
Shell: Steel, Tin or Zinc plated
Hardware: Brass, Nickel plated
Contact Plating:
Gold Flash (15 and 30 µin Optional) over Nickel underplate underall.
Electrical:
Operating voltage: 250V AC / DC max.
Current rating: 5 Amps max.
Contact resistance: 20 m
Ω max. initial
Insulation resistance: 5000 M
Ω min.
Dielectric withstanding voltage: 1000V AC for 1 minute
Mechanical:
Insertion force: 0.75 lbs max
Extraction force: 0.44 lbs min
Temperature Rating:
Operating temperature: -65°C to +125°C
PACKAGING:
Anti-ESD plastic trays
APPROVALS AND CERTIFICATIONS:
UL Recognized File No. E224053
CSA Certified File No. LR1578596
®
®
V
D E
UL
®
RoHS
COMPLIANT
2002 / 95 / EC
2002 / 95 / EC
Pb
RoHS
COMPLIANT


Similar Part No. - DD50PDJS

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DD50P-0L2-K87 ITT-DD50P-0L2-K87 Datasheet
9Mb / 301P
D Subminiature Connectors
DD50P-1A5N-K87 ITT-DD50P-1A5N-K87 Datasheet
9Mb / 301P
D Subminiature Connectors
DD50P-1A6N-K87 ITT-DD50P-1A6N-K87 Datasheet
9Mb / 301P
D Subminiature Connectors
DD50P-1A7N-K87 ITT-DD50P-1A7N-K87 Datasheet
9Mb / 301P
D Subminiature Connectors
DD50P-1A8N-K87 ITT-DD50P-1A8N-K87 Datasheet
9Mb / 301P
D Subminiature Connectors
More results

Similar Description - DD50PDJS

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
HDT15SD ADAM-TECH-HDT15SD Datasheet
195Kb / 2P
HIGH DENSITY D-SUB SOLDER CUP TERMINATION
logo
DDK Ltd.
17JE DDK-17JE_2 Datasheet
430Kb / 7P
D-Sub Connectors Solder Cup Termination
logo
Amphenol Corporation
L77HDE15S AMPHENOL-L77HDE15S Datasheet
1Mb / 4P
SOLDER-CUP TERMINATION STANDARD and HIGH DENSITY
logo
ITT Industries
DE-9P-K87 ITT-DE-9P-K87 Datasheet
40Kb / 1P
CONNECTOR, PLUG, ELECTRICAL D-SUBMINIATURE 9 POSITION SOLDER CUP
logo
Adam Technologies, Inc.
DXXX-SD ADAM-TECH-DXXX-SD Datasheet
88Kb / 1P
D-SUB SOLDER CUP
DXXX-SD-BU ADAM-TECH-DXXX-SD-BU Datasheet
89Kb / 1P
D-SUB SOLDER CUP
DXXX-SD-JS ADAM-TECH-DXXX-SD-JS Datasheet
115Kb / 1P
D-SUB SOLDER CUP
DXXX-SD-SL ADAM-TECH-DXXX-SD-SL Datasheet
110Kb / 1P
D-SUB SOLDER CUP
logo
Glenair, Inc.
240-790-071 GLENAIR-240-790-071 Datasheet
335Kb / 6P
Rear Panel Mount with Solder Cup Termination
240-790-072 GLENAIR-240-790-072 Datasheet
353Kb / 6P
Rear Panel Mount with Solder Cup Termination
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com