Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDT15PR Datasheet(PDF) 1 Page - Adam Technologies, Inc.

Part # HDT15PR
Description  HIGH DENSITY D-SUB CRIMP AND POKE SYSTEM
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

HDT15PR Datasheet(HTML) 1 Page - Adam Technologies, Inc.

  HDT15PR Datasheet HTML 1Page - Adam Technologies, Inc. HDT15PR Datasheet HTML 2Page - Adam Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Adam Technologies, Inc.
909 Rahway Avenue • Union, New Jersey 07083 • T: 908-687-5000 • F: 908-687-5710 • WWW.ADAM-TECH.COM
110
INTRODUCTION:
Adam Tech Crimp and Poke High Density D-Sub connectors are a
popular interface for many I/O applications. Offered in 15, 26, 44, 62
and 78 positions they are a low cost alternative to soldering a high
density connector to cable. Contacts are crimped onto discrete wires
and pushed into the connector body. The connector is comprised of
a metal shell and plastic insulator and is available with a variety
of mating options. The contacts are precision stamped and are
available in a variety of platings.
FEATURES:
High Density in standard size shell
Low cost no solder alternative
Industry standard compatibility
Durable metal shell design
Precision formed contacts
Variety of Mating and mounting options
MATING CONNECTORS:
Adam Tech high density D-Subminiatures and all industry standard
high density D-Subminiature connectors.
SPECIFICATIONS:
Material:
Insulator: PBT, 30% glass reinforced, rated UL94V-0
Insulator Colors: Black (White optional)
Contacts: Phosphor Bronze
Shell: Steel, Tin or Zinc plated
Hardware: Brass, Nickel plated
Contact Plating:
Gold Flash (15 and 30 µin Optional) over Nickel underplate overall.
Electrical:
Operating voltage: 250V AC / DC max.
Current rating: 5 Amps max.
Contact resistance: 20 m
Ω max. initial
Insulation resistance: 5000 M
Ω min.
Dielectric withstanding voltage: 1000V AC for 1 minute
Mechanical:
Insertion force: 0.75 lbs max
Extraction force: 0.44 lbs min
Recommended wire size: 22 to 28 Awg
Temperature Rating:
Operating temperature: -65°C to +125°C
PACKAGING:
Anti-ESD plastic trays
APPROVALS AND CERTIFICATIONS:
UL Recognized File No. E224053
CSA Certified File No. LR1578596
HIGH DENSITY D-SUB
CRIMP AND POKE SYSTEM
HDT SERIES
OPTIONS:
Add designator(s) to end of part number
15 = 15 µin gold plating in contact area
30 = 30 µin gold plating in contact area
WT = White color insulator.
SL = Riveted #4-40 Clinch Nuts
JS = Riveted #4-40 Jackscrews
ORDERING INFORMATION
HDT
15
PR
SERIES INDICATOR
HDT= High Density
D-Sub
POSITIONS
15, 26, 44, 62, 78
CONTACT TYPE
PR = Plug, Crimp
and Poke Housing
SR = Socket, Crimp and
Poke Housing
HDCP
SERIES INDICATOR
HDCP = Plug Contact
HDCS = Socket Contact
R
PACKAGING
R = 10,000 piece
chain on reel
B = 1000 pieces
loose cut
01
CONTACT
SIZE AWG:
01 = 24-26
02 = 20-22
03 = 28-30
HOUSING
CRIMP CONTACT
®
®
V
D E
UL
®
RoHS
COMPLIANT
2002 / 95 / EC
2002 / 95 / EC
Pb
RoHS
COMPLIANT


Similar Part No. - HDT15PR

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
HDT15PD ADAM-TECH-HDT15PD Datasheet
195Kb / 2P
HIGH DENSITY D-SUB SOLDER CUP TERMINATION
HDT15PT ADAM-TECH-HDT15PT Datasheet
197Kb / 2P
HIGH DENSITY D-SUB STRAIGHT PCB TAIL
More results

Similar Description - HDT15PR

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
DB25SRSL ADAM-TECH-DB25SRSL Datasheet
211Kb / 2P
D-SUBMINIATURE CRIMP AND POKE SYSTEM
logo
Assmann Electronics Inc...
A-HDF26AA-WP ASSMANN-A-HDF26AA-WP Datasheet
266Kb / 1P
D-SUB, HIGH DENSITY
A-HDF26LL-WP ASSMANN-A-HDF26LL-WP Datasheet
257Kb / 1P
D-SUB, HIGH DENSITY
logo
List of Unclassifed Man...
DEMA-9P ETC1-DEMA-9P Datasheet
78Kb / 3P
D-subminiature Metal Shell Crimp and Poke Series 3 - High Reliability
logo
Adam Technologies, Inc.
DXXX-PR ADAM-TECH-DXXX-PR Datasheet
124Kb / 1P
D-SUB PLUG CRIMP AND POKE
DXXX-PR-JS ADAM-TECH-DXXX-PR-JS Datasheet
113Kb / 1P
D-SUB PLUG CRIMP AND POKE
DXXX-SR ADAM-TECH-DXXX-SR Datasheet
126Kb / 1P
D-SUB SOCKET CRIMP AND POKE
HDTXX-SD ADAM-TECH-HDTXX-SD Datasheet
89Kb / 1P
D-SUB HIGH DENSITY
HDTXX-SD-MC ADAM-TECH-HDTXX-SD-MC Datasheet
90Kb / 1P
D-SUB HIGH DENSITY
HDTXX-SD-SL ADAM-TECH-HDTXX-SD-SL Datasheet
90Kb / 1P
D-SUB HIGH DENSITY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com