Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDT44PR Datasheet(PDF) 2 Page - Adam Technologies, Inc.

Part # HDT44PR
Description  HIGH DENSITY D-SUB CRIMP AND POKE SYSTEM
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

HDT44PR Datasheet(HTML) 2 Page - Adam Technologies, Inc.

  HDT44PR Datasheet HTML 1Page - Adam Technologies, Inc. HDT44PR Datasheet HTML 2Page - Adam Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Adam Technologies, Inc.
909 Rahway Avenue • Union, New Jersey 07083 • T: 908-687-5000 • F: 908-687-5710 • WWW.ADAM-TECH.COM
111
HIGH DENSITY D-SUB
CRIMP AND POKE SYSTEM
HDT SERIES
.433 [11.00]
.421 [10.70]
.433 [11.00]
.031 [0.8]
.232 [5.9]
.433 [11.00]
.421 [10.70]
.232 [5.9]
.433 [11.00]
.031 [0.8]
10°
.492 [12.5]
.329 [8.36]
.078 [1.98]
C
B
A
ø.120 [3.05]
A
B
C
10°
.078 [1.98]
.311 [7.90]
.492 [12.5]
ø.120 [3.05]
D
D
.118 [3.0]
.283 [7.20]
.681 [17.30]
B A
B A
.063
[1.60]
SEC A-A
.073
[1.85]
SEC B-B
.053
[1.34]
.064
[1.63]
.035 [0.90]
.060
[1.52]
.300
[7.55]
.700 [17.60]
.118 [3.0]
.035
[0.90]
SEC A-A
SEC B-B
.053
[1.34]
ø.030
[0.76]
.071
[1.80]
.065
[1.65]
.060
[1.52]
B
A
A
B
PLUG
SOCKET
Socket Contact
Plug Contact
1.541 [39.14]
1.312 [33.32]
26
.994 [25.25]
2.500 [63.50]
1.852 [47.04]
62
44
2.182 [55.43]
1.534 [38.96]
2.729 [69.32]
2.088 [53.04]
.984 [24.99]
DIMENSIONS
Positions
15
.666 [16.92]
A
C
1.213 [30.81]
B
.971 [24.66]
2.159 [54.84]
1.511 [38.38]
.643 [16.33]
A
PLUG
SOCKET
Unit: Inch [mm]
1.083 [27.51]
2.271 [57.70]
1.626 [41.30]
D
.759 [19.28]
2.406 [61.11]
78
2.079 [52.81]
2.635 [66.93]
2.064 [52.43]
2.099 [55.32]



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com