Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DC37PRSL Datasheet(PDF) 1 Page - Adam Technologies, Inc.

Part # DC37PRSL
Description  D-SUBMINIATURE CRIMP AND POKE SYSTEM
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

DC37PRSL Datasheet(HTML) 1 Page - Adam Technologies, Inc.

  DC37PRSL Datasheet HTML 1Page - Adam Technologies, Inc. DC37PRSL Datasheet HTML 2Page - Adam Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Adam Technologies, Inc.
909 Rahway Avenue • Union, New Jersey 07083 • T: 908-687-5000 • F: 908-687-5710 • WWW.ADAM-TECH.COM
96
DB25
SR
SL
SHELL SIZE/
POSITIONS
DE
09 = 9 Position
DA
15 = 15 Position
DB
25 = 25 Position
DC
37 = 37 Position
DD
50 = 50 Position
CONTACT TYPE
PR = Plug, Crimp and Poke
SR = Socket, Crimp and Poke
MOUNTING OPTIONS
Blank = .120" diameter
mounting holes
SL = Riveted #4-40
clinch nuts
JS = Riveted #4-40
jackscrews
DCP
01
R
CONTACT
WIRE RANGE
DCP = Plug
Contact
DCS = Socket
Contact
PACKAGING
R = 10,000 piece
reel
B = 1000 pieces
loose cut
CONTACTS
HOUSING
CONTACT TYPE
01 = 24-26 AWG
02 = 20-22 AWG
03 = 28-30 AWG
INTRODUCTION:
Adam Tech Crimp and Poke D-Sub connectors are a popular
interface for many I/O applications. Offered in 9, 15, 25, 37 and 50
positions they are a low cost alternative to soldering a connector to
cable. Contacts are crimped onto discrete wires and pushed into the
connector body. The connector is comprised of a metal shell and
plastic insulator and is available with a variety of mating options. The
contacts are precision stamped and are available in a variety of
platings.
FEATURES:
Low cost no solder alternative
Industry standard compatibility
Durable metal shell design
Precision formed contacts
Variety of Mating and mounting options
MATING CONNECTORS:
Adam Tech D-Subminiatures and all industry standard
D-Subminiature connectors.
SPECIFICATIONS:
Material:
Insulator: PBT, 30% glass reinforced, rated UL94V-0
Insulator Color: Black
Contacts: Phosphor Bronze
Shell: Steel, Tin or Zinc plated
Hardware: Brass, Nickel plated
Contact Plating:
Gold Flash (15 and 30 µin Optional) over Nickel underplate.
Electrical:
Operating voltage: 250V AC / DC max.
Current rating: 5 Amps max.
Contact resistance: 20 m
Ω max. initial
Insulation resistance: 5000 M
Ω min.
Dielectric withstanding voltage: 1000V AC for 1 minute
Mechanical:
Insertion force: 0.75 lbs max
Extraction force: 0.44 lbs min
Temperature Rating:
Operating temperature: -65°C to +125°C
PACKAGING:
Anti-ESD plastic trays
APPROVALS AND CERTIFICATIONS:
UL Recognized File No. E224053
CSA Certified File No. LR1578596
D-SUBMINIATURE
CRIMP AND POKE SYSTEM
DPR / DSR SERIES
OPTIONS:
Add designator(s) to end of part number
15 = 15 µin gold plating in contact area on crimp contacts
30 = 30 µin gold plating in contact area on crimp contacts
ORDERING INFORMATION
®
®
V
D E
UL
®
RoHS
COMPLIANT
2002 / 95 / EC
2002 / 95 / EC
Pb
RoHS
COMPLIANT


Similar Part No. - DC37PRSL

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DC37P-0L2-K87 ITT-DC37P-0L2-K87 Datasheet
9Mb / 301P
D Subminiature Connectors
DC37P-1A5N-K87 ITT-DC37P-1A5N-K87 Datasheet
9Mb / 301P
D Subminiature Connectors
DC37P-1A6N-K87 ITT-DC37P-1A6N-K87 Datasheet
9Mb / 301P
D Subminiature Connectors
DC37P-1A7N-K87 ITT-DC37P-1A7N-K87 Datasheet
9Mb / 301P
D Subminiature Connectors
DC37P-1A8N-K87 ITT-DC37P-1A8N-K87 Datasheet
9Mb / 301P
D Subminiature Connectors
More results

Similar Description - DC37PRSL

ManufacturerPart #DatasheetDescription
logo
ITT Industries
ZDA ITT-ZDA Datasheet
59Kb / 1P
D Subminiature
logo
Adam Technologies, Inc.
HDT15PR ADAM-TECH-HDT15PR Datasheet
191Kb / 2P
HIGH DENSITY D-SUB CRIMP AND POKE SYSTEM
logo
Glenair, Inc.
550T006M GLENAIR-550T006M Datasheet
90Kb / 2P
EMI/RFI D-Subminiature Split Backshell Crimp Ring Shield Termination
logo
AVX Corporation
009286002021106 AVX-009286002021106 Datasheet
1Mb / 9P
POKE HOME
logo
List of Unclassifed Man...
DEMA-9P ETC1-DEMA-9P Datasheet
78Kb / 3P
D-subminiature Metal Shell Crimp and Poke Series 3 - High Reliability
logo
Winchester Electronics ...
RP25W3P-12-TD WINCHESTER-RP25W3P-12-TD Datasheet
49Kb / 1P
25W3P POKE HOME D-SUB HOUSING
logo
Adam Technologies, Inc.
DXXX-PR ADAM-TECH-DXXX-PR Datasheet
124Kb / 1P
D-SUB PLUG CRIMP AND POKE
DXXX-PR-JS ADAM-TECH-DXXX-PR-JS Datasheet
113Kb / 1P
D-SUB PLUG CRIMP AND POKE
DXXX-SR ADAM-TECH-DXXX-SR Datasheet
126Kb / 1P
D-SUB SOCKET CRIMP AND POKE
logo
TE Connectivity Ltd
114-32054 TEC-114-32054 Datasheet
805Kb / 13P
Inverted Card Edge and Inverted Poke-In Connectors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com