Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DC37PAM1 Datasheet(PDF) 1 Page - Adam Technologies, Inc.

Part # DC37PAM1
Description  D-SUBMINIATURE FLUSH MOUNT STRAIGHT PCB TAIL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

DC37PAM1 Datasheet(HTML) 1 Page - Adam Technologies, Inc.

  DC37PAM1 Datasheet HTML 1Page - Adam Technologies, Inc. DC37PAM1 Datasheet HTML 2Page - Adam Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Adam Technologies, Inc.
909 Rahway Avenue • Union, New Jersey 07083 • T: 908-687-5000 • F: 908-687-5710 • WWW.ADAM-TECH.COM
84
INTRODUCTION:
Adam Tech Flush Mount Straight PCB tail D-Sub connectors are a
popular interface for many limited space I/O applications. Offered in
9, 15 and 25 positions they are an excellent choice for a low cost
industry standard connection and are ideal for low profile design
requirements. Adam Tech connectors are manufactured with
precision stamped contacts offering a choice of contact plating and a
wide selection of mating and mounting options.
FEATURES:
Low profile space saving design
Industry standard compatibility
Durable metal shell design
Precision formed contacts
Variety of Mating and mounting options
MATING CONNECTORS:
Adam Tech D-Subminiatures and all industry standard
D-Subminiature connectors.
SPECIFICATIONS:
Material:
Standard insulator: PBT, 30% glass reinforced, rated UL94V-0
Optional Hi-Temp insulator: Nylon 6T
Insulator Color: Black
Contacts: Phosphor Bronze
Shell: Steel, Tin or Zinc plated
Hardware: Brass, Nickel plated
Contact Plating:
Gold Flash (15 and 30 µin optional) over Nickel underplate overall.
Electrical:
Operating voltage: 250V AC / DC max.
Current rating: 5 Amps max.
Contact resistance: 20 m
Ω max. Initial
Insulation resistance: 5000 M
Ω min.
Dielectric withstanding voltage: 1000V AC for 1 minute
Mechanical:
Insertion force: 0.75 lbs max
Extraction force: 0.44 lbs min
Temperature Rating:
Operating temperature: -65°C to +125°C
Soldering process temperature:
Standard insulator: 235°C
Hi-Temp insulator: 260°C
PACKAGING:
Anti-ESD plastic trays
APPROVALS AND CERTIFICATIONS:
UL Recognized Fil No. E224053
CSA Certified File No. LR1578596
D-SUBMINIATURE
FLUSH MOUNT STRAIGHT PCB TAIL
DPA & DSA SERIES
ORDERING INFORMATION
DB25
SA
M2
SHELL SIZE/
POSITIONS
DE09 = 9 Position
DA15 = 15 Position
DB25 = 25 Position
DC37 = 37 Position
CONTACT TYPE
PA = Plug, Flush mount,
Straight PCB Tail
SA = Socket, Flush Mount,
Straight PCB Tail
MOUNTING OPTIONS
M1 = Thru Holes
Mounting
M2 = Threaded Holes
Mounting
M1-R3 = Riveted Round
Jackscrews
M1-R-BL = Riveted Round
Jackscrews with
Boardlock
M2-JS = Threaded Hole
Mounting with
removable
Jackscrews
M2- BL = Riveted #4-40
Internal Threaded
Standoffs with
Boardlocks
M2-BL-JS = Removable
Jackscrew with
Boardlock
OPTIONS:
Add designator[s) to end of part number
15 = 15 µin gold plating in contact area
30 = 30 µin gold plating in contact area
PF = Press Fit Pins
HT = Hi-Temp insulator for hi-temp soldering
processes up to 260°C
®
®
V
D E
UL
®
RoHS
COMPLIANT
2002 / 95 / EC
2002 / 95 / EC
Pb
RoHS
COMPLIANT
HI-TEMP
INSULATOR
A V A I L A B L E


Similar Part No. - DC37PAM1

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DC37PA191 ITT-DC37PA191 Datasheet
34Kb / 1P
Brand: Cannon Product Category: D Sub Product Line: D Sub Series: ORIGINAL D
More results

Similar Description - DC37PAM1

ManufacturerPart #DatasheetDescription
logo
ITT Industries
PCB-D ITT-PCB-D Datasheet
65Kb / 1P
D Subminiature Straight
logo
Adam Technologies, Inc.
DB25-PE-1 ADAM-TECH-DB25-PE-1 Datasheet
121Kb / 1P
D-SUBMINIATURE HIGH PROFILE STRAIGHT PCB TAIL
DB25ST1SL ADAM-TECH-DB25ST1SL Datasheet
209Kb / 2P
D-SUBMINIATURE STRAIGHT & WIRE WRAP PCB TAIL
HDT15ST ADAM-TECH-HDT15ST Datasheet
197Kb / 2P
HIGH DENSITY D-SUB STRAIGHT PCB TAIL
MR50-PC-2 ADAM-TECH-MR50-PC-2 Datasheet
136Kb / 1P
MINIATURE RIBBON STRAIGHT PCB TAIL
DC37-PA-M1-15 ADAM-TECH-DC37-PA-M1-15 Datasheet
81Kb / 1P
D-SUB PLUG FLUSH MOUNT
DE09-SA-M2 ADAM-TECH-DE09-SA-M2 Datasheet
91Kb / 1P
D-SUB FLUSH MOUNT
DE09-SA-M2-BL ADAM-TECH-DE09-SA-M2-BL Datasheet
93Kb / 1P
D-SUB FLUSH MOUNT
DXXX-PT-3-MC-217 ADAM-TECH-DXXX-PT-3-MC-217 Datasheet
90Kb / 1P
D-SUB PLUG STRAIGHT PCB TAIL STANDARD PROFILE
DXXX-SA-M2-BL ADAM-TECH-DXXX-SA-M2-BL Datasheet
84Kb / 1P
FLUSH MOUNT STRAIGHT PCB
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com