Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDVG44PLC Datasheet(PDF) 2 Page - Adam Technologies, Inc.

Part # HDVG44PLC
Description  HIGH DENSITY D-SUB RIGHT ANGLE PCB MOUNT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

HDVG44PLC Datasheet(HTML) 2 Page - Adam Technologies, Inc.

  HDVG44PLC Datasheet HTML 1Page - Adam Technologies, Inc. HDVG44PLC Datasheet HTML 2Page - Adam Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Adam Technologies, Inc.
909 Rahway Avenue • Union, New Jersey 07083 • T: 908-687-5000 • F: 908-687-5710 • WWW.ADAM-TECH.COM
109
15 Position PCB Layout
HIGH-DENSITY D-SUB
RIGHT ANGLE PCB MOUNT
HDL SERIES
A
B
C
.078 [1.98]
.311 [7.90]
.494 [12.55]
.232 [5.9]
.125 [3.18]
.450 [11.43]
.350 [8.89]
.874 [22.2]
C
.350 [8.89]
.494 [12.55]
.329 [8.36]
.874 [22.2]
.078 [1.98]
A
B
.450 [11.43]
.125 [3.18]
.232 [5.9]
9
4
13
.050 [1.27]
Recessed
B
D
E
.100 [2.54]
ø.047 [1.20]
ø.126
[3.20]
B
D
E
.100 [2.54]
ø.047 [1.20]
ø.126
[3.20]
#4-40 THREAD
#4-40 THREAD
HDVG-15-SL-B
PLUG
SOCKET
26, 44, 62 Position PCB Layout
Hi Density Video Graphics Connector
HDL15-PL-B
HDL15-SL-B
1.541 [39.14]
1.312 [33.32]
26
.994 [25.25]
2.500 [63.50]
1.852 [47.04]
62
44
2.182 [55.43]
1.534 [38.96]
2.729 [69.32]
2.088 [53.04]
.984 [24.99]
DIMENSIONS
Positions
15
.666 [16.92]
A
C
1.213 [30.81]
B
.971 [24.66]
2.159 [54.84]
1.511 [38.38]
.643 [16.33]
A
PLUG
SOCKET
Unit: Inch [mm]
.276 [7.00]
D
.277 [7.04]
2.406 [61.11]
78
2.079 [52.81]
2.635 [66.93]
2.064 [52.43]
.300 [7.63]
.095 [2.41]
E
.090 [2.29]
.095 [2.41]
.277 [7.04]
.090 [2.29]
.277 [7.04]
.090 [2.29]



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com