Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6419AA05ML Datasheet(PDF) 20 Page - Torex Semiconductor

Part # XC6419AA05ML
Description  Dual LDO Regulator (ch1=300mA, ch2=100mA) with ON/OFF Switch
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6419AA05ML Datasheet(HTML) 20 Page - Torex Semiconductor

Back Button XC6419AA05ML Datasheet HTML 16Page - Torex Semiconductor XC6419AA05ML Datasheet HTML 17Page - Torex Semiconductor XC6419AA05ML Datasheet HTML 18Page - Torex Semiconductor XC6419AA05ML Datasheet HTML 19Page - Torex Semiconductor XC6419AA05ML Datasheet HTML 20Page - Torex Semiconductor XC6419AA05ML Datasheet HTML 21Page - Torex Semiconductor XC6419AA05ML Datasheet HTML 22Page - Torex Semiconductor XC6419AA05ML Datasheet HTML 23Page - Torex Semiconductor XC6419AA05ML Datasheet HTML 24Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
20/29
XC6419 Series
(8) 入力立ち上がり特性例
(9) 入力過渡応答特性例
XC6419(VOUT=0.8V)
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
Time (40μs/div)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Input Voltage
IOUT=0.1mA
IOUT=1mA
IOUT=30mA
IOUT=100mA
Input Voltage
Output Voltage
tr=5μs, Ta=25℃, VIN=0→1.8V, CL=2.2μF(ceramic)
XC6419(VOUT1=0.8V) VR1
-2.2
-1.2
-0.2
0.8
1.8
2.8
3.8
Time (100μs/div)
0.70
0.75
0.80
0.85
0.90
0.95
1.00
IOUT1=0.1mA
IOUT1=1mA
IOUT1=30mA
IOUT1=100mA
Input Voltage
Output Voltage
tr=tf=5μs, Ta=25℃, VIN=1.8⇔2.8V, CL1=2.2μF(ceramic)
XC6419(VOUT2=0.8V) VR2
-2.2
-1.2
-0.2
0.8
1.8
2.8
3.8
Time (100μs/div)
0.70
0.75
0.80
0.85
0.90
0.95
1.00
IOUT2=0.1mA
IOUT2=1mA
IOUT2=30mA
Input Voltage
Output Voltage
tr=tf=5μs, Ta=25℃, VIN=1.8⇔2.8V, CL2=2.2μF(ceramic)
XC6419(VOUT=1.5V)
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
Time (40μs/div)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Input Voltage
IOUT=0.1mA
IOUT=1mA
IOUT=30mA
IOUT=100mA
Input Voltage
Output Voltage
tr=5μs, Ta=25℃, VIN=0→2.5V, CL=1.0μF(ceramic)
XC6419(VOUT=2.8V)
-6.0
-4.0
-2.0
0.0
2.0
4.0
6.0
Time (40μs/div)
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Input Voltage
IOUT=0.1mA
IOUT=1mA
IOUT=30mA
IOUT=100mA
Input Voltage
Output Voltage
tr=5μs, Ta=25℃, VIN=0→3.8V, CL=1.0μF(ceramic)
XC6419(VOUT=5.0V)
-4.0
-2.0
0.0
2.0
4.0
6.0
8.0
Time (40μs/div)
0.0
2.0
4.0
6.0
8.0
10.0
12.0
Input Voltage
IOUT=0.1mA
IOUT=1mA
IOUT=30mA
IOUT=100mA
Input Voltage
Output Voltage
tr=5μs, Ta=25℃, VIN=0→6.0V, CL=1.0μF(ceramic)
(8) Rising Response Time
■TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(9) Input Transient Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com