Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6419DA05ML Datasheet(PDF) 24 Page - Torex Semiconductor

Part # XC6419DA05ML
Description  Dual LDO Regulator (ch1=300mA, ch2=100mA) with ON/OFF Switch
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6419DA05ML Datasheet(HTML) 24 Page - Torex Semiconductor

Back Button XC6419DA05ML Datasheet HTML 20Page - Torex Semiconductor XC6419DA05ML Datasheet HTML 21Page - Torex Semiconductor XC6419DA05ML Datasheet HTML 22Page - Torex Semiconductor XC6419DA05ML Datasheet HTML 23Page - Torex Semiconductor XC6419DA05ML Datasheet HTML 24Page - Torex Semiconductor XC6419DA05ML Datasheet HTML 25Page - Torex Semiconductor XC6419DA05ML Datasheet HTML 26Page - Torex Semiconductor XC6419DA05ML Datasheet HTML 27Page - Torex Semiconductor XC6419DA05ML Datasheet HTML 28Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
24/29
XC6419 Series
(11) EN立ち上がり特性例
(12) リップル除去率特性例
XC6419(VOUT1=0.8V) VR1
0
20
40
60
80
0.01
0.1
1
10
100
Ripple Frequency : f (kHz)
IOUT1=0.1mA
IOUT1=1mA
IOUT1=30mA
IOUT1=100mA
Ta=25℃, VIN=1.8V+0.5Vp-pAC, CL1=2.2μF(ceramic)
XC6419(VOUT2=0.8V) VR2
0
20
40
60
80
0.01
0.1
1
10
100
Ripple Frequency : f (kHz)
IOUT2=0.1mA
IOUT2=1mA
IOUT2=30mA
Ta=25℃, VIN=1.8V+0.5Vp-pAC, CL2=2.2μF(ceramic)
XC6419(VOUT1=2.8V) VR1
-6.0
-4.0
-2.0
0.0
2.0
4.0
6.0
Time (20μs/div)
0.0
1.0
2.0
3.0
4.0
5.0
6.0
EN1 Input Voltage
IOUT1=0.1mA
IOUT1=1mA
IOUT1=30mA
IOUT1=100mA
EN1 Input Voltage
Output Voltage
tr=5μs, Ta=25℃
VIN=3.8V, VEN1=0→3.8V, CIN=CL1=1.0μF(ceramic)
XC6419(VOUT1=5.0V) VR1
-4.0
-2.0
0.0
2.0
4.0
6.0
8.0
Time (20μs/div)
0.0
2.0
4.0
6.0
8.0
10.0
12.0
EN1 Input Voltage
IOUT1=0.1mA
IOUT1=1mA
IOUT1=30mA
IOUT1=100mA
EN1 Input Voltage
Output Voltage
tr=5μs, Ta=25℃
VIN=6.0V, VEN1=0→6.0V, CIN=CL1=1.0μF(ceramic)
XC6419(VOUT2=2.8V) VR2
-6.0
-4.0
-2.0
0.0
2.0
4.0
6.0
Time (20μs/div)
0.0
1.0
2.0
3.0
4.0
5.0
6.0
EN2 Input Voltage
IOUT2=0.1mA
IOUT2=1mA
IOUT2=30mA
EN2 Input Voltage
Output Voltage
tr=5μs, Ta=25℃
VIN=3.8V, VEN2=0→3.8V, CIN=CL2=1.0μF(ceramic)
XC6419(VOUT2=5.0V) VR2
-4.0
-2.0
0.0
2.0
4.0
6.0
8.0
Time (20μs/div)
0.0
2.0
4.0
6.0
8.0
10.0
12.0
EN2 Input
Voltage
IOUT2=0.1mA
IOUT2=1mA
EN2 Input Voltage
Output Voltage
tr=5μs, Ta=25℃
VIN=6.0V, VEN2=0→6.0V, CIN=CL2=1.0μF(ceramic)
(11) EN Rising Response Time (Continued)
■TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(12) Ripple Rejection Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com