Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IECF3 Datasheet(PDF) 1 Page - Adam Technologies, Inc.

Part # IECF3
Description  AC INLET/OUTLET IEC 320 & MINI IEC CONNECTORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

IECF3 Datasheet(HTML) 1 Page - Adam Technologies, Inc.

  IECF3 Datasheet HTML 1Page - Adam Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Adam Technologies, Inc.
909 Rahway Avenue • Union, New Jersey 07083 • T: 908-687-5000 • F: 908-687-5710 • WWW.ADAM-TECH.COM
148
INTRODUCTION:
Adam Tech IEC & Mini IEC Series AC Inlets and Outlets are primary
power receptacles designed, manufactured, tested and approved to
UL, CSA, VDE and other applicable international specifications
including IEC-60320 and CEE-22. Adam Tech offers a wide variety
of body styles, shapes and orientations to accommodate most class
I & II applications with two or three blade contacts in both IEC and
Mini-IEC configurations. Mounting choices include screw holes and
snap-in versions and four termination styles. Options of ganged ports
or receptacle with integral fuse holder are also available.
FEATURES:
IEC & Mini-IEC types
IEC-60320, CEE-22 Compliant
UL, CSA and VDE approved
Multitude of Body Styles
Choice of terminations
Option of Integral Fuse Holder
MATING CONNECTORS:
Adam Tech PC series power cords and all standard international IEC
60320 power supply cords.
SPECIFICATIONS:
Material:
Insulator: Polycarbonate or Nylon 66, glass filled, rated UL94V-0
Insulator Color: Black
Contacts: Phosphor Bronze or Brass
Plating:
Nickel over copper underplate. (Solder terminals: Tin over copper
underplate)
Electrical:
Operating Voltage: 250V AC
Current Rating:
IEC - UL & CSA: 15 Amps Max,
VDE: 10 Amps Max.
Mini IEC - UL, CSA & VDE 2.5 Amps Max.
Insulation Resistance: 100 M
Ω Min. @ 500V DC
Dielectric Withstanding Voltage: 2000V AC for 1 Minute
Temperature Rating:
Operation Temperature: -25°C ~ +70°C
PACKAGING:
Anti-ESD plastic trays
SAFETY AGENCY APPROVALS:
UL Recognized File Nos. E224050, E224051, E224052
CSA Certified File No. LR226373
AC INLET/OUTLET
IEC 320 & MINI IEC CONNECTORS
IEC SERIES
SERIES
INDICATOR
IEC =
International
inlet/outlet
A
B
C
D
E
F
G
HS
HR
J
NA
NB
NB-A
NC
NC-A
ND
NF
NH
NH-A
GS
FS
TERMINALS
1 = .187" Quick-
connect
terminals
2 = .250" Quick-
connect
terminals
3 = Solder
terminals
.157" [4.0mm]
4 = Right Angle
PCB mount
5 =Solder
Terminals
.098" [2.5mm]
DB12
1
PANEL
THICKNESS
(for body styles
C, D & J only)
Blank = Universal
Snap
080 = 0.8mm
Panel
120 = 1.2mm
Panel
150 = 1.5mm
Panel
200 = 2.0mm
Panel
300 = 3.0mm
Panel
150
A
IEC
ORDERING INFORMATION
BODY STYLE
= Male Inlet, Screw-on panel mount
= Female Outlet, Screw-on panel mount
= Male Inlet, Snap-in panel mount
= Female Outlet, Snap-in panel mount
= Male Inlet, Right Angle PC board mount
with mounting flange (Specify EW, EX, EY or EZ)
= Male Inlet, Screw on panel mount with 5 x 20mm fuse holder
= Male Inlet, Snap-in panel mount with 5 x 20mm fuse holder
= Inlet/Outlet, snap-in panel mount
= Inlet/outlet, snap-in panel mount, right angle PCB mount
= Male inlet, right angle PCB & tail with snap-in panel mounting
= Mini-IEC right angle, snap-in
= Mini-IEC right angle, slide-in
= Mini-IEC right angle, slide-in with pegs
= Mini-IEC right angle, with flush flange
= Mini-IEC right angle, with extended face
= Mini-IEC right angle, with enclosed body
= Mini-IEC right angle, polarized with flange
= Mini-IEC right angle, with ground pin
= Mini-IEC right angle, flange mount with ground pin
= Fused inlet with switch snap in panel mount
= Fused inlet with switch screw on panel mount
OPTIONS:
K = Keyed for 120˚ C (Body Styles A, C, E & J)
M = Female outlet, 20 AMP, Flanged
N = Male inlet, 20 AMP, Snap-In
RoHS
COMPLIANT
2002 / 95 / EC
2002 / 95 / EC
Pb
RoHS
COMPLIANT


Similar Part No. - IECF3

ManufacturerPart #DatasheetDescription
logo
Moda-InnoChips Co., Ltd...
IECF10054EC060FB ICT-IECF10054EC060FB Datasheet
399Kb / 6P
ESD CLAMP
IECF10054EC060FR ICT-IECF10054EC060FR Datasheet
399Kb / 6P
ESD CLAMP
More results

Similar Description - IECF3

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
IEC-NA-4 ADAM-TECH-IEC-NA-4 Datasheet
257Kb / 3P
AC INLET/OUTLET MINI IEC CONNECTORS
logo
Schurter Inc.
KP01105201 SCHURTER-KP01105201 Datasheet
704Kb / 4P
IEC Appliance Inlet C14 with Appliance Outlet F
logo
List of Unclassifed Man...
BZM27B062061B ETC2-BZM27B062061B Datasheet
74Kb / 2P
C14 IEC Inlet - Mini Bezel
logo
Adam Technologies, Inc.
IEC-C-1-100-TBPS ADAM-TECH-IEC-C-1-100-TBPS Datasheet
78Kb / 1P
IEC MALE INLET
IEC-C-1-150-TBPS ADAM-TECH-IEC-C-1-150-TBPS Datasheet
78Kb / 1P
IEC MALE INLET
IEC-D-X ADAM-TECH-IEC-D-X Datasheet
99Kb / 1P
IEC FEMALE OUTLET
IEC-D-X-NG ADAM-TECH-IEC-D-X-NG Datasheet
93Kb / 1P
IEC FEMALE OUTLET
IEC-F-1 ADAM-TECH-IEC-F-1 Datasheet
81Kb / 1P
AC INLET/OUTLET IEC 320 CONNECTORS
IEC-FS-1 ADAM-TECH-IEC-FS-1 Datasheet
106Kb / 1P
IEC MALE INLET
logo
Schurter Inc.
KP01105201 SCHURTER-KP01105201_V01 Datasheet
551Kb / 6P
IEC Appliance Inlet C14 with Appliance Outlet F
15.09.2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com