Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M310 Datasheet(PDF) 1 Page - MTRONPTI

Part # M310
Description  5x7 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML, VCXO
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

M310 Datasheet(HTML) 1 Page - MTRONPTI

  M310 Datasheet HTML 1Page - MTRONPTI M310 Datasheet HTML 2Page - MTRONPTI M310 Datasheet HTML 3Page - MTRONPTI M310 Datasheet HTML 4Page - MTRONPTI M310 Datasheet HTML 5Page - MTRONPTI M310 Datasheet HTML 6Page - MTRONPTI M310 Datasheet HTML 7Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact MtronPTI for your application specific requirements at 800.762.8800 toll free or 605.665.9321.
Product Features
Product Description
Product Applications
Product Ordering Information
M320x Series
9x14 mm, 3.3/2.5/1.8 Volt,
LVPECL/LVDS/CML, VCXO
Revision: 8-22-08
QiK Chip™
Featuring QiK ChipTM Technology
Superior Jitter Performance (comparable to SAW based)
APR of ±50 or ±100ppm over industrial temperature range
Frequencies from 150 MHz to 1.4 GHz
Designed for a short 2 week cycle time
Telecommunications such as SONET / SDH /
DWDM / FEC / SERDES / OC-3 thru OC-192
Wireless base stations / WLAN / Gigabit Ethernet
xDSL, Network Communications
Avionic Flight Controls
Military Communications
Clock and Data Recovery
Low Jitter Clock Generation
The M320x series of VCXO’s is designed with a hermetically sealed high precision AT cut quartz crystal, com-
bined with our QiK ChipTM technology. This combination provides an industry setting 0.35 ps RMS jitter perfor-
mance and excellent Phase Noise for your demanding circuit. The M310x is available in LVPECL, LVDS, or
CML output and can be built to a variety of power requirements, 3.3, 2.5, and 1.8V. Tight thermal stability per-
formance, broad frequency range, an industry standard 9x14mm package, and the ability to build and provide
product in approximately 2 weeks, gives the designer a quick, solid foundation to build a solution with.


Similar Part No. - M310

ManufacturerPart #DatasheetDescription
logo
Advanced Energy Industr...
M310-HT ADVANCEDENERGY-M310-HT Datasheet
189Kb / 4P
MIKRON M310-HT
logo
Baumer IVO GmbH & Co. K...
M310.010A01C IVO-M310.010A01C Datasheet
448Kb / 4P
Totalizers mechanic
M310.010A01D IVO-M310.010A01D Datasheet
448Kb / 4P
Totalizers mechanic
M310.A01 IVO-M310.A01 Datasheet
305Kb / 2P
Totalizers mechanic
M310.A02 IVO-M310.A02 Datasheet
305Kb / 2P
Totalizers mechanic
More results

Similar Description - M310

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
UVVJ MTRONPTI-UVVJ Datasheet
288Kb / 1P
5x7 mm, 3.3 Volt, LVPECL/LVDS, VCXO
M210X MTRONPTI-M210X Datasheet
347Kb / 2P
5x7 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML, Clock Oscillator
M310X MTRONPTI-M310X Datasheet
338Kb / 2P
5x7 mm, 3.3/2.5/1.8 Volt, PECL/LVDS/CML, VCXO
M21X MTRONPTI-M21X Datasheet
380Kb / 3P
5x7 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML/HCMOS Output
M31X MTRONPTI-M31X Datasheet
373Kb / 3P
5x7 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML/HCMOS Output
M210X MTRONPTI-M210X_07 Datasheet
367Kb / 3P
5x7 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML, Clock Oscillator
M310X_0611 MTRONPTI-M310X_0611 Datasheet
357Kb / 3P
5x7 mm, 3.3/2.5/1.8 Volt, PECL/LVDS/CML, VCXO
M31 MTRONPTI-M31_08 Datasheet
878Kb / 7P
Multiple Frequency VCXO 5x7 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML/HCMOS Output
M210X MTRONPTI-M210X_08 Datasheet
761Kb / 7P
5x7 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML, Clock Oscillator
M320X MTRONPTI-M320X_08 Datasheet
698Kb / 7P
9x14 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML, VCXO
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com