Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJ2JJS Datasheet(PDF) 1 Page - MTRONPTI

Part # PJ2JJS
Description  Surface Mount Crystals 5.5 x 11.7 x 2.2 mmPARAMETERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

PJ2JJS Datasheet(HTML) 1 Page - MTRONPTI

  PJ2JJS Datasheet HTML 1Page - MTRONPTI PJ2JJS Datasheet HTML 2Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact us for your application specific requirements: MtronPTI 1-800-762-8800.
PJ Surface Mount Crystals
5.5 x 11.7 x 2.2 mm
PARAMETERS
VALUE
Frequency Range*
3.579545 to 30.000 MHz
Tolerance @ +25°C
See Table
Stability
See Table
Aging
±5 ppm/yr. Max.
Shunt Capacitance
7 pF Max.
Load Capacitance
18 pF Std.
Standard Operating Conditions
See Table
Equivalent Series Resistance (ESR), Max.
Fundamental (AT-cut)
3.579 to 3.999 MHz
200
4.000 to 7.999 MHz
150
8.000 to 9.999 MHz
100
10.000 to 19.999 MHz
80
20.000 to 30.000 MHz
50
Drive Level
100 µW Max., 50 µW Typ., 10 µW Min.
Mechanical Shock
MIL-STD-202, Method 213, C
Vibration
MIL-STD-202, Method 201 & 204
Thermal Cycle
MIL-STD-883, Method 1010, B
Max Soldering Conditions
See solder profile, Figure 1
* Because this product is based on AT-strip technology, not all frequencies in the range stated are available.
Contact the factory for availability of specific frequencies.
Revision: 1-2-08


Similar Part No. - PJ2JJS

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
PJ2JJS MTRONPTI-PJ2JJS Datasheet
224Kb / 2P
Surface Mount Crystals
More results

Similar Description - PJ2JJS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SX2050 ETC1-SX2050 Datasheet
97Kb / 1P
SX2050 Surface Mount Crystals 5.0 X 13.0 X 4.2 mm
logo
MTRONPTI
SX2060 MTRONPTI-SX2060 Datasheet
237Kb / 1P
4.6 x 12.5 x 3.7 mm, Surface Mount Crystals
PR1DD MTRONPTI-PR1DD Datasheet
291Kb / 2P
3.5 x 6.0 x 1.0 mm Surface Mount Crystals
SX2060 MTRONPTI-SX2060_07 Datasheet
252Kb / 2P
4.6 x 12.5 x 3.7 mm, Surface Mount Crystals
PM MTRONPTI-PM_08 Datasheet
370Kb / 2P
Surface Mount Crystals 5.0 x 7.0 x 1.3 mm
PP MTRONPTI-PP_08 Datasheet
403Kb / 2P
Surface Mount Crystals 3.5 x 6.0 x 1.2 mm
logo
HK TO-GRACE TECHNOLOGY ...
AA2214SURSK TO-GRACE-AA2214SURSK Datasheet
404Kb / 4P
2.2 x 1.4 mm Surface Mount LED Lamp
AA2214VRBXS-A-TR-AMT TO-GRACE-AA2214VRBXS-A-TR-AMT Datasheet
482Kb / 6P
2.2 x 1.4 mm Surface Mount LED Lamp
AA3021VBS-D TO-GRACE-AA3021VBS-D Datasheet
401Kb / 4P
2.2 x 1.4 mm Surface Mount LED Lamp
KA-2214ZGS TO-GRACE-KA-2214ZGS Datasheet
880Kb / 4P
2.2 x 1.4 mm Surface Mount LED Lamp
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com