Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLF3PC Datasheet(PDF) 1 Page - Adam Technologies, Inc.

Part # PLF3PC
Description  EMI/RFI POWER LINE FILTERS PCB & CHASSIS MOUNT FILTERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

PLF3PC Datasheet(HTML) 1 Page - Adam Technologies, Inc.

  PLF3PC Datasheet HTML 1Page - Adam Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Adam Technologies, Inc.
909 Rahway Avenue • Union, New Jersey 07083 • T: 908-687-5000 • F: 908-687-5710 • WWW.ADAM-TECH.COM
161
INTRODUCTION:
Adam Tech PLF Series is a complete range of Power Line Filters
designed for use in electric equipment that needs to meet FCC and
other worldwide agency requirements for EMI/RFI emissions. This
series offers numerous termination styles and levels of filtering and
circuit protection for specific applications. Included are chassis
mount, chassis mount with IEC Power Connector, panel mount and
power entry modules with integral fuse and or switch.
FEATURES:
Modules offer compact space and cost effectiveness
Meets low leakage requirements
Superior common mode and differential mode attenuation.
MATING CONNECTORS:
Adam Tech PC series power cords and all international IEC 60320
power supply cords.
SPECIFICATIONS:
Material:
Insulator: Polycarbonate or Nylon 66, glass filled, rated UL94V-0
Insulator Color: Black
Contacts: Phosphor Bronze
Casing: Thermoplastic rated UL94V-0 or Copper Alloy, nickel plated
Terminal Plating:
Quick connect: Nickel over copper underplate
Solder terminals: Tin over copper underplate
PC Pins: Tin over copper underplate
Electrical:
Operation Voltage: 120 / 250V AC
Current Rating:
UL & CSA: 15 Amps Max,
VDE: 10 Amps Max.
Insulation Resistance: 3000 M
Ω Min.
Dielectric Withstanding Voltage: 1500V AC for 1 Minute
Leakage Current: 0.5mA Max 250V, 50Hz
Temperature Rating:
Operation Temperature: -40°C to +85°C
PACKAGING:
Anti-ESD plastic trays
SAFETY AGENCY APPROVALS:
UL/CSA Recognized File No. E244331
EMI/RFI POWER LINE FILTERS
PCB & CHASSIS MOUNT FILTERS
PLF SERIES
®
®
C
US
E198278
E198279
PLF
SERIES INDICATOR
PLF = EMI/RFI
Power Line Filter
3P4C
BODY STYLE
= Plastic Case PCB Mount
= Metal Case PCB Mount
= Metal Case PCB Mount
= Metal Case PCB Mount
= Metal Case PCB Mount
= Small Outline Chassis Mount
= Small Outline Chassis Mount
= Small Outline Chassis Mount
= Small Outline Chassis Mount
= Medium Outline Chassis Mount
= Medium Outline Chassis Mount
= Medium Outline Chassis Mount
= Screw In Chassis Mount
= Screw In Chassis Mount
= Screw In Chassis Mount
= Screw In Chassis Mount
= Inlet Socket with Flange Mounting
= Inlet Socket with Flange Mounting
= Inlet Socket with Flange Mounting
= Inlet Socket with Flange Mounting
= Fused Inlet Socket with Flange Mounting
= Fused Inlet Socket with Flange Mounting
= Fused Inlet Socket with Flange Mounting
= Fused Inlet Socket with Flange Mounting
= Flanged Module with Fuse & Switch
= Flanged Module with Fuse & Switch
= Flanged Module with Fuse & Switch
= Flanged Module with Fuse & Switch
3PC4
1PC
2PC
3PC
6PC
1D3
3D3
6D3
10D32
6D1
10D1
15D1
3DZB21
6DZB21
10DZB21
15DZB2
1DZ2
3DZ2
6DZ2
10DZ2
1DZ2R
3DZ2R
6DZ2R
10DZ2R
1DZ2KR
3DZ2KR
6DZ2KR
10DZ2KR
ORDERING INFORMATION
®
®
V
D E
UL
®
RoHS
COMPLIANT
2002 / 95 / EC
2002 / 95 / EC
Pb
RoHS
COMPLIANT


Similar Part No. - PLF3PC

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
PLF30 ARCH-PLF30 Datasheet
274Kb / 2P
LED Power
PLF30-13.5S ARCH-PLF30-13.5S Datasheet
274Kb / 2P
LED Power
PLF30-13.5S ARCH-PLF30-13.5S Datasheet
243Kb / 2P
Fully Isolated Plastic Case with IP67 Level
PLF30-24S ARCH-PLF30-24S Datasheet
274Kb / 2P
LED Power
PLF30-24S ARCH-PLF30-24S Datasheet
243Kb / 2P
Fully Isolated Plastic Case with IP67 Level
More results

Similar Description - PLF3PC

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
PLF-1D3 ADAM-TECH-PLF-1D3 Datasheet
96Kb / 1P
EMI/RFI POWER LINE FILTERS SMALL OUTLINE CHASSIS MOUNT
PLF-3PC ADAM-TECH-PLF-3PC Datasheet
78Kb / 1P
EMI/RFI POWER LINE FILTERS METAL CASE PCB MOUNT
PLF-10D1 ADAM-TECH-PLF-10D1 Datasheet
92Kb / 1P
EMI/RFI POWER LINE FILTERS MEDIUM OUTLINE CHASSIS MOUNT
PLF-15DZB2 ADAM-TECH-PLF-15DZB2 Datasheet
89Kb / 1P
EMI/RFI POWER LINE FILTERS SCREW IN CHASSIS MOUNT
PLF-6DZ2KR ADAM-TECH-PLF-6DZ2KR Datasheet
93Kb / 1P
EMI/RFI POWER LINE FILTERS
logo
Premier Magnetics, Inc.
PMCE-0470 PMI-PMCE-0470 Datasheet
37Kb / 2P
PMCE-XXXX EMI/RFI COMMON MODE LINE FILTERS
PMCU-4470 PMI-PMCU-4470 Datasheet
125Kb / 5P
PMCU-XXXX EMI/RFI COMMON MODE LINE FILTERS
logo
PREMO CORPORATION S.L
FA PREMO-FA Datasheet
140Kb / 1P
RFI Power Line Filters
logo
PowerDynamics, Inc
PCSP POWERDYNAMICS-PCSP Datasheet
399Kb / 2P
CHASSIS MOUNT EMI/RFI LINE FILTER
logo
Kemet Corporation
FLLD3025AAB01 KEMET-FLLD3025AAB01 Datasheet
8Mb / 8P
Chassis Mount Filters - Motor Drive Filters
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com