Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTP68W Datasheet(PDF) 1 Page - Adam Technologies, Inc.

Part # MTP68W
Description  MODULAR TELEPHONE PLUGS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

MTP68W Datasheet(HTML) 1 Page - Adam Technologies, Inc.

  MTP68W Datasheet HTML 1Page - Adam Technologies, Inc. MTP68W Datasheet HTML 2Page - Adam Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Adam Technologies, Inc.
909 Rahway Avenue • Union, New Jersey 07083 • T: 908-687-5000 • F: 908-687-5710 • WWW.ADAM-TECH.COM
48
INTRODUCTION:
Adam Tech MTP series Modular Telephone Plugs are manufactured
to terminate flat oval or round telephone cord to REA and Cat. 5
EIA/TIA specifications. Our double strain relief design, molded in
polycarbonate, is manufactured with contacts pre-loaded in a variety
of sizes and options including shielding and specific contacts for flat
or round cable. Adam Tech is a major supplier of telephone line
cords to the telecommunications industry.
FEATURES:
Preassembled Contacts
REA Compliant Terminations
Cat. 5 and 5E available
Contacts for Flat of Round wire
Short or Long body choices
Shielded versions
MATING TELEPHONE JACKS:
Adam Tech modular telephone jack series and all industry standard
telephone Jacks.
SPECIFICATIONS:
Material:
Insulator: Polycarbonate, rated UL94V-0
Insulator Color: Clear, (Blue optional)
Contacts: Phosphor Bronze
Contact Plating:
Gold Flash (optional 15 or 30 µin) over nickel underplate.
Electrical:
Operating voltage: 150V AC max.
Current rating: 1.5 Amps max.
Contact resistance: 20 m
Ω max. initial
Insulation resistance: 500 M
Ω min.
Dielectric withstanding voltage: 1000V AC for 1 minute
Mechanical:
Cable to plug tensile strength: 7.71 Kgs (17 lbs) min.
Durability: 250 Cycles min.
Wire range: 26 to 28 Awg
Temperature Rating:
Operating temperature: -40°C to +70°C
PACKAGING:
Anti-ESD plastic bags
SAFETY AGENCY APPROVALS:
UL Recognized File No. E224049
MODULAR TELEPHONE PLUGS
MTP SERIES
OPTIONS:
Add designator(s) to end of part number
K = Molded in key (Plug size 8 & 10 only)
S = Solid wire contacts
EMI = Metal shielded type (Plug size 8 or 10 only)
OL = Offset Latch (Plug size 6 only)
BU = Clear Blue insulater color
ORDERING INFORMATION
MTP
6
4
U
SERIES INDICATOR
MTP = Modular
telephone
plug, standard
oval wire type
MTPR = Modular
telephone plug
for round cable
PLUG SIZE
4, 6, 8 or 10
NO. OF CONTACTS
4, 6, 8 or 10
PLATING
U = 15 µin gold
W = 30 µin gold
G = 50 µin gold
®
®
V
D E
UL
®
®
®
V
D E
UL
®
RoHS
COMPLIANT
RoHS
COMPLIANT
2002 / 95 / EC
2002 / 95 / EC
Pb
RoHS
COMPLIANT


Similar Part No. - MTP68W

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTP60N05 MOTOROLA-MTP60N05 Datasheet
166Kb / 8P
TMOS POWER FET 60 AMPERES 50 VOLTS RDS(on) = 0.014 OHM
MTP60N05HDL MOTOROLA-MTP60N05HDL Datasheet
166Kb / 8P
TMOS POWER FET 60 AMPERES 50 VOLTS RDS(on) = 0.014 OHM
MTP60N06 MOTOROLA-MTP60N06 Datasheet
217Kb / 8P
TMOS POWER FET 60 AMPERES 60 VOLTS RDS(on) = 0.014 OHM
logo
Inchange Semiconductor ...
MTP60N06 ISC-MTP60N06 Datasheet
295Kb / 2P
isc N-Channel MOSFET Transistor
logo
Motorola, Inc
MTP60N06HD MOTOROLA-MTP60N06HD Datasheet
217Kb / 8P
TMOS POWER FET 60 AMPERES 60 VOLTS RDS(on) = 0.014 OHM
More results

Similar Description - MTP68W

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCRJ45P88F DUBILIER-DBCRJ45P88F Datasheet
123Kb / 1P
NETWORKING PLUGS MODULAR PLUGS - FLAT CABLE
logo
Tyco Electronics
5-641334-7 MACOM-5-641334-7 Datasheet
34Kb / 1P
Unshielded Modular Plugs
logo
Adam Technologies, Inc.
MTJ-64GX1-FSE ADAM-TECH-MTJ-64GX1-FSE Datasheet
87Kb / 1P
MODULAR TELEPHONE JACK
MTJ-66FX1-FSE ADAM-TECH-MTJ-66FX1-FSE Datasheet
88Kb / 1P
MODULAR TELEPHONE JACK
MTJ-66GX1-FSD-PG ADAM-TECH-MTJ-66GX1-FSD-PG Datasheet
90Kb / 1P
MODULAR TELEPHONE JACK
MTJ-66GX1-PS ADAM-TECH-MTJ-66GX1-PS Datasheet
88Kb / 1P
MODULAR TELEPHONE JACK
MTJ-86SAX1-FSP-PG6-LD-M41 ADAM-TECH-MTJ-86SAX1-FSP-PG6-LD-M41 Datasheet
86Kb / 1P
MODULAR TELEPHONE JACK
MTJ-86SAX1-FSP-PG6-LU-M41 ADAM-TECH-MTJ-86SAX1-FSP-PG6-LU-M41 Datasheet
86Kb / 1P
MODULAR TELEPHONE JACK
MTJG-4-88AR21-FSM-PG-LH ADAM-TECH-MTJG-4-88AR21-FSM-PG-LH Datasheet
132Kb / 1P
MODULAR TELEPHONE
logo
Winchester Electronics ...
BD45000 WINCHESTER-BD45000 Datasheet
268Kb / 1P
Modular Plugs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com