Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2APF503 Datasheet(PDF) 1 Page - Adam Technologies, Inc.

Part # S2APF503
Description  .050 [1.27] SCSI II/III IDC FLAT CABLE TERMINATION
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

S2APF503 Datasheet(HTML) 1 Page - Adam Technologies, Inc.

  S2APF503 Datasheet HTML 1Page - Adam Technologies, Inc. S2APF503 Datasheet HTML 2Page - Adam Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Adam Technologies, Inc.
909 Rahway Avenue • Union, New Jersey 07083 • T: 908-687-5000 • F: 908-687-5710 • WWW.ADAM-TECH.COM
116
INTRODUCTION:
Adam Tech IDC SCSI II connectors are widely used as miniature,
high density interfaces for many I/O applications. Offered in 50 and
68 positions they are a good choice for compact applications. They
feature an extremely reliable contact design with the popular,
polarized D face. Adam Tech connectors are manufactured with
precision stamped contacts offering a choice of contact plating and a
wide selection of mating and mounting options.
FEATURES:
Available in IDC or Card Edge Straddle mount
Blade contact with Blanked terminal
Industry standard compatibility
Durable metal shell design
Precision formed contacts
Variety of Mating and mounting options
MATING CONNECTORS:
Adam Tech SCSI II / III connectors and all industry standard
SCSI II / III connectors.
SPECIFICATIONS:
Material:
Insulator: PBT, Glass filled, rated UL94V-0
Insulator Color: Black
Contacts: Phosphor Bronze
Metal backshell: Zinc, Nickel Plated
Contact Plating:
Gold Flash over nickel underplate on mating area, Tin over
Copper underplate on tails
Electrical:
Operating Voltage: 250V AC
Current Rating: 1 Amp max.
Contact Resistance: 35 m
Ω max. initial
Insulation Resistance: 500 M
Ω min.
Dielectric Withstanding Voltage: 500V AC for 1 minute
Mechanical:
Insertion force: 5.3 oz max.
Withdrawal force: 1.0 oz min.
Durability: 100 cycles
Temperature Rating:
Operating Temperature: -55°C to +105°C
PACKAGING:
Anti-ESD plastic trays
APPROVALS AND CERTIFICATIONS:
UL Recognized File No. E224053
CSA Certified File No. LR1578596
.050" [1.27] SCSI II/III
IDC FLAT CABLE TERMINATION
S2A SERIES
ORDERING INFORMATION
S2A
PF
50
1
SERIES INDICATOR
S2A = SCSI II/III
.050 Connector
CONTACT TYPE
PF = Plug, IDC
Flat Cable
Termination
SF = Socket, IDC
Flat Cable
Termination
POSITIONS
50, 68
MOUNTING OPTIONS
1 = Flangeless for
use with assembled,
squeeze-latch hood
2 = Flanges with
threaded mounting
holes
3 = Flanges with
threaded mounting
holes & latch blocks
®
®
V
D E
UL
®
RoHS
COMPLIANT
2002 / 95 / EC
2002 / 95 / EC
Pb
RoHS
COMPLIANT


Similar Part No. - S2APF503

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
S2A PANJIT-S2A Datasheet
58Kb / 2P
SURFACE MOUNT RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 2.0 Amperes)
logo
Surge Components
S2A SURGE-S2A Datasheet
85Kb / 2P
SURFACE MOUNT RECTIFIER VOLTAGE - 50 TO 1000 Volts CURRENT - 2.0 Ampere????
logo
Transys Electronics
S2A TRSYS-S2A Datasheet
176Kb / 2P
SURFACE MOUNT RECTIFIER
logo
Won-Top Electronics
S2A WTE-S2A Datasheet
41Kb / 3P
2.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Jinan Gude Electronic D...
S2A JGD-S2A Datasheet
150Kb / 2P
1.5 AMPS. SURFACE MOUNT RECTIFIERS
More results

Similar Description - S2APF503

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
A26 DBLECTRO-A26 Datasheet
283Kb / 1P
SCSI - III D- SUB IDC(MALE)
A27 DBLECTRO-A27 Datasheet
269Kb / 1P
SCSI - III D - SUB IDC (FEMALE)
logo
Adam Technologies, Inc.
DB25SFM2 ADAM-TECH-DB25SFM2 Datasheet
205Kb / 2P
D-SUBMINIATURE IDC FLAT CABLE TERMINATION
MR36-PF-2 ADAM-TECH-MR36-PF-2 Datasheet
136Kb / 1P
MINIATURE RIBBON IDC FLAT CABLE TERMINATION
S2ASR682BL2 ADAM-TECH-S2ASR682BL2 Datasheet
129Kb / 1P
.050 [1.27] SCSI II/III RIGHT ANGLE AND VERTICAL PCB MOUNT
S2A-SV ADAM-TECH-S2A-SV Datasheet
155Kb / 1P
.050 [1.27] SCSI II/III IDC FLAT CABLE TERMINATION
SCA68SFSG ADAM-TECH-SCA68SFSG Datasheet
119Kb / 1P
SCA CONNECTOR IDC FLAT CABLE TERMINATION
SCA-68-PF-SG ADAM-TECH-SCA-68-PF-SG Datasheet
123Kb / 1P
SCA CONNECTOR IDC FLAT CABLE TERMINATION
HFCS-A-34-SG ADAM-TECH-HFCS-A-34-SG Datasheet
109Kb / 1P
.050 IDC SOCKET DUAL ROW FLAT CABLE SOCKETS
logo
Samtec, Inc
FFSD SAMTEC-FFSD Datasheet
275Kb / 1P
TIGER EYE™ FLAT IDC WIRE CABLES (1.27 mm) .050" PITCH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com