Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPM1AP6 Datasheet(PDF) 1 Page - Adam Technologies, Inc.

Part # RPM1AP6
Description  RELAY LOW PROFILE SMT SIGNAL RELAY-TYPE RT1
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

RPM1AP6 Datasheet(HTML) 1 Page - Adam Technologies, Inc.

  RPM1AP6 Datasheet HTML 1Page - Adam Technologies, Inc. RPM1AP6 Datasheet HTML 2Page - Adam Technologies, Inc. RPM1AP6 Datasheet HTML 3Page - Adam Technologies, Inc. RPM1AP6 Datasheet HTML 4Page - Adam Technologies, Inc. RPM1AP6 Datasheet HTML 5Page - Adam Technologies, Inc. RPM1AP6 Datasheet HTML 6Page - Adam Technologies, Inc. RPM1AP6 Datasheet HTML 7Page - Adam Technologies, Inc. RPM1AP6 Datasheet HTML 8Page - Adam Technologies, Inc. RPM1AP6 Datasheet HTML 9Page - Adam Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Adam Technologies, Inc.
909 Rahway Avenue • Union, New Jersey 07083 • T: 908-687-5000 • F: 908-687-5710 • WWW.ADAM-TECH.COM
50
RELAY
LOW PROFILE SMT SIGNAL RELAY-TYPE RT1
R SERIES
INTRODUCTION:
Adam Tech RT1 relays are modern, low profile, signal level relays
offered in an ultra small package with SMT terminals and are
available with coil voltages from 5-48VDC. These 2 form C relays are
designed for all low signal applications such as test equipment,
security equipment and medical equipment.
FEATURES:
1 Amp switching capability
Low profile .192'' (4.9mm)
Low coil power of 140mw
Tape and Reel packaging
SPECIFICATIONS:
Electrical:
Contact arrangement: 2 Form C
Contact material: Gold clad, Silver alloy
Contact Rating (Resistive load): 0.5A @ 125V AC
1A @ 30V DC
Max. Switching Voltage: 120V AC / 30V DC
Max. Switching Power: 62VA / 30W
Contact resistance: 100 m
Ω max. Initial
Insulation resistance: 100 M
Ω min. @ 500V DC
Dielectric withstanding voltage:
Between Coil & Contact: 500V AC 50/60Hz for 1 min.
Between Contacts: 1000V AC 50/60Hz for 1 min.
Operating time: 6 ms max.
Release time: 4 ms max.
Electrical Life: 100,000 Operations (at rated load)
MECHANICAL:
Vibration resistance (Endurance): 1.5mm Double Amplitude 10-55Hz
Shock resistance: 10G min.
Mechanical Life: 10,000,000 Operations (no load)
TEMPERATURE RATING:
Ambient temperature: -40°C to +85°C
PACKAGING:
Anti-ESD plastic tubes
SAFETY AGENCY APPROVALS:
cUL Recognized File No. E305638
ORDERING INFORMATION
LOW PROFILE SMT SIGNAL RELAY
RT1
12
SERIES INDICATOR
RT1 = Low Profile
SMT Signal
Relay
COIL VOLTAGE
5 = 5V DC
6 = 6V DC
12 = 12V DC
24 = 24V DC
48 = 48V DC
®
®
V
D E
UL
®
c
US
RoHS
COMPLIANT
RoHS
COMPLIANT
2002 / 95 / EC
2002 / 95 / EC
Pb
RoHS
COMPLIANT


Similar Part No. - RPM1AP6

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
RPM1AP6 ADAM-TECH-RPM1AP6 Datasheet
173Kb / 2P
RELAY POWER RELAY-TYPE RPM
More results

Similar Description - RPM1AP6

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
RT1-5 ADAM-TECH-RT1-5 Datasheet
151Kb / 2P
RELAY LOW PROFILE SMT SIGNAL RELAY-TYPE RT1
logo
Tyco Electronics
RT114005 MACOM-RT114005_05 Datasheet
243Kb / 4P
Power PCB Relay RT1
2-1393238-1 MACOM-2-1393238-1 Datasheet
726Kb / 4P
Power PCB Relay RT1
2-1393238-5 MACOM-2-1393238-5 Datasheet
726Kb / 4P
Power PCB Relay RT1
2-1419108-8 MACOM-2-1419108-8 Datasheet
618Kb / 3P
Power PCB Relay RT1
RT314024F MACOM-RT314024F Datasheet
567Kb / 3P
Power PCB Relay RT1
1-1393240-1 MACOM-1-1393240-1 Datasheet
479Kb / 4P
Power PCB Relay RT1
RTD34012F MACOM-RTD34012F Datasheet
669Kb / 3P
Power PCB Relay RT1
logo
Adam Technologies, Inc.
RT1-XX ADAM-TECH-RT1-XX Datasheet
105Kb / 1P
LOW PROFILE SMT SIGNAL RELAY
logo
TE Connectivity Ltd
RT1 TEC-RT1 Datasheet
492Kb / 4P
Power PCB Relay RT1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com