Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MR50SC2 Datasheet(PDF) 1 Page - Adam Technologies, Inc.

Part # MR50SC2
Description  MINIATURE RIBBON STRAIGHT PCB TAIL IDC FLAT CABLE SOLDER TERMINALS RIGHT ANGLE PCB MOUNT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

MR50SC2 Datasheet(HTML) 1 Page - Adam Technologies, Inc.

  MR50SC2 Datasheet HTML 1Page - Adam Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Adam Technologies, Inc.
909 Rahway Avenue • Union, New Jersey 07083 • T: 908-687-5000 • F: 908-687-5710 • WWW.ADAM-TECH.COM
120
INTRODUCTION
Adam Tech MR Series Miniature Ribbon connectors come in a
variety of terminations including Solder Terminals, Straight PCB
Tails, Right Angle PCB mount, Flat Cable IDC and Straddle Mount
Card Edge. These connectors with their high pressure, flat wiping
contacts are a very popular widely used interface especially in
telecommunication applications. Offered in 14, 24, 36 and 50
positions they are a good choice for high reliability positive latching
connector applications. They combine an extremely reliable contact
design with the popular, polarized D face. Adam Tech connectors are
manufactured with precision stamped contacts and offer a wide
selection of mating and mounting options.
FEATURES:
Available in many termination styles
High pressure blade contacts
Industry standard compatibility
Durable metal shell design
Variety of Mating and mounting options
Spring latches provided separately installation optional.
MATING CONNECTORS:
Adam Tech Miniature Ribbon connectors and all industry standard
miniature ribbon connectors.
SPECIFICATIONS:
Material:
Standard insulator: PBT, Glass filled, rated UL94V-0
Optional Hi-Temp insulator: Nylon 6T, rated UL94V-0
Insulator Color: Blue (Black optional)
Contacts: Phosphor Bronze
Shell: Steel, nickel plated
Contact Plating:
Gold Flash over nickel underplate on mating area, Tin over
Copper underplate on tails
Electrical:
Operating Voltage: 250V AC
Current Rating: 1 Amp max.
Contact Resistance: 35 m
Ω max.
Insulation Resistance: 1000 M
Ω min.
Dielectric Withstanding Voltage: 1000V AC for 1 minute
Mechanical:
Insertion force: 12 oz max.
Withdrawal force: 4.8 oz min.
Temperature Rating:
Operating Temperature: -55°C to +105°C
Soldering process temperature:
Standard insulator: 235°C
Hi-Temp insulator: 260°C
PACKAGING:
Anti-ESD plastic trays
APPROVALS AND CERTIFICATIONS:
UL Recognized File No. E224053
CSA Certified File No. LR1578596
OPTIONS:
Add designator(s) to end of part number
30 = 30 µin gold plating in contact area
BK = Black color insulator
F = Forked boardlocks
HT = Hi-Temp insulator for Hi-Temp soldering processes up to 260°C
LI = Spring Latches Installed
ORDERING INFORMATION
MINIATURE RIBBON
STRAIGHT PCB TAIL
IDC FLAT CABLE
SOLDER TERMINALS
RIGHT ANGLE PCB MOUNT
MR SERIES
MR50
S
F
14
SHELL SIZE AND
POSITIONS
MR
14 = 14 Contacts
MR
24 = 24 Contacts
MR
36 = 36 Contacts
MR
50 = 50 Contacts
CONTACT TYPE
P = Plug
S = Socket
MOUNTING
1 = Spring latches with
.120" diameter mounting
holes (socket only)
14 = Spring latches with #4-40
clinch nuts in mounting
holes (socket only)
2 = Notch Ears (plug only)
3 = .120" diameter mounting
holes only
34 = #4-40 threaded clinch
nuts in mounting holes
w/o spring latches
TERMINATION TYPE
A = Solder Terminals
C = Straight PCB Tail
D = Right Angle PCB Mount
E = IDC, All plastic shell
F = IDC, Metal Shell
G = Straddle Mount Tails
®
®
V
D E
UL
®
RoHS
COMPLIANT
2002 / 95 / EC
2002 / 95 / EC
Pb
RoHS
COMPLIANT
HI-TEMP
INSULATOR
A V A I L A B L E


Similar Part No. - MR50SC2

ManufacturerPart #DatasheetDescription
logo
Voltage Multipliers Inc...
MR50SG VMI-MR50SG Datasheet
461Kb / 1P
H. V. Controlled Avalanche Rectifiers - Axial Lead 0.015A - 0.060A ??30ns - 3000ns
More results

Similar Description - MR50SC2

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
MR36-PA-2 ADAM-TECH-MR36-PA-2 Datasheet
127Kb / 1P
MINIATURE RIBBON SOLDER TERMINALS
MR36-PD ADAM-TECH-MR36-PD Datasheet
146Kb / 1P
MINIATURE RIBBON RIGHT ANGLE PCB MOUNT
MR36-PF-2 ADAM-TECH-MR36-PF-2 Datasheet
136Kb / 1P
MINIATURE RIBBON IDC FLAT CABLE TERMINATION
MR50-PC-2 ADAM-TECH-MR50-PC-2 Datasheet
136Kb / 1P
MINIATURE RIBBON STRAIGHT PCB TAIL
S2BSR682BL2 ADAM-TECH-S2BSR682BL2 Datasheet
120Kb / 1P
.050 [1.27] RIBBON CONNECTOR RIGHT ANGLE PCB MOUNT
S2B-SR-14 ADAM-TECH-S2B-SR-14 Datasheet
117Kb / 1P
.050 [1.27] RIBBON CONNECTOR RIGHT ANGLE PCB MOUNT
MRXX-SD-14-RF ADAM-TECH-MRXX-SD-14-RF Datasheet
101Kb / 1P
MINIATURE RIBBON RIGHT ANGLE PCB
MRXX-SD-34-F ADAM-TECH-MRXX-SD-34-F Datasheet
97Kb / 1P
MINIATURE RIBBON RIGHT ANGLE PCB
MRXX-SD-34-F-BK ADAM-TECH-MRXX-SD-34-F-BK Datasheet
143Kb / 1P
MINIATURE RIBBON RIGHT ANGLE PCB
MRXX-SF-3 ADAM-TECH-MRXX-SF-3 Datasheet
133Kb / 1P
IDC MINIATURE RIBBON SOCKET
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com