Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USBASRU Datasheet(PDF) 1 Page - Adam Technologies, Inc.

Part # USBASRU
Description  USB, MINI USB, FIREWIRE & MINI FIREWIRE UNIVERSAL SERIAL BUS & IEEE 1394 FIREWIRE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

USBASRU Datasheet(HTML) 1 Page - Adam Technologies, Inc.

  USBASRU Datasheet HTML 1Page - Adam Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Adam Technologies, Inc.
909 Rahway Avenue Union, New Jersey 07083 T: 908-687-5000 F: 908-687-5710 WWW.ADAM-TECH.COM
127
USB, MINI USB, FIREWIRE &
MINI FIREWIRE
UNIVERSAL SERIAL BUS &
IEEE 1394 FIREWIRE
USB & FWC SERIES
OPTIONS:
Add as Suffix to basic part no.
SMT = Surface Mount Leads with Hi-Temp insulator for
Hi-Temp soldering processes up to 260°C
30 = 30 µin gold plating in contact area
WT = White color insulator
HT = Hi-Temp insulator for Hi-Temp soldering processes up
to 260°C (Add this option for thru-hole products only. All SMT
products are manufactured with Hi-Temp insulators)
T/R = Tape & Reel packaging
USB
S
RA
SERIES INDICATOR
USB = Universal
Serial Bus
MUSB = Mini USB
FWC = IEEE 1394,
Firewire
MFW = Mini IEEE
1394, Firewire
MCR = Micro USB
PORTS
S = Single port
D = Dual port
T = Triple port
Q= Quad port
A
B
AB
B4
B5
C
D
P
AP
BP
ABI
MOUNTING ANGLE
RA = Right Angle
RU = Right Angle
Upright
VT = Vertical Mount
S = Wire Termination
(Plug Only)
A
ORDERING INFORMATION
INTRODUCTION:
Adam Tech USB (Universal Serial Bus) and IEEE 1394 (Firewire)
Series connectors are a complete line of shielded, hot pluggable, high
speed I/O interface connectors available in a variety of body styles,
sizes, positions and mounting orientations. Each is shielded for
superior EMI/RFI protection and features spring contacts for
exceptional connectivity properties.
Specially designed shells with
flares eliminate misconnection and kinked boardlocks add a strong,
stable PCB attachment. An ideal solution for a low cost, high speed
connection to peripheral devices.
FEATURES:
Industry Standard Compatible
High Speed I/O applications
Variety of Circuit sizes
Variety of Body Styles
Standard and Mini versions
Shielded for EMI/RFI protection
MATING CONNECTORS:
Adam Tech USB and IEEE 1394 series connectors and all industry
standard USB and IEEE 1394 connectors.
SPECIFICATIONS:
Material:
Standard insulator: PBT, Glass filled, rated UL94V-0
Optional Hi-Temp insulator: Nylon PA9T, rated UL94V-0
Insulator Color: Black (White optional)
Contacts: Phosphor Bronze or Brass
Shell: Steel, nickel plated
Contact Plating:
Gold Flash over Nickel on mating area, Tin over
Copper underplate on tails
Electrical:
Operating Voltage: 30V AC
Current Rating: 1 Amp max.
Contact Resistance: 30 m
Ω max.
Insulation Resistance: 1000 M
Ω min.
Dielectric Withstanding Voltage: 100V AC for 1 minute
Mechanical:
Insertion force: 3 oz max.
Withdrawal force: 0.5 oz min.
Temperature Ratings:
Operating Temperature: PBT: -40°C to +85°C
Nylon PA9T: -55°C to +105°C
Soldering process temperature:
Standard insulator: 235°C
Hi-Temp insulator: 260°C
PACKAGING:
Anti-ESD plastic trays or tubes
APPROVALS AND CERTIFICATIONS:
UL Recognized File No. E224053
CSA Certified File No. LR1578596
= USB Type “A”
= USB Type “B”
= USB Type “AB” (Mini) mid-mount
= USB Type “B” (Mini) 4 pin
= USB Type “B” (Mini) 5 pin
= Firewire (IEEE 1394)
= Firewire (IEEE 1394B) Bilingual Type
= Firewire Plug (IEEE 1394)
= USB Type A Plug
= USB Type B Plug
= USB Type AB (Mini Top Mount)
TYPE
®
®
V
D E
UL
®
RoHS
COMPLIANT
2002 / 95 / EC
2002 / 95 / EC
Pb
RoHS
COMPLIANT
HI-TEMP
INSULATOR
A V A I L A B L E


Similar Part No. - USBASRU

ManufacturerPart #DatasheetDescription
logo
MMD Components
USBA1 MMD-USBA1 Datasheet
55Kb / 1P
UM-1 Thru-Hole Crystal
logo
List of Unclassifed Man...
USBA2C1MOUSBC ETC-USBA2C1MOUSBC Datasheet
165Kb / 1P
DETACHABLE USB CORD, USB A TO USB C TYPE 2.0
11/18/18
USBA2C1MOUSBCR ETC-USBA2C1MOUSBCR Datasheet
165Kb / 1P
DETACHABLE USB CORD, USB A TO USB C TYPE 2.0
11/18/18
logo
MMD Components
USBA3 MMD-USBA3 Datasheet
55Kb / 1P
UM-1 Thru-Hole Crystal
logo
Switchcraft, Inc.
USBAB SWITCH-USBAB Datasheet
875Kb / 4P
EH Series Audio/Video/Data CONNECTORS
More results

Similar Description - USBASRU

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
FWC-C-S-RA-SMT ADAM-TECH-FWC-C-S-RA-SMT Datasheet
192Kb / 1P
IEEE 1394 FIREWIRE SINGLE PORT, THRU-HOLE & SMT
logo
MRV Communications, Inc...
SFP-1394A MRV-SFP-1394A Datasheet
512Kb / 3P
IEEE 1394 SFP (FireWire / i.Link)
logo
Adam Technologies, Inc.
MFW-C-S-RA-1 ADAM-TECH-MFW-C-S-RA-1 Datasheet
88Kb / 1P
MINI FIREWIRE PCB MOUNT
MFW-C-S-RA-2 ADAM-TECH-MFW-C-S-RA-2 Datasheet
122Kb / 1P
MINI FIREWIRE SINGLE PORT
MFW-C-S-RA-S2 ADAM-TECH-MFW-C-S-RA-S2 Datasheet
93Kb / 1P
MINI FIREWIRE PCB MOUNT
MFW-C-S-RA-SMT ADAM-TECH-MFW-C-S-RA-SMT Datasheet
108Kb / 1P
MINI FIREWIRE SINGLE PORT
MFW-D-S-RA-SMT-1 ADAM-TECH-MFW-D-S-RA-SMT-1 Datasheet
126Kb / 1P
MINI FIREWIRE SINGLE PORT
MFW-D-S-RA-SMT-2A ADAM-TECH-MFW-D-S-RA-SMT-2A Datasheet
114Kb / 1P
MINI FIREWIRE CONNECTOR
MFW-P-S-S ADAM-TECH-MFW-P-S-S Datasheet
114Kb / 1P
MINI FIREWIRE PLUG
logo
Glenair, Inc.
963-006 GLENAIR-963-006 Datasheet
214Kb / 1P
IEEE 1394 (Firewire)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com