Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1719CS8 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1719CS8
Description  4.5ns Single/Dual Supply 3V/5V Comparator with Rail-to-Rail Output
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1719CS8 Datasheet(HTML) 2 Page - Linear Technology

  LT1719CS8 Datasheet HTML 1Page - Linear Technology LT1719CS8 Datasheet HTML 2Page - Linear Technology LT1719CS8 Datasheet HTML 3Page - Linear Technology LT1719CS8 Datasheet HTML 4Page - Linear Technology LT1719CS8 Datasheet HTML 5Page - Linear Technology LT1719CS8 Datasheet HTML 6Page - Linear Technology LT1719CS8 Datasheet HTML 7Page - Linear Technology LT1719CS8 Datasheet HTML 8Page - Linear Technology LT1719CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
LT1719
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC – VEE
Input Supply Voltage
(LT1719S8 only)
q
2.7
10.5
V
+VS
Output Supply Voltage
(LT1719S8 only)
q
2.7
6
V
V+ – V–
Supply Voltage
(LT1719CS6 only)
q
2.7
6
V
VCMR
Input Voltage Range
(Note 2)
(LT1719S8)
q
VEE – 0.1
VCC – 1.2
V
(LT1719S6)
q
V– – 0.1
V+ – 1.2
V
VTRIP+
Input Trip Points
(Note 3)
q
– 1.5
5.5
mV
VTRIP
–
q
– 5.5
1.5
mV
VOS
Input Offset Voltage
(Note 3)
0.4
2.5
mV
q
3.5
mV
VHYST
Input Hysteresis Voltage
(Note 3)
q
2.0
3.5
7
mV
∆VOS/∆T
Input Offset Voltage Drift
q
10
µV/°C
IB
Input Bias Current
q
– 6
–2.5
0
µA
IOS
Input Offset Current
q
0.2
0.6
µA
CMRR
Common Mode Rejection Ratio
(Note 4)
(LT1719S8)
q
55
70
dB
(Note 5)
(LT1719S6)
q
55
65
dB
PSRR
Power Supply Rejection Ratio
(Note 6)
(LT1719S8)
65
80
dB
(Note 7)
(LT1719S6)
65
80
dB
AV
Voltage Gain
(Note 8)
∞
VOH
Output High Voltage
ISOURCE = 4mA, VIN = VTRIP+ + 10mV (LT1719S8)
q
+VS – 0.4
V
(LT1719S6)
q
V+ – 0.4
V
ABSOLUTE MAXIMUM RATINGS
ORDER PART
NUMBER
PACKAGE/ORDER INFORMATION
(Note 1)
Supply Voltage
+VS to GND (LT1719S8) ...................................... 7V
VCC to VEE (LT1719S8) ....................................... 12V
+VS to VEE (LT1719S8) ...................................... 12V
VEE to GND (LT1719S8) ...................... – 12V to 0.3V
V+ to V– (LT1719S6) ............................................. 7V
Input Current (+ IN, – IN or SHDN).....................
±10mA
Output Current (Continuous) ............................
±20mA
Operating Temperature Range
C Grade .................................................. 0
°C to 70°C
I Grade .............................................. – 40
°C to 85°C
Junction Temperature .......................................... 150
°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
S8 PART MARKING
1719
1719I
LT1719CS8
LT1719IS8
TJMAX = 150°C, θJA = 110°C/ W
ELECTRICAL CHARACTERISTICS The q denotes specifications that apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. VCM = 1V, VSHDN = 0.5V, VOVERDRIVE = 20mV, COUT = 10pF and for the LT1719S8
VCC = +VS = 5V and VEE = –5V, for the LT1719S6 V+ = 5V, V– = 0V, unless otherwise specified.
Consult factory for parts specified with wider operating temperature ranges.
TOP VIEW
+VS
OUT
SHDN
GND
VCC
+IN
–IN
VEE
S8 PACKAGE
8-LEAD PLASTIC SO
1
2
3
4
8
7
6
5
+
–
–IN 1
V – 2
+IN 3
6 SHDN
5 OUT
4 V+
TOP VIEW
S6 PACKAGE
6-LEAD PLASTIC SOT-23
ORDER PART
NUMBER
S6 PART MARKING
LTHW
LTJF
LT1719CS6
LT1719IS6
TJMAX = 150°C, θJA = 230°C/ W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com