Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES25A Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # ES25A
Description  20~25WAC-DC Single Output Desktop
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

ES25A Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  ES25A Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. ES25A Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Universal AC input / Full range
3 pole AC inlet IEC320-C14
Class power (with earth pin)
Full output 5~48V safety approval
Protections: Short circuit / Overload / Over voltage
Fully enclosed plastic case
PWM 3842 control circuit and regulated
LED indicator for power on
Approvals: UL / CUL / TUV / BSMI / CB / FCC / CE
1 year warranty
SPECIFICATION
ES25A05-P1J ES25A07-P1J ES25A09-P1J ES25A12-P1J ES25A15-P1J ES25A18-P1J ES25A24-P1J ES25A28-P1J
ES25A48-P1J
ORDERNO.
SAFETY MODEL NO.
DCVOLTAGE
Note.2
RATEDCURRENT
CURRENTRANGE
RATEDPOWER (max.)
RIPPLE&NOISE(max.) Note.3
OUTPUT
SETUP,RISE,HOLDUP TIME
VOLTAGERANGE
FREQUENCY RANGE
EFFICIENCY (Typ.)
ACCURRENT
INPUT
ENVIRONMENT
INRUSHCURRENT(max.)
LEAKAGECURRENT(max.)
SAFETY STANDARDS
SAFETY &
EMC
(Note.7)
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
PROTECTION
5V
7.5V
9V
12V
15V
18V
24V
28V
48V
ES25A05-050 ES25A07-075 ES25A09-090 ES25A12-120 ES25A15-150 ES25A18-180 ES25A24-240 ES25A30-280
ES25A48-480
50mVp-p
80mVp-p
80mVp-p
80mVp-p
100mVp-p
150mVp-p
180mVp-p
240mVp-p
240mVp-p
VOLTAGETOLERANCE Note.4
LINEREGULATION
Note.5
LOADREGULATION
Note.6
5.0%
5.0%
5.0%
3.0%
3.0%
3.0%
2.0%
2.0%
2.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
5.0%
5.0%
5.0%
3.0%
3.0%
3.0%
2.0%
2.0%
2.0%
600ms,50ms,16msatfullload
90~264VAC135~370VDC
47~63Hz
70%
72%
76%
76%
130~180%ratedoutputpower
78%
80%
82%
82%
82%
0.7A /100VAC
40A /230VAC
0.75mA /240VAC
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3KVAC,I/P-FG:1.5KVAC
I/P-O/P,I/P-FG:100MOhms/500VDC /25
/70%RH
500Khrsmin.MIL-HDBK-217F(25
)
0~+50
(Refertooutputloadderatingcurve)
20%~90%RHnon-condensing
-20~+85
,10~95%RH
0.03%/
(0~50
)
10~500Hz,2G10min./1cycle,periodfor60min. eachalongX, Y,Zaxes
93*54*36mm(L*W*H)
250g;60pcs/15kg/CARTON
FileName:ES25A-SPEC2008-05-23
CONNECTOR
PLUG
CABLE
Standardtype
forstock
thertypeavailablebycustomerrequested
P1J:2.1
*5.5
*11mm,tuningforktype,centerpositive
;O
Standardtype
withferritecore forstock
thertypeavailablebycustomerrequested
UL11856ft(
)
;O
1.All parameters are specified at 230VAC input, rated load, 25
70% RH ambient.
2.DC voltage: The output voltage set at point measure by plug terminal & 50% load.
3.Ripple & noise are measured at 20MHz by using a 12" twisted pair terminated with a 0.1uf & 47uf capacitor.
4.Tolerance: includes set up tolerance, line regulation, load regulation.
5.Line regulation is measured from low line to high line at rated load.
6.Load regulation is measured from 20% to 100% rated load
7.The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
20~25W AC-DCSingleOutputDesktop
E S 2 5 A series
Features :
CompliancetoEN61000-3-2,3
CompliancetoEN61000-4-2,3,4,5,6,11,lightindustrylevel,criteria A
HARMONICCURRENT
EMSIMMUNITY
EMICONDUCTION&RADIATION
OVERLOAD
OVERVOLTAGE
110~150% ratedoutputpower
Protectiontype:Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
105~135%ratedoutputvoltage
ES25A36-P1J
36V
ES25A36-360
4.0A
2.93A
2.77A
2.08A
1.66A
1.38A
1.04A
0.89A
0.52A
0.69A
0.4~4.0A
0.3~2.93A 0.2~2.77A 0.1~2.08A
0.1~1.66A 0.1~1.38A 0.1~1.04A 0.1~0.89A
0.05~0.52A
0.06~0.69A
240mVp-p
2.0%
1.0%
2.0%
82%
20W
22W
25W
25W
25W
25W
25W
25W
25W
25W
Protectiontype:Recoversautomaticallyafterfaultconditionisremoved
TUV
Rheinland
ProductSafety
geprUfre
Sicherheit
UL60950-1,CSA C22.2, TUVEN60950-1,BSMICNS14336approved
CompliancetoEN55022classB,FCCPART 15/CISPR22classB,CNS13438classB


Similar Part No. - ES25A

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
ES25A SECOS-ES25A Datasheet
200Kb / 2P
High Efficiency Recovery Rectifiers
ES25A SECOS-ES25A_15 Datasheet
200Kb / 2P
High Efficiency Recovery Rectifiers
More results

Similar Description - ES25A

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
ES25B MEANWELL-ES25B Datasheet
175Kb / 2P
20~25WAC-DC Single Output Desktop
ES25C MEANWELL-ES25C Datasheet
188Kb / 2P
20~25WAC-DC Single Output Desktop
GS25A MEANWELL-GS25A Datasheet
120Kb / 2P
20~25WAC-DC Single Output Desktop
GS25B MEANWELL-GS25B Datasheet
122Kb / 2P
20~25WAC-DC Single Output Desktop
GS25A MEANWELL-GS25A_11 Datasheet
176Kb / 2P
20~25WAC-DC Single Output Desktop
GS25B MEANWELL-GS25B_11 Datasheet
175Kb / 2P
20~25WAC-DC Single Output Desktop
P25A-T MEANWELL-P25A-T Datasheet
162Kb / 2P
25WAC-DC Triple Output Desktop
P25B-T MEANWELL-P25B-T Datasheet
157Kb / 2P
25WAC-DC Triple Output Desktop
P25B-T MEANWELL-P25B-T_07 Datasheet
157Kb / 2P
25WAC-DC Triple Output Desktop
GS25A MEANWELL-GS25A_12 Datasheet
194Kb / 2P
20~25WAC-DC Single Output Desktop
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com