Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1739CFE Datasheet(PDF) 2 Page - Linear Technology

Part # LT1739CFE
Description  Dual 500mA, 200MHz xDSL Line Driver Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1739CFE Datasheet(HTML) 2 Page - Linear Technology

  LT1739CFE Datasheet HTML 1Page - Linear Technology LT1739CFE Datasheet HTML 2Page - Linear Technology LT1739CFE Datasheet HTML 3Page - Linear Technology LT1739CFE Datasheet HTML 4Page - Linear Technology LT1739CFE Datasheet HTML 5Page - Linear Technology LT1739CFE Datasheet HTML 6Page - Linear Technology LT1739CFE Datasheet HTML 7Page - Linear Technology LT1739CFE Datasheet HTML 8Page - Linear Technology LT1739CFE Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
LT1739
1739fas, sn1739
ORDER PART
NUMBER
Supply Voltage (V + to V –) .................................
±13.5V
Input Current .....................................................
±10mA
Output Short-Circuit Duration (Note 2) ........... Indefinite
Operating Temperature Range ............... – 40
°C to 85°C
Specified Temperature Range (Note 3) .. – 40
°C to 85°C
LT1739CFE
LT1739IFE
Consult LTC Marketing for parts specified with wider operating temperature ranges.
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
(Note 1)
1
2
3
4
5
6
7
8
9
10
TOP VIEW
20
19
18
17
16
15
14
13
12
11
V–
NC
–IN
+IN
SHDN
SHDNREF
+IN
–IN
NC
V–
V–
NC
OUT
V+
NC
NC
V+
OUT
NC
V–
FE PACKAGE
20-LEAD PLASTIC TSSOP
TJMAX = 150°C, θJA = 40°C/W, θJC = 3°C/W (Note 4)
UNDERSIDE METAL CONNECTED TO V –
Junction Temperature
FE Package ....................................................... 150
°C
UE Package ...................................................... 125
°C
Storage Temperature Range
FE Package ....................................... – 65
°C to 150°C
UE Package ...................................... – 65
°C to 125°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ORDER PART
NUMBER
LT1739CUE
LT1739IUE
12
11
10
9
8
7
1
2
3
4
5
6
V–
OUT A
V+
V+
OUT B
V–
–IN A
+IN A
SHDN
SHDNREF
+IN B
–IN B
TOP VIEW
UE12 PACKAGE
12-LEAD (4mm
× 3mm) PLASTIC DFN
TJMAX = 125°C, θJA = 60°C/W, θJC = 3°C/W (Note 4)
UNDERSIDE METAL CONNECTED TO V –
ELECTRICAL CHARACTERISTICS
The q denotes the specifications which apply over the full specified temperature range, otherwise specifications are at TA = 25°C.
VCM = 0V, pulse tested, ±5V ≤ VS ≤ ±12V, VSHDNREF = 0V, RBIAS = 24.9k between V+ and SHDN unless otherwise noted. (Note 3)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
15.0
mV
q
7.5
mV
Input Offset Voltage Matching
0.3
5.0
mV
q
7.5
mV
Input Offset Voltage Drift
q
10
µV/°C
IOS
Input Offset Current
100
500
nA
q
800
nA
IB
Input Bias Current
±0.1
±4
µA
q
±6
µA
Input Bias Current Matching
100
500
nA
q
800
nA
en
Input Noise Voltage Density
f = 10kHz
8
nV/
√Hz
in
Input Noise Current Density
f = 10kHz
0.8
pA/
√Hz
UE PART
MARKING
1739
1739I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com