Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS18U07 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # GS18U07
Description  10~18WAC-DC Single Output Wall-mounted type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

GS18U07 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  GS18U07 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. GS18U07 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
GS18U03-P1J GS18U05-P1J GS18U07-P1J GS18U09-P1J GS18U12-P1J GS18U15-P1J GS18U18-P1J GS18U24-P1J GS18U28-P1J GS18U48-P1J
ORDERNO.
SAFETY MODEL NO.
DCVOLTAGE
Note.2
RATEDCURRENT
CURRENTRANGE
RATEDPOWER (max.)
RIPPLE&NOISE(max.) Note.3
OUTPUT
SETUP,RISE,HOLDUP TIME
VOLTAGERANGE
FREQUENCY RANGE
EFFICIENCY (Typ.)
ACCURRENT
INPUT
ENVIRONMENT
INRUSHCURRENT(max.)
LEAKAGECURRENT(max.)
SAFETY STANDARDS
SAFETY &
EMC
(Note.7)
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
PROTECTION
3.3V
5V
7.5V
9V
12V
15V
18V
24V
28V
48V
GS18U03
GS18U05
GS18U07
GS18U09
GS18U12
GS18U15
GS18U18
GS18U24
GS18U28
GS18U48
3.0A
3.0A
2.0A
2.0A
1.50A
1.20A
1.0A
0.75A
0.64A
0.375A
0~3.0A
0~3.0A
0~2.0A
0~2.0A
0~1.50A
0~1.20A
0~1.0A
0~0.75A
50mVp-p
50mVp-p
80mVp-p
80mVp-p
80mVp-p
100mVp-p
150mVp-p
180mVp-p
240mVp-p
240mVp-p
VOLTAGETOLERANCE Note.4
LINEREGULATION
Note.5
LOADREGULATION
Note.6
5.0%
5.0%
5.0%
5.0%
3.0%
3.0%
3.0%
2.0%
2.0%
2.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
5.0%
5.0%
5.0%
5.0%
3.0%
3.0%
3.0%
2.0%
2.0%
2.0%
90~264VAC135~370VDC
47~63Hz
68%
73%
79%
79%
81%
81%
82%
84%
84%
85%
0.5A /100VAC
25A /115VAC
0.25mA /240VAC
UL60950-1,CSA C22.2,BSMI,CNS14336approved
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:4242VDC
I/P-O/P:100MOhms/500VDC /25
/70%RH
500Khrsmin.MIL-HDBK-217F(25
)
0~+50
(Refertooutputloadderatingcurve)
20%~90%RHnon-condensing
-20~+85
,10~95%RH
0.03%/
(0~50
)
10~500Hz,2G10min./1cycle,periodfor60min. eachalongX, Y,Zaxes
79*54*33mm(L*W*H)
210g;60pcs/13.5kg/CARTON
CONNECTOR
PLUG
CABLE
Standardtype
forstock
thertypeavailablebycustomerrequested
P1J:2.1
*5.5
*11mm,tuningforktype,centerpositive
;O
Standardtype
4FT for3.3~5Voutput forstock
thertypeavailablebycustomerrequested
UL11856ft(
)
;O
10W
15W
15W
18W
18W
18W
18W
18W
18W
0~0.64A
18W
0~0.375A
1.All parameters are specified at 115VAC input, rated load, 25
70% RH ambient.
2.DC voltage: The output voltage set at point measure by plug terminal & 50% load.
3.Ripple & noise are measured at 20MHz by using a 12" twisted pair terminated with a 0.1uf & 47uf capacitor.
4.Tolerance: includes set up tolerance, line regulation, load regulation.
5.Line regulation is measured from low line to high line at rated load.
6.Load regulation is measured from 20% to 100% rated load
7.The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
EMICONDUCTION&RADIATION
OVERLOAD
OVERVOLTAGE
110~150% ratedoutputpower
Protectiontype:Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
105~150%ratedoutputvoltage
Protectiontype:Clampbyzenerdiode,outputshort
Complianceto
CNS13438classB
FCCPART 15/CISPR22classB,
Universal AC input / Full range
No load power consumption<0.5W
Pass energy star(CEC) level
for 5~48V output
Meet EISA 2007 (Energy Independence and Security Act) for 5 ~ 48V
2 pole USA plug
Class
power (without earth pin)
Full output 3~48V safety approval
Protections: Short circuit / Overload / Over voltage
Fully enclosed plastic case
LED indicator for power on
Approvals: UL / CUL / BSMI / CB / FCC
Pass LPS for 9~48V output
2 years warranty
500ms,20ms,50ms/230VAC
atfullload
500ms,20ms,15ms/115VAC
10~18W AC-DCSingleOutputWall-mountedtype
G S 1 8 U series
Features :
FileName:GS18U-SPEC2008-06-04


Similar Part No. - GS18U07

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
GS18U07 MEANWELL-GS18U07 Datasheet
148Kb / 2P
15~18WAC-DC Single Output Wall-mounted type
GS18U07-P1J MEANWELL-GS18U07-P1J Datasheet
148Kb / 2P
15~18WAC-DC Single Output Wall-mounted type
GS18U07-P1J MEANWELL-GS18U07-P1J Datasheet
166Kb / 2P
15~18WAC-DC Single Output Wall-mounted type
More results

Similar Description - GS18U07

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
ES18E MEANWELL-ES18E Datasheet
152Kb / 2P
9~18WAC-DC Single Output Wall-mounted type
ES18U MEANWELL-ES18U Datasheet
147Kb / 2P
9~18WAC-DC Single Output Wall-mounted type
GS12E MEANWELL-GS12E Datasheet
117Kb / 2P
10 ~ 12WAC-DC Single Output Wall-mounted type
GS12U MEANWELL-GS12U Datasheet
98Kb / 2P
10 ~ 12WAC-DC Single Output Wall-mounted type
GS18E MEANWELL-GS18E Datasheet
110Kb / 2P
10~18WAC-DC Single Output Wall-mounted type
GE18 MEANWELL-GE18 Datasheet
192Kb / 2P
12~18WAC-DC Single Output Interchangeable Wall-mounted type
GS12U MEANWELL-GS12U_11 Datasheet
224Kb / 2P
10 ~ 12WAC-DC Single Output Wall-mounted type
GS18E MEANWELL-GS18E_11 Datasheet
158Kb / 2P
15~18WAC-DC Single Output Wall-mounted type
GS18U MEANWELL-GS18U_11 Datasheet
148Kb / 2P
15~18WAC-DC Single Output Wall-mounted type
GS18U MEANWELL-GS18U_12 Datasheet
166Kb / 2P
15~18WAC-DC Single Output Wall-mounted type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com