Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP0701 Datasheet(PDF) 2 Page - Supertex, Inc

Part # LP0701
Description  P-Channel Enhancement-Mode Lateral MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

LP0701 Datasheet(HTML) 2 Page - Supertex, Inc

  LP0701 Datasheet HTML 1Page - Supertex, Inc LP0701 Datasheet HTML 2Page - Supertex, Inc LP0701 Datasheet HTML 3Page - Supertex, Inc LP0701 Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
7-24
LP0701
Package
I
D
(continuous)*
I
D
(pulsed)*
Power Dissipation
θ
jc
θ
ja
I
DR
I
DRM
*
@ T
C = 25°C
°C/W
°C/W
TO-92
-0.5A
-1.25A
1W
125
170
-0.5A
-1.25A
SO-8
-0.7A
-1.25A
1.5W
83
104
-0.7A
-1.25A
*I
D (continuous) is limited by max rated Tj.
Mounted on FR4 board, 25mm x 25mm x 1.57mm.
Thermal Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
Conditions
BV
DSS
Drain-to-Source Breakdown Voltage
-16.5
V
V
GS = 0V, ID = -1mA
V
GS(th)
Gate Threshold Voltage
-0.5
-0.7
-1.0
V
V
GS = VDS, ID = -1mA
∆V
GS(th)
Change in V
GS(th) with Temperature
-4.0
mV/
°CV
GS = VDS, ID = -1mA
I
GSS
Gate Body Leakage
-100
nA
V
GS = ±10V, VDS = 0V
I
DSS
Zero Gate Voltage Drain Current
-100
nA
V
DS = -15V, VGS = 0V
-1.0
mA
V
DS = 0.8 Max Rating,
V
GS = 0V, TA = 125°C
-0.4
V
GS = VDS = -2V
I
D(ON)
ON-State Drain Current
-0.6
-1.0
V
GS = VDS = -3V
-1.25
-2.3
A
V
GS = VDS = -5V
2.0
4.0
V
GS = -2V, ID = -50mA
R
DS(ON)
1.7
2.0
V
GS = -3V, ID = -150mA
1.3
1.5
V
GS = -5V, ID = -300mA
∆R
DS(ON)
Change in R
DS(ON) with temperature
0.75
%/
°CV
GS = -5V, ID = -300mA
G
FS
Forward Transconductance
500
700
m
V
DS = -15V, ID = -1A
C
ISS
Input Capacitance
120
250
C
OSS
Common Source Output Capacitance
100
125
pF
V
GS = 0V, VDS = -15V, f = 1MHz
C
RSS
Reverse Transfer Capacitance
40
60
t
d(ON)
Turn-ON Delay Time
20
t
r
Rise Time
20
V
DD =-15V, ID = -1.25A,
t
d(OFF)
Turn-OFF Delay Time
30
R
GEN = 25Ω
t
f
Fall Time
30
V
SD
Diode Forward Voltage Drop
-1.2
-1.5
V
V
GS = 0V, ISD = -500mA
Note 1:
All D.C. parameters 100% tested at 25
°C unless otherwise stated. (Pulse test: 300µs pulse, 2% duty cycle.)
Note 2:
All A.C. parameters sample tested.
A
Electrical Characteristics (@ 25°C unless otherwise specified)
Static Drain-to-Source
ON-State Resistance
ns
Switching Waveforms and Test Circuit
90%
10%
90%
90%
10%
10%
PULSE
GENERATOR
V
DD
R
L
OUTPUT
D.U.T.
t
(ON)
t
d(ON)
t
(OFF)
t
d(OFF)
t
F
t
r
INPUT
INPUT
OUTPUT
0V
V
DD
R
gen
0V
-10V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com