Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDH07 Datasheet(PDF) 1 Page - Adam Technologies, Inc.

Part # CDH07
Description  .100 LATCHING HEADER & HOUSING
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

CDH07 Datasheet(HTML) 1 Page - Adam Technologies, Inc.

  CDH07 Datasheet HTML 1Page - Adam Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Adam Technologies, Inc.
909 Rahway Avenue • Union, New Jersey 07083 • T: 908-687-5000 • F: 908-687-5710 • WWW.ADAM-TECH.COM
278
909 Rahway Avenue • Union, New Jersey 07083 • T: 908-687-5000 • F: 908-687-5710 • WWW.ADAM-TECH.COM
INTRODUCTION:
Adam Tech CDR series latching header & housing set was designed
to attach wires to a PCB. This series features a latching housing
which mates to a polarized, locking header. This set provides a
secure,
easy
to
mate
connection
with
superior
electrical
characteristics.
FEATURES:
Secure, latching header housing set
Precision .025" sq. posts
Latching housing
Polarized anti-vibration design
Available in 2 - 12 positions
MATING CONNECTORS:
All industry standard .100 centerline compatible latching headers and
housings
SPECIFICATIONS:
Material:
Insulator: Nylon 66, rated UL94V-0
Insulator Color: Black
Contacts: Phosphor bronze
Contact Plating:
Tin over copper underplate overall
Electrical:
Operating voltage: 250V AC max.
Current rating: 3 Amps max.
Insulation resistance: 1000 M
Ω min.
Dielectric withstanding voltage: 500V AC for 1 minute
Mechanical:
Recommended wire size: 22 to 28 Awg with .059”
O.D. insulation max.
Temperature Rating:
Operating temperature: -40°C to +105°C
PACKAGING:
Anti-ESD plastic bags
SAFETY AGENCY APPROVALS:
UL Recognized File No. E224053
CSA Certified File No. LR1578596
CDH
04
SERIES INDICATOR
CDH = Latching Housing
POSITIONS
02 thru 12
HOUSING ORDERING INFORMATION
.100" LATCHING
HEADER & HOUSING
.100" [2.54] STRAIGHT
& RIGHT ANGLE
CDR SERIES
CDR
04
SERIES INDICATOR
CDR = Latching
Shrouded
Header
POSITIONS
02 thru 12
TS
MOUNTING
TS = Straight
PCB Mount
TR = Right Angle
PCB Mount
HEADER ORDERING INFORMATION
CDH-C
R
SERIES INDICATOR
CDH-C = Crimp Contact
PACKAGING
B = Loose in bag
R = Chain on reel
CONTACT ORDERING INFORMATION
®
®
V
D E
UL
®
RoHS
COMPLIANT
2002 / 95 / EC
2002 / 95 / EC
Pb
RoHS
COMPLIANT


Similar Part No. - CDH07

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
CDH-04 ADAM-TECH-CDH-04 Datasheet
108Kb / 1P
.100 LATCHING HEADER & HOUSING
logo
Omega Engineering, Inc.
CDH-7021 OMEGA-CDH-7021 Datasheet
294Kb / 1P
OMEGAETTE TM Microprocessor Based Water Test meter
logo
Adam Technologies, Inc.
CDH-C-MT-R ADAM-TECH-CDH-C-MT-R Datasheet
72Kb / 1P
CRIMP CONTACT
CDH-C-R ADAM-TECH-CDH-C-R Datasheet
108Kb / 1P
.100 LATCHING HEADER & HOUSING
CDH-C-X ADAM-TECH-CDH-C-X Datasheet
34Kb / 1P
CRIMP CONTACT
More results

Similar Description - CDH07

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
CDR-06-TS ADAM-TECH-CDR-06-TS Datasheet
108Kb / 1P
.100 LATCHING HEADER & HOUSING
LHA10TS ADAM-TECH-LHA10TS Datasheet
128Kb / 1P
.100 HEADER & HOUSING CONNECTOR SYSTEM
logo
Major League Electronic...
SHTSL-1 MAJOR-LEAGUE-SHTSL-1 Datasheet
55Kb / 2P
.100" cl Latching Shrouded Header - Straight
SHTSL-6 MAJOR-LEAGUE-SHTSL-6 Datasheet
66Kb / 2P
.050" cl x .100" cl Latching Shrouded Header - Straight
logo
Adam Technologies, Inc.
CDH-XX-L ADAM-TECH-CDH-XX-L Datasheet
37Kb / 1P
LATCHING HOUSING WITH LATCH
CDH-XX-NL ADAM-TECH-CDH-XX-NL Datasheet
36Kb / 1P
LATCHING HOUSING WITHOUT LATCH
CDR-XX-GS ADAM-TECH-CDR-XX-GS Datasheet
42Kb / 1P
LATCHING HEADER STRAIGHT
CDR-XX-GS-P1 ADAM-TECH-CDR-XX-GS-P1 Datasheet
76Kb / 1P
LATCHING HEADER STRAIGHT
CDR-XX-TS ADAM-TECH-CDR-XX-TS Datasheet
42Kb / 1P
LATCHING HEADER STRAIGHT
MTC-XX ADAM-TECH-MTC-XX Datasheet
36Kb / 1P
LATCHING WIRE HOUSING
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com