Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BHR60HTB Datasheet(PDF) 1 Page - Adam Technologies, Inc.

Part # BHR60HTB
Description  .100 BOX HEADERS .100 X .100 [2.54 X 2.54] CENTERLINE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

BHR60HTB Datasheet(HTML) 1 Page - Adam Technologies, Inc.

  BHR60HTB Datasheet HTML 1Page - Adam Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Adam Technologies, Inc.
909 Rahway Avenue • Union, New Jersey 07083 • T: 908-687-5000 • F: 908-687-5710 • WWW.ADAM-TECH.COM
257
909 Rahway Avenue • Union, New Jersey 07083 • T: 908-687-5000 • F: 908-687-5710 • WWW.ADAM-TECH.COM
.100" BOX HEADERS
.100" X .100" [2.54 X 2.54] CENTERLINE
BHR SERIES
INTRODUCTION:
Adam Tech BHR Series .100" Box Headers are a dual row shrouded
header for use with dual row IDC female socket connectors. Our low
profile, space saving design has a center slot for the socket’s
polarization bump. Adam Tech’s Box Headers are available in
Straight PCB Mount, Right Angle PCB Mount and SMT Mounting.
Plating options include choice of Gold, Tin or Selective Gold. SMT
versions are manufactured with a Hi-Temp insulator. Additional
options include latches and custom pin lengths.
FEATURES:
Superior low profile design
Slot for IDC socket Polarization bump
Straight PCB, Right Angle PCB and SMT versions
Gold, Tin or Selective Gold plating
Options include Elevated types and integral latches
Hi-Temp insulator available
MATING SOCKETS:
Adam Tech .100" X .100" dual row IDC sockets
SPECIFICATIONS:
Material:
Insulator: PBT, glass reinforeced, rated UL94V-0
Optional Hi-Temp insulator: Nylon 6T, rated UL94V-0
Insulator Color: Black (Gray optional)
Contacts: Brass
Plating:
U = Gold flash (30u” optional) over nickel underplate
SG = Gold flash (30u” optional) over nickel underplate on
contact area, tin over copper underplate on tails.
T = Tin over copper underplate overall
Electrical:
Operating voltage: 250V AC max.
Current rating: 1 Amp max
Contact resistance: 20 m
Ω max. initial
Insulation resistance: 5000 M
Ω min.
Dielectric withstanding voltage: 1000V AC for 1 minute
Mechanical:
Mating durability: 500 cycles min.
Temperature Rating:
Operating temperature: -55°C to +105°C
PACKAGING:
Anti-ESD plastic trays
SAFETY AGENCY APPROVALS:
UL Recognized File No. E224053
CSA Certified File No. LR1578596
OPTIONS:
Add designator(s) to end of part number
LL =Box header with long latches
SL =Box header with short latches
30 = 30 µin gold plating in contact area
GY=Gray color insulator
HT = Hi-Temp insulator for Hi-Temp soldering processes
up to 260°C (Add this option for thru-hole products only.
All SMT products are manufactured with Hi-Temp insulators)
ORDERING INFORMATION
BHR
50
V
U
SERIES
INDICATOR
BHR = .100"
Box Header
NO. OF
POSITIONS
08, 10, 14, 16,
20, 24, 26, 30,
34, 40, 44, 50,
60, 64
CONTACT PLATING
U = Gold Plated
T = Tin Plated
SG = Gold Plating in contact
area, tin plated tails
PIN LENGTH
A = Standard
solder tail
B = Special length,
customer
specified
SMT = Surface
Mount
MOUNTING
ORIENTATION
V = Straight
Mount
H = Right Angle
Mount
A
®
®
V
D E
UL
®
RoHS
COMPLIANT
2002 / 95 / EC
2002 / 95 / EC
Pb
RoHS
COMPLIANT
HI-TEMP
INSULATOR
A V A I L A B L E


Similar Part No. - BHR60HTB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BHR-03VS-1 ETC2-BHR-03VS-1 Datasheet
116Kb / 3P
4.0/8.0/12.0mm pitch/Disconnectable Crimp style connectors
logo
Adam Technologies, Inc.
BHR-10-VSGA ADAM-TECH-BHR-10-VSGA Datasheet
489Kb / 3P
100 BOX HEADERS 100 x .100 2.54 x 2.54 CENTERLINE
BHR-10-VSGA-SMT-PP-TR ADAM-TECH-BHR-10-VSGA-SMT-PP-TR Datasheet
79Kb / 1P
BOX HEADER
BHR-26-HUA-SMT-A9350 ADAM-TECH-BHR-26-HUA-SMT-A9350 Datasheet
82Kb / 1P
CUSTOM R/A BOX HEADER
BHR-30-VSG-SMT ADAM-TECH-BHR-30-VSG-SMT Datasheet
129Kb / 1P
.100 BOX HEADERS
More results

Similar Description - BHR60HTB

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
BHR-34-VUA-LL ADAM-TECH-BHR-34-VUA-LL Datasheet
116Kb / 1P
.100 BOX HEADER W/LATCHES .100 X .100 [2.54 X 2.54] CENTERLINE
BHRE50VUAXXX ADAM-TECH-BHRE50VUAXXX Datasheet
130Kb / 1P
.100 ELEVATED BOX HEADERS.100 X .100 [2.54 X 2.54] CENTERLINE
DPH-1 ADAM-TECH-DPH-1 Datasheet
135Kb / 1P
.100 PIN HEADERS DUAL INSULATOR .100 [2.54] CENTERLINE
FCP34SG ADAM-TECH-FCP34SG Datasheet
123Kb / 1P
.100 IDC BOX HEADER .100" X .100" [2.54 X 2.54] CENTERLINE
FCP-34-SG ADAM-TECH-FCP-34-SG Datasheet
115Kb / 1P
.100 IDC BOX HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
FCS50SG ADAM-TECH-FCS50SG Datasheet
131Kb / 1P
.100 IDC SOCKET .100 X .100 [2.54 X 2.54] CENTERLINE
MHR ADAM-TECH-MHR Datasheet
97Kb / 1P
.100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
MHR40VUAL ADAM-TECH-MHR40VUAL Datasheet
130Kb / 1P
.100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
BHR-10-VSGA ADAM-TECH-BHR-10-VSGA Datasheet
489Kb / 3P
100 BOX HEADERS 100 x .100 2.54 x 2.54 CENTERLINE
PH1-40-UA ADAM-TECH-PH1-40-UA Datasheet
731Kb / 4P
.100 2.54 CENTERLINE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com