Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET-50 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # NET-50
Description  50W Triple Output Switching Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

NET-50 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  NET-50 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. NET-50 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
Note.6
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE
SETUP,RISETIME
HOLDTIME (Typ.)
VOLTAGERANGE
FREQUENCY RANGE
EFFICIENCY (Typ.)
ACCURRENT (Typ.)
INPUT
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
SAFETY STANDARDS
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
500ms,30ms/230VAC1200ms,30ms/115VACatfullload
50ms/230VAC
10ms/115VACatfullload
85~264VAC120~370VDC
47~63Hz
1.1A/115VAC0.65A/230VAC
COLDSTART 45A
<2mA /240VAC
110~150% ratedoutputpower
CompliancetoEN55022(CISPR22)ClassB
-20~+60
(Refertooutputloadderatingcurve)
20~90%RH non-condensing
-40~+85
,10~95%RH
0.03%/
(0~45
)
10~500Hz,2G10min./1cycle,periodfor 60min.eachalongX, Y,Zaxes
348.4Khrsmin.MIL-HDBK-217F(25
)
129*98*38mm(L*W*H)
FileName:NET-50-SPEC2006-10-31
OVERVOLTAGE
HARMONICCURRENT
EMSIMMUNITY
Complianceto EN61000-3-2,-3
CompliancetoEN61000-4-2,3,4,5,6,8,11,ENV50204,EN55024,EN61000-6-1Lightindustrylevel,criteria A
50W TripleOutputSwitchingPowerSupply
Universal AC input/Full range
Protections:Short circuit/Over load/Over voltage
Cooling by free air convection
100% full load burn-in test
2 years warranty
Features :
N E T- 5 0 series
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
EMICONDUCTION&RADIATION
ENVIRONMENT
SAFETY &
EMC
(Note6)
PROTECTION
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. Line regulation is measured from low line to high line at rated load.
5. Load regulation is measured from 20% to 100% rated load, and other output at 60% rated load.
6. Each output can work within current range. But total output power can't exceed rated output power.
7. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
Protectiontype: Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
76%
LINEREGULATION
Note.4
LOADREGULATION
Note.5
CH1
CH1
CH1
CH1
OUTPUTNUMBER
UL60950-1,CB(IEC60950-1) Approved
0.44Kg;45pcs/21Kg/1.24CUFT
NET-50A
5V
4A
4A
0.6~5A
0.6~5A
46.5W
80mVp-p
CH1:4.75~5.5V
2.0%
0.5%
1.5%
NET-50B
NET-50C
NET-50D
12V
CH2
CH2
CH2
CH2
-5V
CH3
CH3
CH3
CH3
12V
-12V
15V
-15V
12V
24V
5V
5V
5V
2A
2A
0.5A
0.5A
1.5A
0.5A
1A
1A
4A
3A
0.2~2.5A
0.2~2.5A
0.1~0.7A
0.1~0.7A
0.1~2A
0.1~0.7A
0.1~1.5A
0.1~1.5A
0.6~5A
0.6~5A
50W
50W
51W
120mVp-p 120mVp-p
120mVp-p 120mVp-p
150mVp-p 150mVp-p
120mVp-p
200mVp-p
80mVp-p
80mVp-p
80mVp-p
CH1:4.75~5.5V
CH1:4.75~5.5V
CH1:4.75~5.5V
6.0%
5.0%
6.0%
5.0%
8.0%
5.0%
8.0%
6.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
3.0%
1.0%
3.0%
1.0%
3.0%
1.0%
3.0%
3.0%
2.0%
2.0%
2.0%
0.5%
1.5%
0.5%
1.5%
0.5%
1.5%
78%
78%
80%
CH1:5.75~6.75V


Similar Part No. - NET-50

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
NET-50 MEANWELL-NET-50 Datasheet
428Kb / 2P
50W Triple Output Switching Power Supply
logo
Total Power Internation...
NET-50 TOTAL-POWER-NET-50 Datasheet
434Kb / 2P
50W Triple Output Switching Power Supply
logo
Mean Well Enterprises C...
NET-50A MEANWELL-NET-50A Datasheet
428Kb / 2P
50W Triple Output Switching Power Supply
NET-50A MEANWELL-NET-50A Datasheet
427Kb / 2P
50W Triple Output Switching Power Supply
logo
Total Power Internation...
NET-50A TOTAL-POWER-NET-50A Datasheet
434Kb / 2P
50W Triple Output Switching Power Supply
More results

Similar Description - NET-50

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
RT-50 ASTRODYNE-RT-50 Datasheet
484Kb / 2P
50W Triple Output Switching Power Supply
logo
Mean Well Enterprises C...
RT-50 MEANWELL-RT-50 Datasheet
406Kb / 2P
50W Triple Output Switching Power Supply
T-50 MEANWELL-T-50 Datasheet
356Kb / 2P
50W Triple Output Switching Power Supply
NET-50 MEANWELL-NET-50_10 Datasheet
428Kb / 2P
50W Triple Output Switching Power Supply
RT-50 MEANWELL-RT-50_10 Datasheet
415Kb / 2P
50W Triple Output Switching Power Supply
RT-50 MEANWELL-RT-50_11 Datasheet
416Kb / 2P
50W Triple Output Switching Power Supply
NET-50 MEANWELL-NET-50_11 Datasheet
427Kb / 2P
50W Triple Output Switching Power Supply
logo
Astrodyne Corporation
RT50 ASTRODYNE-RT50 Datasheet
300Kb / 4P
50W Triple Output Switching Power Supply
logo
Total Power Internation...
NET-50 TOTAL-POWER-NET-50 Datasheet
434Kb / 2P
50W Triple Output Switching Power Supply
RT-50 TOTAL-POWER-RT-50 Datasheet
493Kb / 2P
50W Triple Output Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com