Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET-75 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # NET-75
Description  75W Triple Output Switching Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

NET-75 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  NET-75 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. NET-75 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
Note.6
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE
SETUP,RISETIME
HOLDUP TIME (Typ.)
VOLTAGERANGE
FREQUENCY RANGE
EFFICIENCY(Typ.)
ACCURRENT (Typ.)
INPUT
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
SAFETY STANDARDS
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
500ms,30ms/230VAC1200ms,30ms/115VACatfullload
50ms/230VAC
10ms/115VACatfullload
85~264VAC120~370VDC
47~63Hz
1.5A/115VAC0.9A/230VAC
COLDSTART 45A
<2mA /240VAC
110~150% ratedoutputpower
CompliancetoEN55022(CISPR22)ClassB
-20~+60
(Refertooutputloadderatingcurve)
20~90%RH non-condensing
-40~+85
,10~95%RH
0.03%/
(0~45
)
10~500Hz,2G10min./1cycle,periodfor 60min.eachalongX, Y,Zaxes
361.6Khrsmin.MIL-HDBK-217F(25
)
FileName:NET-75-SPEC2006-12-27
0.52Kg;30pcs/16.6Kg/0.97CUFT
OVERVOLTAGE
HARMONICCURRENT
EMSIMMUNITY
Complianceto EN61000-3-2,-3
CompliancetoEN61000-4-2,3,4,5,6,8,11,ENV50204,EN55024,EN61000-6-1Lightindustrylevel,criteria A
75W TripleOutputSwitchingPowerSupply
Universal AC input / Full range
Protections: Short circuit / Over load / Over voltage
Cooling by free air convection
100% full load burn-in test
2 years warranty
Features :
N E T- 7 5 series
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
EMICONDUCTION&RADIATION
ENVIRONMENT
SAFETY &
EMC
(Note6)
PROTECTION
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. Line regulation is measured from low line to high line at rated load.
5. Load regulation is measured from 20% to 100% rated load, and other output at 60% rated load.
6. Each output can work within current range. But total output power can't exceed rated output power.
7. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
Protectiontype: Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
77%
LINEREGULATION
Note.4
LOADREGULATION
Note.5
CH1
CH1
CH1
CH1
OUTPUTNUMBER
159*97*38mm(L*W*H)
UL60950-1,CB(IEC60950-1) Approved
NET-75A
5V
6A
5A
0.6~7A
0.6~7A
68.5W
80mVp-p
CH1:4.75~5.5V
2.0%
0.5%
1.5%
NET-75B
NET-75C
NET-75D
12V
CH2
CH2
CH2
CH2
-5V
CH3
CH3
CH3
CH3
12V
-12V
15V
-15V
12V
24V
5V
5V
5V
3A
2.8A
0.5A
0.5A
2.3A
0.5A
1A
1.5A
6A
5A
0.2~3.5A
0.2~3.5A
0.1~0.7A
0.1~0.7A
0.1~3.5A 0.1~0.7A
0.1~1.5A
0.1~2A
0.6~7A
0.6~6A
64.6W
72W
73W
120mVp-p 120mVp-p
120mVp-p 120mVp-p
150mVp-p 150mVp-p
200mVp-p 120mVp-p
80mVp-p
80mVp-p
80mVp-p
CH1:4.75~5.5V
CH1:4.75~5.5V
CH1:4.75~5.5V
6.0%
5.0%
6.0%
5.0%
8.0%
5.0%
8.0%
6.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
3.0%
1.0%
3.0%
1.0%
3.0%
1.0%
3.0%
3.0%
2.0%
2.0%
2.0%
0.5%
1.5%
0.5%
1.5%
0.5%
1.5%
78%
78%
80%
CH1:5.75~6.75V


Similar Part No. - NET-75

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
NET-75 MEANWELL-NET-75 Datasheet
386Kb / 2P
75W Triple Output Switching Power Supply
NET-75 MEANWELL-NET-75 Datasheet
385Kb / 2P
75W Triple Output Switching Power Supply
logo
Total Power Internation...
NET-75 TOTAL-POWER-NET-75 Datasheet
385Kb / 2P
75W Triple Output Switching Power Supply
logo
Mean Well Enterprises C...
NET-75A MEANWELL-NET-75A Datasheet
386Kb / 2P
75W Triple Output Switching Power Supply
NET-75A MEANWELL-NET-75A Datasheet
385Kb / 2P
75W Triple Output Switching Power Supply
More results

Similar Description - NET-75

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
RS-75 ASTRODYNE-RS-75 Datasheet
307Kb / 2P
75W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
NES-75 MEANWELL-NES-75 Datasheet
404Kb / 2P
75W Single Output Switching Power Supply
logo
RSG Electronic Componen...
LPS-75 RSG-LPS-75 Datasheet
188Kb / 2P
75W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
LPS-75 MEANWELL-LPS-75_10 Datasheet
304Kb / 2P
75W Single Output Switching Power Supply
NET-75 MEANWELL-NET-75_10 Datasheet
386Kb / 2P
75W Triple Output Switching Power Supply
NET-75 MEANWELL-NET-75_11 Datasheet
385Kb / 2P
75W Triple Output Switching Power Supply
NED-75 MEANWELL-NED-75_11 Datasheet
383Kb / 2P
75W Dual Output Switching Power Supply
logo
Astrodyne Corporation
LPS75 ASTRODYNE-LPS75 Datasheet
322Kb / 4P
75W Single Output Switching Power Supply
logo
Total Power Internation...
NET-75 TOTAL-POWER-NET-75 Datasheet
385Kb / 2P
75W Triple Output Switching Power Supply
NES-75 TOTAL-POWER-NES-75 Datasheet
406Kb / 2P
75W Single Output Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com