Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TN2124 Datasheet(PDF) 2 Page - Supertex, Inc

Part # TN2124
Description  N-Channel Enhancement-Mode Vertical DMOS FETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TN2124 Datasheet(HTML) 2 Page - Supertex, Inc

  TN2124 Datasheet HTML 1Page - Supertex, Inc TN2124 Datasheet HTML 2Page - Supertex, Inc TN2124 Datasheet HTML 3Page - Supertex, Inc TN2124 Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
TN2124
90%
10%
90%
90%
10%
10%
PULSE
GENERATOR
V
DD
R
L
OUTPUT
D.U.T.
t
(ON)
t
d(ON)
t
(OFF)
t
d(OFF)
t
F
t
r
INPUT
INPUT
OUTPUT
10V
V
DD
R
gen
0V
0V
Package
I
D (continuous)*
I
D (pulsed)
Power Dissipation
θ
jc
θ
ja
I
DR*IDRM
@ TA = 25°C
°C/W
°C/W
TO-236AB
134mA
250mA
0.36W
200
350
134mA
250mA
TO-243AA
230mA
1.1A
1.6W†
15
78†
230mA
1.1A
* I
D (continuous) is limited by max rated Tj.
† Mounted on FR5 board. 25mmx25mmx1.57mm. Significant P
D increase possible on ceramic substrate.
Thermal Characteristics
Switching Waveforms and Test Circuit
Symbol
Parameter
Min
Typ
Max
Unit
Conditions
BV
DSS
Drain-to-Source Breakdown Voltage
240
V
I
D = 1mA, VGS = 0V
V
GS(th)
Gate Threshold Voltage
0.8
2.0
V
V
GS = VDS, ID = 1mA
∆V
GS(th)
Change in VGS(th) with Temperature
-5.5
mV/
°CI
D = 1mA, VGS = VDS
I
GSS
Gate Body Leakage
0.1
100
nA
V
GS = ±20V, VDS = 0V
I
DSS
Zero Gate Voltage Drain Current
1
µAV
GS = 0V, VDS = Max Rating
100
µAV
GS = 0V, VDS = 0.8 Max Rating
T
A = 125°C
ID(ON)
ON-State Drain Current
140
mA
VGS = 4.5V, VDS = 25V
R
DS(ON)
30
Ω
V
GS = 3V, ID = 25mA
15
Ω
V
GS = 4.5V, ID = 120mA
∆R
DS(ON)
Change in RDS(ON) with Temperature
0.7
1.0
%/
°CI
D = 120mA, VGS = 4.5V
G
FS
Forward Transconductance
100
170
m
V
DS = 25V, ID = 120mA
C
ISS
Input Capacitance
38
50
COSS
Common Source Output Capacitance
9
15
pF
VGS = 0V, VDS = 25V, f = 1MHz
C
RSS
Reverse Transfer Capacitance
3
5
t
d(ON)
Turn-ON Delay Time
4
7
tr
Rise Time
2
5
t
d(OFF)
Turn-OFF Delay Time
7
10
t
f
Fall Time
9
12
VSD
Diode Forward Voltage Drop
1.8
V
ISD = 120mA, VGS = 0V
t
rr
Reverse Recovery Time
400
ns
I
SD = 120mA, VGS = 0V
Notes:
1.All D.C. parameters 100% tested at 25
°C unless otherwise stated. (Pulse test: 300µs pulse, 2% duty cycle.)
2.All A.C. parameters sample tested.
Electrical Characteristics (@ 25
°C unless otherwise specified)
V
DD = 25V
ns
I
D = 140mA
R
GEN = 25Ω
Static Drain-to-Source
ON-State Resistance



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com