Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TN2425 Datasheet(PDF) 4 Page - Supertex, Inc

Part # TN2425
Description  N-Channel Enhancement-Mode Vertical DMOS FETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TN2425 Datasheet(HTML) 4 Page - Supertex, Inc

  TN2425 Datasheet HTML 1Page - Supertex, Inc TN2425 Datasheet HTML 2Page - Supertex, Inc TN2425 Datasheet HTML 3Page - Supertex, Inc TN2425 Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
1235 Bordeaux Drive, Sunnyvale, CA 94089
TEL: (408) 744-0100 • FAX: (408) 222-4895
www.supertex.com
11/12/01
©2001 Supertex Inc. All rights reserved. Unauthorized use or reproduction prohibited.
TN2425
Typical Performance Curves
ID (Amperes)
On Resistance vs. Drain Current
VGS(TH) and RDS(ON) w/ Temperature
TJ (°C)
Transfer Characteristics
VGS (Volts)
02468
10
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VDS = 25V
TA = -55°C
TA = 125°C
TA = 25°C
-50
0
50
100
150
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.6
0.9
1.2
1.5
1.8
RDS(ON) @ 10V, 0.5A
VGS(th) @ 1mA
010
20
304050
0
50
100
150
200
CRSS
COSS
CISS
f = 1MHz
0.0
1.0
2.0
3.0
4.0
5.0
0
2
4
6
8
10
ID = 480mA
VDS=10V
VDS=40V
-50
0
50
100
150
0.8
0.9
1.0
1.1
1.2
BV @ 250µA
453pF
128pF
TJ (°C)
BVDSS Variation with Temperature
Capacitance vs. Drain Source Voltage
VDS (Volts)
Gate Drive Dynamic Characteristics
Q (nanocoulombs)
G
012345
0
2
4
6
8
10
VGS = 4.5V
VGS = 10V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com