Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TN2425N8 Datasheet(PDF) 2 Page - Supertex, Inc

Part # TN2425N8
Description  N-Channel Enhancement-Mode Vertical DMOS FETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TN2425N8 Datasheet(HTML) 2 Page - Supertex, Inc

  TN2425N8 Datasheet HTML 1Page - Supertex, Inc TN2425N8 Datasheet HTML 2Page - Supertex, Inc TN2425N8 Datasheet HTML 3Page - Supertex, Inc TN2425N8 Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
TN2425
Thermal Characteristics
Package
I
D (continuous)*
I
D (pulsed)
Power Dissipation
θjc
θja
I
DR*IDRM
@ TA = 25°C
°C/W
°C/W
TO-243AA
480mA
1.9A
1.6W†
15
78†
480mA
1.9A
* I
D (continuous) is limited by max rated Tj.
† Mounted on FR5 board, 25mm x 25mm x 1.57mm. Significant P
D increase possible on ceramic substrate.
90%
10%
90%
90%
10%
10%
PULSE
GENERATOR
V
DD
R
L
OUTPUT
D.U.T.
t
(ON)
t
d(ON)
t
(OFF)
t
d(OFF)
t
F
t
r
INPUT
INPUT
OUTPUT
10V
V
DD
R
gen
0V
0V
Switching Waveforms and Test Circuit
Symbol
Parameter
Min
Typ
Max
Unit
Conditions
BVDSS
Drain-to-Source Breakdown Voltage
250
V
VGS = 0V, ID = 250µA
V
GS(th)
Gate Threshold Voltage
0.8
V
V
GS = VDS, ID= 1.0mA
∆VGS(th)
Change in VGS(th) with Temperature
-5.5
mV/°CVGS = VDS, ID= 1.0mA
I
GSS
Gate Body Leakage
100
nA
V
GS = ± 20V, VDS = 0V
IDSS
Zero Gate Voltage Drain Current
10
µAVGS = 0V, VDS = Max Rating
1.0
mA
V
GS = 0V, VDS = 0.8 Max Rating
TA = 125°C
I
D(ON)
ON-State Drain Current
0.8
A
V
GS = 4.5V, VDS = 25V
1.5
VGS = 10V, VDS = 25V
R
DS(ON)
Static Drain-to-Source ON-State
6.0
V
GS = 3.0V, ID = 150mA
Resistance
5.0
Ω
VGS = 4.5V, ID = 250mA
3.5
VGS = 10V, ID = 0.5A
∆RDS(ON)
Change in R
DS(ON) with Temperature
1.7
%/°CVGS = 10V, ID = 0.5A
GFS
Forward Transconductance
500
m
VDS = 25V, ID = 250mA
C
ISS
Input Capacitance
105
200
V
GS = 0V, VDS = 25V
COSS
Common Source Output Capacitance
25
100
pF
f = 1.0MHz
C
RSS
Reverse Transfer Capacitance
7
40
td(ON)
Turn-ON Delay Time
5
15
t
r
Rise Time
10
25
ns
t
d(OFF)
Turn-OFF Delay Time
25
35
tf
Fall Time
5
15
V
SD
Diode Forward Voltage Drop
1.5
V
V
GS = 0V, ISD = 500mA
trr
Reverse Recovery Time
300
ns
VGS = 0V, ISD = 500mA
Notes:
1.All D.C. parameters 100% tested at 25°C unless otherwise stated. (Pulse test: 300µs pulse, 2% duty cycle.)
2.All A.C. parameters sample tested.
Electrical Characteristics (@ 25°C unless otherwise specified)
V
DD = 25V,
ID = 500mA
R
GEN = 25Ω



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com