Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMF02RF Datasheet(PDF) 1 Page - Adam Technologies, Inc.

Part # DMF02RF
Description  WIRE TO BOARD CONNECTORS .165 [4.20] CENTERLINES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

DMF02RF Datasheet(HTML) 1 Page - Adam Technologies, Inc.

  DMF02RF Datasheet HTML 1Page - Adam Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Adam Technologies, Inc.
909 Rahway Avenue Union, New Jersey 07083 T: 908-687-5000 F: 908-687-5710 WWW.ADAM-TECH.COM
330
INTRODUCTION:
Adam Tech DMH & DMF Series Power Connectors consist of a
receptacle and plug set in a variety of single and multiple row
configurations with 165" centerlines. They are manufactured of Nylon
6/6 with a flammability rating of UL94V-2 or UL94V-0. This series is
designed as a mated set with a PCB mounted header and a wire
mounted socket which securely latches to header when mated. Our
specially designed bodies provide polarization to eliminate mismating
and our latching system resists heavy vibration. PCB mounted
headers have molded pegs which align and brace the PCB tails for
trouble free assembly and use.
FEATURES:
High current rating
Polarized and Positive locking
Vibration resistant
Compatible with Wide Range of wires
Industry standard compatible
SPECIFICATIONS:
Material:
Insulator: Nylon 66, rated UL94V-2
Insulator Color: Natural or Black
Contacts: Brass, tin plated
Electrical:
Operating voltage: 300V AC / DC max.
Current Rating: 5 Amps max
Insulation resistance: 1000 M
Ω min.
Dielectric withstanding voltage: 1500V AC for 1 minute
Temperature Rating:
Operating temperature: -40°C to +125°C
PACKAGING:
Anti-ESD plastic bags
SAFETY AGENCY APPROVALS:
UL Recognized File No. E224053
CSA Certified File No. LR1578596
WIRE TO BOARD CONNECTORS
.165" [4.20] CENTERLINES
DMH SERIES
909 Rahway Avenue Union, New Jersey 07083 T: 908-687-5000 F: 908-687-5710 WWW.ADAM-TECH.COM
DMH
SERIES INDICATOR
DMH = 4.2mm Pitch
08
POSITIONS
02 THRU 24
(See Charts)
OPTIONS:
Add designator(s) to end of part number
P = PCB Peg
ORDERING INFORMATION
FEMALE WIRE HOUSING
DMF
24
S
F
SERIES
INDICATOR
DMF = PCB Male
POSITIONS
02 Thru 24
(Evenly
numbered)
MOUNTING
S = Straight PCB Mount
R = Right Angle PCB Mount
W = Crimp Housing
FLANGES
(Right Angle Only)
Blank = Straight Type
F = With Flange
(Right Angle Only)
N = Without Flange
ORDERING INFORMATION
MALE PCB HOUSING
®
®
V
D E
UL
®
RoHS
COMPLIANT
2002 / 95 / EC
2002 / 95 / EC
Pb
RoHS
COMPLIANT


Similar Part No. - DMF02RF

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMF05LCFLP DIODES-DMF05LCFLP Datasheet
82Kb / 4P
FIVE ELEMENT COMMON ANODE ESD-PROTECTION DIODE ARRAY
DS32004 Rev. 3 - 2
DMF05LCFLP-7 DIODES-DMF05LCFLP-7 Datasheet
82Kb / 4P
FIVE ELEMENT COMMON ANODE ESD-PROTECTION DIODE ARRAY
DS32004 Rev. 3 - 2
More results

Similar Description - DMF02RF

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBC12.542T DUBILIER-DBC12.542T Datasheet
176Kb / 1P
BOARD TO WIRE CONNECTORS
DBC13.962T DUBILIER-DBC13.962T Datasheet
913Kb / 1P
BOARD TO WIRE CONNECTORS
DBC22.52T DUBILIER-DBC22.52T Datasheet
326Kb / 1P
BOARD TO WIRE CONNECTORS
DBC23.96PH2T DUBILIER-DBC23.96PH2T Datasheet
178Kb / 1P
BOARD TO WIRE CONNECTORS
DBC23.962T DUBILIER-DBC23.962T Datasheet
473Kb / 1P
BOARD TO WIRE CONNECTORS 3.96mm PITCH
DBC32.52T DUBILIER-DBC32.52T Datasheet
440Kb / 1P
BOARD TO WIRE CONNECTORS
logo
Hirose Electric
MDF51 HIROSE-MDF51_17 Datasheet
1Mb / 12P
High Voltage Wire-to-Board Connectors
logo
Molex Electronics Ltd.
0151350803 MOLEX1-0151350803 Datasheet
54Kb / 1P
CLIK-Mate Wire-to-Board Connectors
5024390700 MOLEX1-5024390700 Datasheet
34Kb / 2P
CLIK-Mate Wire-to-Board Connectors
logo
JST Mfg. Co., Ltd.
JFA JST-JFA Datasheet
886Kb / 23P
Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com