Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TN2524 Datasheet(PDF) 3 Page - Supertex, Inc

Part # TN2524
Description  N-Channel Enhancement-Mode Vertical DMOS FETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TN2524 Datasheet(HTML) 3 Page - Supertex, Inc

  TN2524 Datasheet HTML 1Page - Supertex, Inc TN2524 Datasheet HTML 2Page - Supertex, Inc TN2524 Datasheet HTML 3Page - Supertex, Inc TN2524 Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
TN2524
Typical Performance Curves
Output Characteristics
4.0
3.2
2.4
1.6
0.8
0
VDS (volts)
SaturationCharacteristics
2.5
2.0
1.5
1.0
0.5
0
VDS (volts)
Maximum Rated Safe Operating Area
1
1000
100
10
0.1
1.0
10
0.01
VDS (volts)
Thermal Response Characteristics
1.0
0.8
0.6
0.4
0.2
0.001
10
0.01
0.1
1
tp(seconds)
Transconductance vs. Drain Current
1.0
0.8
0.6
0.4
0.2
0
0
4.0
0.8
1.6
2.4
3.2
ID (amperes)
Power Dissipationvs. AmbientTemperature
0
150
100
50
2.0
0
125
75
25
TC C)
°
(
TO-243AA
TA = -55°C
VDS = 25V
TO-243AA (pulsed)
010
20
30
50
40
VGS = 10V
8V
6V
4V
2V
02
4
6
10
8
VGS = 10V
TA =25°C
TA = 150°C
TO-243AA (DC)
1.0
2V
6V
4V
3V
3V
8V
TO-243AA
P
T
D
C
= 0.55W
=25 C
°
0
TA =25°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com