Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDH16T Datasheet(PDF) 1 Page - Adam Technologies, Inc.

Part # FDH16T
Description  .050 IDC CONNECTORS DUAL ROW SOCKETS & TRANSITION PLUGS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

FDH16T Datasheet(HTML) 1 Page - Adam Technologies, Inc.

  FDH16T Datasheet HTML 1Page - Adam Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Adam Technologies, Inc.
909 Rahway Avenue • Union, New Jersey 07083 • T: 908-687-5000 • F: 908-687-5710 • WWW.ADAM-TECH.COM
315
INTRODUCTION:
Adam Tech .050" IDC Sockets and transition plugs are low profile,
precision designed flat cable connectors that feature either .050" x
.100" centerlines or .050" x .050" centerlines. These series quickly
and easily mass terminate flat cable in one simple step. Our superior
contact design provides a smooth high pressure wiping action to
ensure excellent continuity. They are used with a single layer of .025"
flat cable. Their small size, light weight and high density make them
ideal for compact and limited space applications.
FEATURES:
.050" x .050" or .050" x .100"
Low Profile and High Density
Uses Single layer .025” Flat Cable
Quickly and easily mass terminates standard Flat Cable
Smooth High Pressure Wiping Contacts
MATING CONNECTORS:
Adam Tech .050" HBHR series box headers or HPH2 series pin
headers
SPECIFICATIONS:
Material:
Insulator: PBT, glass reinforced, rated UL94V-0
Insulator Color: Black
Contacts: Phosphor Bronze
Contact Plating:
Tin over copper underplate overall
Electrical:
Operating voltage: 250V AC max.
Current rating: 1 Amp max.
Contact resistance: 20 m
Ω max. Initial
Insulation resistance: 5000 M
Ω min.
Dielectric withstanding voltage: 1000V AC for 1 minute
Mechanical:
Insertion force: 0.312 lbs per contact max.
Withdrawal force: 0.094 lbs per contact min.
Recommended wire size: 28 Awg stranded
Cable retention: 22 lbs. min axial force per inch.
Mating durability: 500 cycles min.
Temperature Rating:
Operating temperature: -40°C to +105°C
PACKAGING:
Anti-ESD plastic trays
SAFETY AGENCY APPROVALS:
UL Recognized File No. E224053
CSA Certified File No. LR1578596
.050" IDC CONNECTORS
DUAL ROW SOCKETS & TRANSITION PLUGS
HFCS & HFDP SERIES
ORDERING INFORMATION
HFCS
50
SG
POSITIONS
HFCS: 10, 20, 30, 40,
50, 60, 70, 80,
90, 100
HFCS-A: 10, 20, 26, 34,
40, 50
HFDP: 30, 50, 68,
72, 80, 100
FDH: 10, 14, 16,
20, 26, 34,
40, 50, 60
PLATING
SG = Selective
gold plating
in contact
area
T = Tin plated
(HFDP)
SERIES INDICATOR
HFCS = Low profile
.050" x .100" IDC
Socket for single
layer .025"
Flat Cable
HFCS-A = Low profile
.050" x .050" IDC
Socket for single
layer .025"
Flat Cable
HFDP = .050" Paddleboard
Connector for
single layer .025"
Flat Cable
FDH = 4 Row
Transition plug
HFCS Strain Relief
Part No.:
HFSR - XX
(XX = No. of Positions)
OPTIONS
Add designator(s) to end of part number
N = No polarization bump (HFCS series)
®
®
V
D E
UL
®
RoHS
COMPLIANT
2002 / 95 / EC
2002 / 95 / EC
Pb
RoHS
COMPLIANT


Similar Part No. - FDH16T

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDH1000 FAIRCHILD-FDH1000 Datasheet
27Kb / 1P
High Conductance Switching Diodes
logo
TOKO, Inc
FDH1040 TOKO-FDH1040 Datasheet
108Kb / 1P
Fixed Inductors for Surface Mounting
FDH1040B TOKO-FDH1040B Datasheet
108Kb / 1P
Fixed Inductors for Surface Mounting
logo
Fairchild Semiconductor
FDH15N50 FAIRCHILD-FDH15N50 Datasheet
194Kb / 6P
15A, 500V, 0.38 Ohm, N-Channel SMPS Power MOSFET
logo
Inchange Semiconductor ...
FDH15N50 ISC-FDH15N50 Datasheet
344Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - FDH16T

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
2FCS40SG ADAM-TECH-2FCS40SG Datasheet
124Kb / 1P
2.00mm IDC SOCKET & TRANSITION PLUG
2FCS-20 ADAM-TECH-2FCS-20 Datasheet
105Kb / 1P
2.00mm IDC SOCKET & TRANSITION PLUG
FTR40T ADAM-TECH-FTR40T Datasheet
127Kb / 1P
IDC DIP & TRANSITION PLUGS .100 [2.54] CENTERLINE
FTR-14-T ADAM-TECH-FTR-14-T Datasheet
121Kb / 1P
IDC DIP & TRANSITION PLUGS .100 [2.54] CENTERLINE
HFCS-A-34-SG ADAM-TECH-HFCS-A-34-SG Datasheet
109Kb / 1P
.050 IDC SOCKET DUAL ROW FLAT CABLE SOCKETS
logo
Dubilier
DBCIDC1120AS1 DUBILIER-DBCIDC1120AS1 Datasheet
101Kb / 1P
IDC IDC DIP PLUG (TRANSITION)
DBCIDCA11A34BG1 DUBILIER-DBCIDCA11A34BG1 Datasheet
96Kb / 1P
IDC IDC DIP PLUG (TRANSITION) 2.0mm
logo
Yamaichi Electronics Co...
NCP036-020-BF YAMAICHI-NCP036-020-BF Datasheet
124Kb / 2P
IDC Type Plugs
logo
Dubilier
DBCIDC1120AS1 DUBILIER-DBCIDC1120AS1_11 Datasheet
333Kb / 2P
IDC IDC DIP PLUG (TRANSITION)
DBCIDCDIP200 DUBILIER-DBCIDCDIP200 Datasheet
181Kb / 1P
IDC IDC DIP PLUG (TRANSITION) 2.0mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com