Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS628T Datasheet(PDF) 1 Page - Adam Technologies, Inc.

Part # ICS628T
Description  IC SOCKETS SINGLE & DUAL ROW SOCKETS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

ICS628T Datasheet(HTML) 1 Page - Adam Technologies, Inc.

  ICS628T Datasheet HTML 1Page - Adam Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Adam Technologies, Inc.
909 Rahway Avenue Union, New Jersey 07083 T: 908-687-5000 F: 908-687-5710 WWW.ADAM-TECH.COM
179
INTRODUCTION:
Adam Tech ICS Series IC Sockets are a low profile design available
in single or dual row on .100" centerline pin spacing with .300" or
.600” row spacing. Our ISD Series is a fine pitch socket on .070"
centerlines with .300" or .600" row spacing. All Adam Tech sockets
are manufactured with our exclusive single beam dual wipe contact
design which produces a high pressure wiping action for superior
connectivity. In addition to an internal contact stop which prevents
over stressing of the contact, each has a wide lead in to eliminate
mis-mating and a closed bottom anti-solder wicking design.
FEATURES:
High Pressure Contacts
Single Beam, Dual Wipe Contacts
Anti-Solder Wicking design
Machine Insertable
Single or Dual Row
Low Profile
MATING COMPONENTS:
All industry standard components with SIP or DIP leads
SPECIFICATIONS:
Material:
Standard insulator: PBT, Glass reinforced, rated UL94V-0
Optional Hi-Temp insulator: Nylon 6T, rated UL94V-0
Insulator Color: Black
Contacts: Phosphor Bronze
Contact Plating:
Tin over copper underplate overall
Electrical:
Operating voltage: 250V AC max.
Current rating: 1 Amp max.
Contact resistance: 20 m
Ω max. initial
Insulation resistance: 5000 M
Ω min.
Dielectric withstanding voltage: 1000V AC for 1 minute
Mechanical:
Insertion force: 11.5 oz max with .024" X .006: leads
Withdrawal force: 0.85 oz min with .024" X .006" leads
Temperature Rating:
Operating temperature: -55°C to +105°C
Soldering process temperature:
Standard insulator: 235°C
Hi-Temp insulator: 260°C
PACKAGING:
Anti-ESD plastic tubes
SAFETY AGENCY APPROVALS:
UL Recognized File No. E224053
CSA Certified File No. LR1578596
OPTIONS:
Add designator(s) to end of part number
OF = Open Frame without center bar
HT = Hi-Temp insulator for Hi-Temp soldering
processes up to 260°C
ORDERING INFORMATION
IC SOCKETS
IC SOCKETS
SINGLE & DUAL ROW SOCKETS
ICS SERIES
ICS
6
28
T
SERIES INDICATOR
ICS = .100" IC Socket
ISD = .070" Shrink
Socket
ROW SPACING
3 = .300" row spacing
Positions: 06, 08,
14, 16, 18, 20,
24, 28
6 = .600" row spacing
Positions: 24, 28,
32, 40, 42, 48
POSITIONS
06 Thru 48
PLATING
T = Tin plated
SIS
08
T
SERIES
INDICATOR
SIS = Single
Row Socket
POSITIONS
02-20
PLATING
T = Tin plated
ORDERING INFORMATION
SINGLE ROW SOCKETS
®
®
V
D E
UL
®
RoHS
COMPLIANT
2002 / 95 / EC
2002 / 95 / EC
Pb
RoHS
COMPLIANT
HI-TEMP
INSULATOR
A V A I L A B L E


Similar Part No. - ICS628T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS620-01 ICST-ICS620-01 Datasheet
64Kb / 4P
Digital Still Camera Clock Source
Revision 072098
ICS620-01R ICST-ICS620-01R Datasheet
64Kb / 4P
Digital Still Camera Clock Source
Revision 072098
ICS620-01RT ICST-ICS620-01RT Datasheet
64Kb / 4P
Digital Still Camera Clock Source
Revision 072098
logo
Integrated Device Techn...
ICS621 IDT-ICS621 Datasheet
226Kb / 10P
LOW SKEW 1 TO 4 CLOCK BUFFER
ICS621 IDT-ICS621 Datasheet
118Kb / 10P
LOW SKEW 1 TO 4 CLOCK BUFFER
More results

Similar Description - ICS628T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3406-0000 ETC-3406-0000 Datasheet
158Kb / 2P
Fits standard IC sockets
logo
Adam Technologies, Inc.
ICS-320-T ADAM-TECH-ICS-320-T Datasheet
104Kb / 1P
IC SOCKETS SINGLE & DUAL ROW .100 [2.54] CENTERLINE
logo
Dubilier
DBCIC32SC6 DUBILIER-DBCIC32SC6 Datasheet
106Kb / 1P
IC SOCKETS STAMPED & FORMED CONTACTS
DBCPLCC20SMTTR DUBILIER-DBCPLCC20SMTTR Datasheet
135Kb / 1P
IC SOCKETS PLCC
logo
Omron Electronics LLC
XR2 OMRON-XR2 Datasheet
1Mb / 14P
IC Sockets
logo
Grayhill, Inc
22-16-2 GRAYHILL-22-16-2 Datasheet
36Kb / 1P
Sockets
logo
Dubilier
DBCIC32TP6 DUBILIER-DBCIC32TP6_11 Datasheet
216Kb / 1P
IC SOCKETS TURNED - PIN CONTACT
DBCPLCC20SMTTR DUBILIER-DBCPLCC20SMTTR_11 Datasheet
170Kb / 1P
IC SOCKETS PLCC
logo
List of Unclassifed Man...
2227MC ETC2-2227MC Datasheet
101Kb / 2P
2227MC Series - IC Sockets
logo
Littelfuse
OT08PC LITTELFUSE-OT08PC Datasheet
210Kb / 1P
SOCKETS
2016
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com